Part Number Hot Search : 
MC100EP 18X20 BT8110 471M5 00A2E2 DBF60G LTC1852 AD795
Product Description
Full Text Search
 

To Download EM4055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM MICROELECTRONIC - MARIN SA
EM4055
1KBIT Read/Write Contactless Identification Device with anticollision
Description
The EM4055 is a CMOS integrated circuit for passive read/write RF-transponders operating in the low frequency range (125kHz typically). The chip contains 1kbit of EEPROM which can be configured by the user allowing write inhibited words, read protected words and read area output continuously at power-on. The memory can be secured by using the 32-bit password for all write and read protected operations. The password can be updated but never read. The fixed code anticollision ID and device identification are programmed once, and then locked. The chip can be configured to start at power on in QUIET mode, or in Standard read mode. The EM4055 will transmit data to the reader by modulating the amplitude of the magnetic field, and receive data and commands by 100% modulation induced by the reader. Simple commands allow writing to EEPROM, updating the password, read a specific memory area, perform the anticollision procedure, and reset the logic. The coil and capacitor of the tuned LC circuit are the only external components required.
Features
* * * * * * * * * * * * * * * * 1k bit EEPROM (32 words of 32 bit each) User defined Read memory area as default output User defined Write protected words User defined Read protected words Power-check before EEPROM Write operation 32 bits WORM anticollision ID 32 bits WORM device identification Fast Anticollision Protocol for a large number of Transponders Detection of Tag entering the field Data transmission performed by amplitude modulation Reader to transponder : ASK 100%, Transponder to Reader : ASK User selectable data-rate : RF/64 or RF/32 100kHz to 150kHz field frequency range On-chip rectifier and voltage limitation On-chip supply buffer capacitor Power-on Reset -40 to +85C operating temperature range
Applications
* * * * * * Ticketing Hands free Access control Inventory Control Prepayment devices Manufacturing automation with portable database Industrial logistics
Typical Operating Configuration
C2 L EM4055 C C1
Typical configuration at 125 kHz uses a coil of 4.9 mH and a 330 pF capacitor Fig. 1
Copyright (c) 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of EM4055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X