Part Number Hot Search : 
N82S123 G30N60 BY1800 00218 BPC1010 C5VDC CT1623 BC548C
Product Description
Full Text Search
 

To Download EDI7F433512C80BNC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EDI7F33512C
512Kx32 Flash
DESCRIPTION
The EDI7F33512, EDI7F233512 and EDI7F433512 are organized as 512Kx32 and 2x512Kx32 and 4x512Kx32 respectively. The modules are based on AMD's AM29F040 - 512Kx8 Flash Device in TSOP packages which are mounted on an FR4 substrate. The modules offer access times between 80 and 150ns allowing for operation of high-speed microprocessors without wait states.
FIG. 1
BLOCK DIAGRAMS EDI7F33512C-BNC: 512Kx32 80 PIN SIMM
EO\ A0-A18 G\ 512K X8 W0\ 512K X8 W1\ 512K X8 W2\ 512K X8 W3\ DQ24-DQ31 DQ16-DQ23 DQ8-DQ15 DQ0-DQ7
FEATURES
512Kx32, 2x512Kx32 and 4x512Kx32 Densities Based on AMDs - AM290F040 Flash Device Fast Read Access Time - 80-150ns 5- Volt-Only Reprogramming Sector Erase Architecture Uniform sectors of 64 Kbytes each Any combination of sectors can be erased Also supports full chip erase Sector Protection Hardware method that disables any combination of sectors from write or erase operations Embedded Erase Algorithms Automatically preprograms and erases the chip or any combination of sectors Embedded Program Algorithms Automatically programs and verifies data at specified address Data Polling and Toggle Bit feature for detection of program or erase cycle completion Low Power Dissipation 40mA per Device Active Current 10A per Device CMOS Standby Current Typical Endurance >100,000 Cycles Single 5 Volt 10% Supply CMOS and TTL Compatible Inputs and Outputs Commercial and Industrial Temperature Range Package 80 Pin SIMM (JEDEC)
W3\ W2\ 512K X8 W1\ 512K X8 W0\ 512K X8
EDI7F233512C-BNC: 2x512Kx32 80 PIN SIMM
E1\ E0\ A0-A18 G\ 512K X8 W0\ 512K X8 W1\ 512K X8 W2\ 512K X8 W3\ 512K X8 512K X8 512K X8 512K X8 DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
EDI7F433512C-BNC: 4x512Kx32 80 PIN SIMM
E3\ E2\ E1\ E0\ A0-A18 G\
512K X8
512K X8
512K X8
512K X8 DQ0-DQ7
512K X8
512K X8
512K X8 DQ8-DQ15
512K X8
512K X8
512K X8 DQ16-DQ23
512K X8
512K X8
512K X8 DQ24-DQ31
Sept. 2002 Rev. 4A ECO #15528
1
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
EDI7F33512C
CAPACITANCE
(f=1.0MHz, VIN = VCC or VSS) Parameter Address Lines Data lines Chip & Write Enable Lines Output Enable lines Sym CA CDQ CC CG 512K Max 35 15 15 35 2x512K Max 70 30 30 70 4x512K Max 140 60 60 140 Units pF pF pF pF
PIN CONFIGURATIONS
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
*TBD
Pin Name VSS VCC NC G\ W0\ W1\ NC DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28
Pin # 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Pin Name * * * * VSS DQ29 DQ30 DQ31 W2\ NC NC NC NC A18 A17 A16 A15 A14 A13 A12
Pin # 41 42 43 44 45 461 47 48 49 50 51 52 53 54 55 56 57 58 59 60
Pin Name A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 AO W3\ VSS DQ15 DQ14 DQ13 DQ12 DQ11 DQ10
Pin # 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
Pin Name DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 NC VCC PD1 PD2 PD3 PD4 PD5 PD6 PD7 VSS
Simm Density Pin 2Mb 21 NC 22 NC 23 NC 24 E0\
4Mb NC NC E1\ E0\
8Mb E3\ E2\ E1\ E0\
Presence Detect Pin Out Pin 512K 2x512K PD1 VSS NC PD2 VSS NC PD3 VSS NC PD4 NC VSS A0-A18 E0\-E3\ W0\-W3\ G\ DQ0-DQ31 PD VCC VSS NC
4x512K VSS NC NC VSS
Address input Chip Enable Write Enable Output Enable Data Input/Output Presence Detect Power 5V10% Ground No Connect
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
2
Sept. 2002 Rev. 4A ECO #15528
EDI7F33512C
ORDERING INFORMATION
Part Number EDI7F33512C80BNC EDI7F33512C90BNC EDI7F33512C100BNC EDI7F33512C120BNC EDI7F33512C150BNC Speed (ns) 80 90 100 120 150 Package 366 366 366 366 366
4.655 MAX. 4.384 0.705 MAX. 0.250 0.120 MAX. 0.400
P1
R4
0.062 R
0.050 TYP. 0.250 4.150 2.245
0.062 R 2.192 0.125 MIN.
Part Number EDI7F233512C80BNC EDI7F233512C90BNC EDI7F233512C100BNC EDI7F233512C120BNC EDI7F233512C150BNC
Speed (ns) 80 90 100 120 150
Package 367 367 367 367 367
4.655 MAX. 4.384 0.125 DIA (2x)
R1 R3
0.170 MAX. 0.705 MAX.
REV. #
R2 R4
0.250
P1
0.400 0.050 TYP. 2.245 0.250 4.150 2.192
0.125 MIN.
0.062 R(2X)
Part Number EDI7F433512C80BNC EDI7F433512C90BNC EDI7F433512C100BNC EDI7F433512C120BNC EDI7F433512C150BNC
Speed (ns) 80 90 100 120 150
Package 368 368 368 368 368
4.655 MAX. 4.384 0.200 MAX.
J1 J2 J3 J4 J5 J6 J7
1.135
0.250
0.400
P1 0.050 TYP. 0.250 0.062 R. (2x) 2.245 0.125 DIA (2x) 4.150 2.192 0.125 MIN.
0.062 R.
ALL DIMENSIONS ARE IN INCHES
Sept. 2002 Rev. 4A ECO #15528
3
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
DATASHEET APPROVALS
EDI PART NO. APPROVAL:
JUAN GUZMAN MUKESH TRIVEDI PAUL MARIEN LARRY WINROTH DAVE KELLY MARK DOWNEY DAVE HARRISON TONY LEE BOB KHEDERIAN LUIS ESTELLA YES WILL THIS DATASHEET GO ON THE WEB? NO LINE:________ FAMILY:____________ PROD.TYPE:________ ORG:___________ DENSITY:________ SPEED:__________ PKG:____________ VOLTAGE:________
9/27/02
EDI7F33512C
ECO# 15528 NEW REV 4A DATE
9/25/02
DATE 9/24/02 CORRECTION ON PAGES
INITIAL
L.K.
9/26/02
M.A.
IS THIS A NEW DATASHEET? WILL THIS DATASHEET REPLACE AN EXISTING DATASHEET THAT'S ALREADY ON THE WEB? IF YES, WHAT DATASHEET IS IT REPLACING? WHAT SECTION SHOULD THIS DATASHEET BE PLACED IN ON THE WEB?
AFTER REVIEWING OR MAKING CORRECTIONS ON THE DATASHEET (S) PLEASE SIGN-OFF ON THIS SHEET AND ,MAKE YOUR CORRECTIONS -ON THE ORIGINAL COPY(S). AFTER REVIEWING THE DATA SHEET, TEST ENGINEERING WILL COMPLETE THE SECTION BELOW. TEST PROGRAM CHANGE REQUIRED: YES:_________NO____________DATE:___________ TEST ENGINEER SIGNATURE___________________ IF YES, DO NOT RELEASE DATA SHEET UNTIL TEST PROGRAM CHANGE IS COMPLETED. TEST PROGRAM CHANGE COMPLETION DATE:__________ TEST PROGRAM NAME AND REVISION_________________ TEST ENGINEER SIGNATURE__________________________
FO-00342R1.DOC
ECO# 14942
SHEET 1 OF 1


▲Up To Search▲   

 
Price & Availability of EDI7F433512C80BNC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X