Part Number Hot Search : 
PVR13N1 LY6264RL 15J301 AA541 MCL245 2SD180 2SD1523 RMXS2W
Product Description
Full Text Search
 

To Download DS2703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS2703 SHA-1 Battery Pack Authentication IC
www.maxim-ic.com
GENERAL DESCRIPTION
The DS2703 provides a robust cryptographic solution to ensure the authenticity of Li-Ion battery packs for cell phone, PDA, and portable computing devices. The DS2703 employs the Secure Hash Algorithm (SHA-1) specified in the Federal Information publication 180-1 and 180-2, and ISO/IEC 10118-3. SHA-1 is designed for authentication3/4just what is required for identifying battery packs manufactured by authorized sources. The device's SHA-1 engine processes a host transmitted challenge using its stored 64-bit secret key and unique 64-bit ROM ID to produce a 160-bit response word for transmission back to the host. The secret key is securely stored on-chip and never transmitted between the battery and the host. A DS2703-based system produces a high degree of authentication security between a host system and its removable battery or other peripheral devices. The Thermistor Multiplexer feature allows a three contact battery pack configuration to support data and thermistor functions. When activated through 1-Wire command, the THM pin presents the thermistor impedance on the data contact and disconnects internal loading from the node.

FEATURES
Secure Challenge and Response Authentication Using the SHA-1 Algorithm (R) Directly Powered by the Dallas 1-Wire Interface with 16kpbs Standard and 143kpbs Overdrive Communication Modes Unique 64-Bit Serial Number Thermistor Multiplexer Operates with VPULLUP as Low as 2.7V mMax-8 Package (Lead-Free)
ORDERING INFORMATION
PART DS2703U DS2703U/T&R DS2703U+ DS2703U+T&R TEMP RANGE -20C to +70C -20C to +70C -20C to +70C -20C to +70C PIN-PACKAGE mMax-8 DS2703U on Tape-and-Reel mMax-8 DS2703U+ on Tape-and-Reel
+ Denotes lead-free package.
APPLICATIONS
2.5G/3G Wireless Handsets PDAs Handheld or Notebook Computers and Terminals Digital Still and Video Cameras
TYPICAL OPERATING CIRCUIT
PACK + BATTERY PACK
PIN CONFIGURATION
TOP VIEW
THM VSS DQ VB
1 2 3 4
8 7 6 5
NC NC NC NC
DS2703
DATA 150W
DQ VB 0.22mF THM VSS
mMAX DS2703U+
PACK -
Li-Ion Protection
1-Wire is a registered trademark of Dallas Semiconductor.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 20
REV: 071805
DS2703 SHA-1 Battery Pack Authentication IC
ABSOLUTE MAXIMUM RATINGS
Voltage Range on DQ, THM Pins Relative to Ground Voltage Range on VB Pin Relative to Ground Operating Temperature Range Storage Temperature Range Soldering Temperature -0.3V to +18V -0.3V to +6V -40C to +85C -55C to +125C See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -20C to +70C.) PARAMETER DQ Pullup Voltage
DQ, THM Relative Voltage
SYMBOL VPULLUP
VDQ-THM
CONDITIONS Communication Mode Computation Mode
(Note 1) (Note 2)
MIN 0 2.7
-0.3
TYP
MAX 5.5 5.5
15
UNITS V
V
DQ to THM Resistor
RDQ-THM
5
500
KW
DC ELECTRICAL CHARACTERISTICS
(VPULLUP = 2.7V to 5.5V, TA = -20C to +70C.) PARAMETER SYMBOL
IDQ1 IDQ2 DQ Load Current IDQ3 IPP IPP-IDLE DQ Programming Voltage Input Logic High: DQ Input Logic Low: DQ Output Logic Low: DQ Output Logic Low: THM Hold-Up Current: VB pin DQ Capacitance VPP VIH VIL VOL-DQ VOL-THM IHU CDQ
CONDITIONS
Communication Mode Computation Mode, SHA-1 Computation Active Thermistor Mux Active, (Note 3) 14.5 < V(DQ) < 15.0V o 0 < t < 50 C (Note 4) Program Pulse, (Note 5, 6) (Note 6) (Note 6) IOL = 4mA, (Note 6, 7) IOL = 4mA, (Note 6, 7, 8) THM pin Active, VB = 2.70V (Note 9)
MIN
TYP
MAX
5 0.5 1 10 60
UNITS
mA mA mA mA mA V V V V V mA pF
14.5 0.8 VPULLUP
15.0 0.5 0.4 0.4 3.2 50
EEPROM RELIABILITY SPECIFICATION
(VPULLUP = 2.7V to 5.5V, TA = -20C to +70C.)
PARAMETER EEPROM Write Endurance SYMBOL NEEC CONDITIONS 0 < t < 50 C (Note 10)
o
MIN 1000
TYP
MAX
UNITS Cycles
2 of 20
DS2703 SHA-1 Battery Pack Authentication IC
AC ELECTRICAL CHARACTERISTICS
(VPULLUP = 2.7V to 5.5V, TA = -20C to +70C.)
PARAMETER THM Low Delay Computation Delay Time Computation Time Programming Pulse Width Programming Pulse Rise Time Programming Pulse Fall Time Start-up Delay Time SYMBOL tTD tD tSHA tPPW tPPR tPPF tSTRT (Note 13) CONDITIONS (Note 11) (Note 12) (Note 12) (Note 5) 17 0.5 0.5 5 5 100 100 15 MIN TYP MAX 15 UNITS ms s ms ms s s ms
AC ELECTRICAL CHARACTERISTICS: 1-Wire INTERFACE
(VPULLUP = 2.7V to 5.5V, TA = -20C to +70C.)
PARAMETER 1-Wire INTERFACE REGULAR TIMING Time Slot Recovery Time Write 0 Low Time Write 1 Low Time Read Data Valid Time Reset Time High Reset Time Low Presence Detect High Presence Detect Low 1-Wire INTERFACE OVERDRIVE TIMING Time Slot Recovery Time Write 0 Low Time Write 1 Low Time Read Data Valid Time Reset Time High Reset Time Low Presence Detect High Presence Detect Low
Note 1: Note 2: Note 3: Note 4:
SYMBOL tSLOT tREC tLOW0 tLOW1 tRDV tRSTH tRSTL tPDH tPDL tSLOT tREC tLOW0 tLOW1 tRDV tRSTH tRSTL tPDH tPDL
CONDITIONS
MIN 60 1 60 1 480 480 15 60 6 1 6 1 48 48 2 8
TYP
MAX 120 120 15 15 960 60 240 16 16 2 2 80 6 24
UNITS s s s s s s s s s s s s s s s s s s
Note 5: Note 6: Note 7: Note 8: Note 9: Note 10: Note 11: Note 12: Note 13:
VDQ - VTHM. The THM pin must not be driven to a higher voltage than the DQ pin. The application thermistor cannot exceed the RDQ-THM resistance range over operating temperature. If thermistor mode is not used in the application, it is recommended that a 50K resistor be connected between DQ and THM pins instead. Maximum leakage of DQ pin while in thermistor mode. When performing a Lock Secret (0x6A), Set Overdrive (0x8B) or Clear Overdrive (0x8D) operation, there will be an increased operating current of IPGMIDLE during the time period from when the command is issued until the next 1-Wire bus reset. IPGM-IDLE current will be present before and after the program pulse. See Figure 11 for definitionof tPPR, tPPW , and tPPF. All voltages referenced to VSS. VDQ must be at least 3.0V when the 1-Wire bus is idle. Drive strength at time=0 after Activate Thermistor command is sent to the DS2703. Does not include capacitance referred from VB pin on initial power up. EEPROM data read retention is four years at +50C Time from msb of Activate Thermistor command until THM pin is driven low internally. Time from msb of Compute Next Secret or Compute MAC command. Time after initial power up before the DS2703 will respond to communication. TSTRT specifications are valid only if the capacitor on VB (CVB) is 0.22F. Worst case 100ms delay based on maximum thermistor value of 500k.
3 of 20
DS2703 SHA-1 Battery Pack Authentication IC
PIN DESCRIPTION
PIN NAME FUNCTION
1 2 3 4 5 6 7 8
THM VSS DQ VB NC NC NC NC
Thermistor Mux. Connect a thermistor from THM to DQ. Optional. For temperature measurements only. If a thermistor is not used in the application, It is recommended THM be tied to DQ with a 50K resistor instead. THM should never be left floating. Device Ground. Connect directly to the negative terminal of the battery cell. Data Input/Output. 1-Wire data line. Open-drain output driver. Connect this pin to the DATA terminal of the battery pack. This pin has a weak internal pulldown (1A Typical). Hold-up Supply Bypass Input. Internal power supply to the DS2703 while DQ is low. Connect a 0.22F capacitor from VB to VSS. No Connect. Pin not connected internally, float or connect to VSS. No Connect. Pin not connected internally, float or connect to VSS. No Connect. Pin not connected internally, float or connect to VSS. No Connect. Pin not connected internally, float or connect to VSS.
Figure 1. Block Diagram
V DD_INT
DQ
1-Wire Interface
Response
VB
MAC Buffer (Registers A - E)
2 x 32 bit Rom ID
VSS
Command Processor
SHA-1 Engine
2 x 32 bit Challenge
Fixed Data & Constants EEPROM Write Control
2 x 32-bit Secret
THM
Driver
To Command Processor
Timing Generator
4 of 20
DS2703 SHA-1 Battery Pack Authentication IC
DETAILED DESCRIPTION
The DS2703 is comprised of a SHA-1 Authentication function and thermistor mux control that are accessed via a 1Wire interface. The high voltage (HV) detection circuit routes the externally supplied programming voltage to the EEPROM array and enables the internal regulator to isolate portions of the chip from the programming voltage. The 1-Wire interface controls access by a host system to the 64-bit Net Address (ROM ID) and SHA-1 Authentication. The DS2703 operates in one of four operating modes: communication, computation, programming and thermistor access. Most operations are performed in communication mode, with the host system addressing the DS2703 using Net Address commands and then setting up an authentication exchange and retrieving the results. In communication mode, the DQ load current averages 5mA maximum, and the DS2703 can be "parasite" powered via the DQ pin through a high impedance pullup resistor during a communication transaction. Power available while the 1-Wire bus is at a logic high is rectified by the on chip diode and stored in an off chip capacitor connected to the VB pin. The voltage regulator operates in a low impedance drop-out mode in the communication mode. In computation mode, when a SHA-1 verification is performed, the DQ load current increases up to 1mA, necessitating a lower impedance pullup resistor. The computation mode load current occurs after the host supplies the required challenge data and requests the computation using the proper function commands in communication mode. In this mode, the pullup supply and low impedance pullup resistor must be capable of keeping the DQ pin above VPULLUP-MIN. The voltage regulator operates in a low impedance drop-out mode. The third operating mode is required when programming the non-volatile memory portions of the DS2703. The programming mode is defined by the application of a high voltage programming pulse to the DQ pin at the appropriate point during a Compute Secret command, Load/Lock Secret or Clear/Set Overdrive Timing command. The internal voltage regulator limits the internal voltage (VDD_INT) to isolate low voltage portions of the chip from the HV programming pulse. Typically, programming mode is used during module or pack manufacture to configure the DS2703 and program the 64-bit secret. Finally, thermistor mode allows the voltage on an external thermistor to be measured from the DQ line. The command sequence causes the DS2703 to internally disconnect its DQ interface and drive the THM pin to VSS allowing the measurement to be made. The IC remains in this mode until the VB pin capacitor is drained causing the DS2703 to power cycle back to communication mode.
AUTHENTICATION
Authentication is performed using a FIPS-180 compliant SHA-1 one way hash algorithm on a 512 bit message block. The message block consists of a 64-bit secret, a 64-bit challenge and 384 bits of constant data. Optionally, the 64-bit net address replaces 64 of the 384 bits of constant data used in the hash operation. An authentication attempt is initiated by the host system providing a 64-bit random challenge then sending one of two compute command sequences. The host and the DS2703 both calculate the result based on the mutually known secret. The result data, known as the Message Authentication Code (MAC) or Message Digest, is returned by the DS2703 for comparison to the host's result. Note that the secret is never transmitted on the bus and thus cannot be captured by observing bus traffic. SHA-1 based authentication is a cryptographically strong method in wide use for digitally signing encrypted files and secure transactions such as electronic cash and password exchange protocols. The FIPS 180 Compliant Input Block, the 512-bit message block is organized as sixteen 32-bit words, W0-W15. The message block is initialized when a command is received to compute the MAC. Upon initialization, the 64-bit secret is loaded, and it is important to note that the SHA-1 algorithm has access to this data, but not the serial interface. The challenge data is received with the command just prior to the compute MAC command. The challenge data is cleared during computation of the MAC, so the host must write new challenge data prior to issuing each Compute MAC or Compute Next Secret command. Additionally, the A, B, C, D and E variables used in the hash computation are initialized per FIPS 180 as shown in Table 1. Variable Initiation.
5 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Table 1. Variable Initiation
A B C D E [31:0] 67h EFh 98h 10h C3h [23:16] 45h CDh BAh 32h D2h [15:8] 23h ABh DCh 54h E1h [7:0] 01h 89h FEh 76h F0h
The 160-bit MAC is computed per FIPS 180, including the addition of constants H0-H4. Adding H0-H4 is necessary only to maintain compliance with FIPS 180. The computed MAC is held in the A-E register memory and then returned as a 160-bit serial stream, beginning with the least significant bit of variable A.
Table 2. Message Authentication Code (MAC) Return Format
A[31:24] B[31:24] C[31:24] D[31:24] E[31:24] A[23:16] B[23:16] C[23:16] D[23:16] E[23:16] A[15:8] B[15:8] C[15:8] D[15:8] E[15:8] A[7:0] B[7:0] C[7:0] D[7:0] E[7:0]
SHA-1 HASH ALGORITHM
General Definitions: This description of the SHA computation is adapted from the Secure Hash Standard SHA-1 document. The algorithm takes as its input data 16, 32-bit words Mt (0 t 15) as shown in the SHA-1 Input Message Format tables. The SHA computation involves six 32-bit word variables labeled A, B, C, D, E, and TMP, five 32-bit word constants labeled H0, H1, H2, H3, and H4, a sequence of eighty 32-bit words called W t (0 t 79), a sequence of eighty 32-bit words called Kt (0 t 79), and a Boolean function ft(B,C,D) (0 t 79). The operations required for the SHA computation are arithmetic addition without carry ("+"), logical inversion or 1's complement ("\"), logical XOR ("A"), logical AND ("^"), logical OR ("v"), concatenation of 32-bit values ("|"), assignment (":=") and circular n shifting within a 32-bit word. The expression S (X) represents a circular shift of X by n positions to the left, with X being a 32-bit word. The function ft is defined as follows: (B^C)v((B\)^D) ft(B,C,D) = = BACAD = (B^C)v(B^D)v(C^D) = BACAD (0 t 19) (20 t 39) (40 t 59) (60 t 79)
The sequence Kt (0 t 79) is defined as follows: := 5A827999h (0 t 19) Kt 6ED9EBA1h (20 t 39) 8F1BBCDCh (40 t 59) CA62C1D6h (60 t 79) The sequence Wt (0 t 79) is defined as follows: := Mt (see table, FIPS-180 compliant input block) Wt 1 S (W t-3 A W t-8 A W t-14 A W t-16) (16 t 79) (0 t 15)
6 of 20
DS2703 SHA-1 Battery Pack Authentication IC SHA Computation The variables A, B, C, D, E and constants H0, H1, H2, H3, and H4 are initialized as follows: A := 67452301h H0 := 67452301h B := EFCDAB89h H1 := EFCDAB89h C := 98BADCFEh H2 := 98BADCFEh D := 10325476h H3 := 10325476h E := C3D2E1F0h H4 := C3D2E1F0h The final values of variables A, B, C, D, and E are generated by looping through the following set of computations for t = 0 to 79 (discarding any carry-out). Finally, the H0-H4 constants are added to the A-E variables respectively, which are then concatenated to form the 160-bit MAC, ABCDE. for ( t = 0 to 79 ) { TMP := E := D := C := B := A := }
S (A) + Ft(B,C,D) + W t + Kt + E D C 30 S (B) A TMP
5
160-bit MAC := (A+H0) | (B+H1) | (C+H2) | (D+H3) | (E+H4)
DS2703 AUTHENTICATION COMMANDS
WRITE CHALLENGE [0Ch]. This command writes 64 bits in the message block. The LSB of the 64-bit data can begin immediately after the MSB of the command has been completed. If more than 8 bytes are written, the final value in the challenge register will be indeterminate. The Compute MAC and Compute Next Secret (with or without ROM ID) function commands clear the challenge value. Therefore the Write Challenge command must be issued prior to every Compute MAC or Compute Next Secret command for reliable results. COMPUTE MAC WITHOUT ROM ID [36h]. This command initiates a SHA-1 computation on the 512 bit block comprised of words W0 - W15. The 64-bit secret and the 64-bit challenge are loaded in the message block. The DS2703 takes up to 100us after receiving this command to begin computing the MAC. This gives the host ample time to connect the DQ pin to a low impedance node prior to the high current demand computation. The DQ pin must not fall below VPULLUP_MIN during the computation period, tCOMP. The host must release the DQ pin for 1-Wire data communications (i.e. terminate the low source impedance mode). After the DQ pin has returned to normal impedance, the host must write eight write zero time slots and then issue 160 read time slots to get the MAC. The 32-bit registers A, B, C, D, and E are used during every cycle of the hash algorithm and their final values at calculation cycle t=79 are added to the values H0-H4 and stored in registers A-E. The new word ABCDE is now the MAC. After issuing the command and waiting a minimum of tCOMP, the host reads the 20-byte MAC. This command allows the use of a master secret and message digest response independent of the ROM ID. COMPUTE MAC WITH ROM ID [35h] This command is structured the same as the Compute MAC without ROM ID, except that the ROM ID is loaded to the message block. Including the ROM ID unique to each DS2703 in the MAC computation allows the use of a unique secret in each token and a master secret in the host device. See application note "White Paper 4", available at http://www.maxim-ic.com, for more information. SHA-1 related commands used while authenticating a battery or peripheral device are summarized in Table for convenience. Four additional commands for clearing, computing and locking of the Secret are described in detail in the following section.
7 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Table 3. Authentication Function Commands
COMMAND Write Challenge Compute MAC without ROM ID and return MAC Compute MAC with ROM ID and return MAC HEX 0C 36 35 FUNCTION Writes 64-bit challenge for SHA-1 processing. Required prior to either Compute MAC command. Computes hash with logical 1's in place of the ROM_ID Computes hash including the ROM_ID
SECRET MANAGEMENT FUNCTION COMMANDS
LOAD SECRET [5Ah]. This command writes the 64-bit secret to the provided 64-bit data argument value. The host must apply a programming pulse to write the secret value to EEPROM. COMPUTE NEXT SECRET WITHOUT ROM ID [30h]. This command initiates a SHA-1 computation of the MAC and uses a portion of the resulting MAC as the next or new secret. The MAC computation is performed with the current 64-bit secret and the 64-bit challenge. Logical 1's are loaded in in place of the ROM ID since the ROM ID data is not used in this command. Two words (64 bits) of the output MAC are used as the new secret value. The host must allow tCOMP after issuing this command for the SHA calculation to complete, then apply a programming pulse to write the new secret value to EEPROM. COMPUTE NEXT SECRET WITH ROM ID [33h]. This command initiates a SHA-1 computation of the MAC and uses a portion of the resulting MAC as the next or new secret. The MAC computation is performed with the current 64-bit secret, the 64-bit ROM ID, and the 64-bit challenge. Two words (64 bits) of the output MAC are used as the new secret value. The host must allow tCOMP after issuing this command for the SHA calculation to complete, then apply a programming pulse to write the new secret value to EEPROM. LOCK SECRET [6Ah]. This command write protects the 64-bit Secret to prevent accidental or malicious overwrite of the secret value. The Secret value stored in EEPROM becomes "final." The host must apply a programming pulse to write the secret lock bit to EEPROM.
Table 4. Secret Loading Function Commands
COMMAND Load Secret Compute Next Secret without ROM ID Compute Next Secret with ROM ID Lock Secret HEX 5A 30 33 6A FUNCTION Loads the Secret with 64-bit data argument Generates new global secret Generates new unique secret Sets lock bit to prevent changes to the Secret
1-Wire SPEED CONTROL FUNCTION COMMANDS
CLEAR OVERDRIVE [8Dh]. This command clears the 1-Wire Overdrive bit to select the Standard 1-Wire timings shown in the Electrical Characteristics table. The Overdrive bit is stored in EEPROM so that the programmed speed selection can be recalled on initial power up. The host must apply a programming pulse to complete the command. SET OVERDRIVE [8Bh]. This command sets the 1-Wire Overdrive bit to select the Overdrive 1-Wire timings shown in the Electrical Characteristics table. The Overdrive bit is stored in EEPROM so that the programmed speed selection can be recalled on initial power up. The host must apply a programming pulse to complete the command.
8 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Table 5. 1-Wire Speed Control Function Commands
COMMAND Clear Overdrive Set Overdrive HEX 8D 8B FUNCTION Clears the Overdrive 1-Wire Speed bit to select Standard 1-Wire timings Sets the Overdrive 1-Wire Speed bit to select Overdrive 1-Wire timings
THERMISTOR MEASUREMENT
The DS2703's 1-Wire interface allows a thermistor to be multiplexed on the DQ line for thermal measurements of the cell pack without adding an additional pack connection. See the Typical Operating Circuit, Figure 5. The thermistor is connected between the DQ and THM pins. THM is normally high impedance to prevent the thermistor from interfering with 1-Wire communication. When an Activate THM command is received, THM is internally driven to VSS and the DQ pin becomes high impedance allowing the thermistor resistance to be measured. See the timing diagram in Figure 12.
Figure 2. Thermistor Mode Duration when CVB is .22F
Normal Mode of Operation Restored
Worst Case Slowest Transition
800
1000
Time (ms)
600
Typical Transition Time
400
Worst Case Quickest Transition Time
200
Valid Thermistor Measurement Period
0 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5
DQ Pullup Voltage (V) The DS2703 will remain in thermistor measurement mode until the stored charge on the VB pin capacitor is depleted causing the IC to power cycle back to standard mode of operation. While in thermistor measurement mode, communication to the DS2703 is not possible. After measuring the thermistor, the host must wait until the VB capacitor is depleted. Figure 2 shows the typical and worst case transition times over the full operating range when using .22F as the VB pin capacitor. Thermistor measurements should be made within the first 100ms after issuing the command. The host system should then wait until at least 1000ms have passed before sending the next communication sequence to the IC.
9 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Table 6. Thermistor Function Command
COMMAND Activate Thermistor HEX A9 FUNCTION Activates the THM output for thermistor measurement. Activation occurs within 50ms of command completion and continues until VB capacitor depleted.
1-Wire BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. A multidrop bus is a 1-Wire bus with multiple slaves, while a single-drop bus has only one slave device. In all instances, the DS2703 is a slave device. The bus master is typically a microprocessor in the host system. The discussion of this bus system consists of five topics: 64-bit net address, CRC generation, hardware configuration, transaction sequence, and 1-Wire signaling.
64-BIT NET ADDRESS (ROM ID)
Each DS2703 has a unique, factory-programmed 1-Wire Net Address that is 64 bits in length. The term Net Address is synonymous with the ROM ID or ROM Code terms used in earlier Dallas 1-Wire product documentation. The first eight bits of the Net Address are the 1-Wire family code, (34h) for the DS2703. The next 48 bits are a unique serial number. The last eight bits are a cyclic redundancy check (CRC) of the first 56 bits (see Figure 3.). The 64-bit net address and the 1-Wire I/O circuitry built into the device enable the DS2703 to communicate through the 1-Wire protocol detailed in this data sheet.
Figure 3. 1-Wire Net Address Format
8-BIT CRC MSb 48-BIT SERIAL NUMBER 8-BIT FAMILY CODE (34H) LSb
CRC GENERATION
The DS2703 has an 8-bit CRC stored in the most significant byte of its 1-Wire net address. To ensure error-free transmission of the address, the host system can compute a CRC value from the first 56 bits of the address and compare it to the 8-bit CRC from the DS2703. The host system is responsible for verifying the CRC value and taking action as a result. The DS2703 does not compare CRC values and does not prevent a command sequence from proceeding as a result of a CRC mismatch. Proper use of the CRC can result in a communication channel with a very high level of integrity. The CRC can be generated by the host using a circuit consisting of a shift register and XOR gates as shown in 8 5 4 Figure 4, or it can be generated in software using the polynomial X + X + X + 1. Additional information about the Dallas 1-Wire CRC is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor Touch Memory Products (www.maxim-ic.com/appnoteindex). In Figure 4, the Shift Register bits are initialized to 0. Then, starting with the least significant bit of the family code, one bit at a time is shifted in. After the 8th bit of the family code has been entered, then the serial number is entered. After the 48th bit of the serial number has been entered, the shift register contains the CRC value.
Figure 4. 1-Wire CRC Generation Block Diagram
INPUT MSb XOR XOR LSb XOR
10 of 20
DS2703 SHA-1 Battery Pack Authentication IC
HARDWARE CONFIGURATION
The DS2703 uses an open-drain output driver as part of the bidirectional interface circuitry shown in Figure 5. If a bidirectional pin is not available on the bus master, separate output and input pins can be connected together. For normal communication the 1-Wire bus must have a pullup resistor at the bus-master end of the bus. For short line lengths and/or VPULLUP 3.0V, a value of approximately 4.7kW is recommended. For long line lengths and/or VPULLUP < 3.0V, a value of approximately 2kW is recommended. The idle state for the 1-Wire bus is high. If, for any reason, a bus transaction must be suspended, the bus must be left in the idle state to properly resume the transaction later. Note that if the bus is left low for more than tLOW0, slave devices on the bus begin to interpret the low period as a reset pulse, effectively terminating the transaction. When performing SHA-1 computations, the DS2703 requires a stronger pullup than 4.7k. A P-FET in parallel with the standard pullup can be switched on during computation and then disabled to read the result. When measuring the thermistor RTHM, both the strong pullup and standard pullup should be disabled to allow a weak pullup to form a voltage divider with the thermistor. A voltage A/D connected directly to the 1-Wire bus can then read the voltage drop of the thermistor.
Figure 5. 1-Wire Bus Interface Circuitry
VPULLUP
COMP COMM
4.7K
50K 150 DQ Rx ~1A RTHM ~100 MOSFET Tx
Voltage A/D Rx Tx PACKBus Master
Activate THM
DS2703
TRANSACTION SEQUENCE
The protocol for accessing the DS2703 through the 1-Wire port is as follows: Initialization Net Address Command Function Command(s) Data Transfer (not all commands have data transfer)
All transactions of the 1-Wire bus begin with an initialization sequence consisting of a reset pulse transmitted by the bus master, followed by a presence pulse simultaneously transmitted by the DS2703 and any other slaves on the bus. The presence pulse tells the bus master that one or more devices are on the bus and ready to operate. For more details, see the 1-Wire Signaling section below.
11 of 20
DS2703 SHA-1 Battery Pack Authentication IC
NET ADDRESS COMMANDS
Once the bus master has detected the presence of one or more slaves, it can issue one of the net address commands described in the following paragraphs. The name of each Net Address command (ROM command) is followed by the 8-bit opcode for that command in square brackets. Figure 6 presents a transaction flowchart of the net address commands. Read Net Address [33h]. This command allows the bus master to read the DS2703's 1-Wire net address. This command can only be used if there is a single slave on the bus. If more than one slave is present, a data collision occurs when all slaves try to transmit at the same time (open drain produces a wired-AND result). Match Net Address [55h]. This command allows the bus master to specifically address one DS2703 on the 1-Wire bus. Only the addressed DS2703 responds to any subsequent function command. All other slave devices ignore the function command and wait for a reset pulse. This command can be used with one or more slave devices on the bus. Skip Net Address [CCh]. This command saves time when there is only one DS2703 on the bus by allowing the bus master to issue a function command without specifying the address of the slave. If more than one slave device is present on the bus, a subsequent function command can cause a data collision when all slaves transmit data at the same time. Search Net Address [F0h]. This command allows the bus master to use a process of elimination to identify the 1-Wire net addresses of all slave devices on the bus. The search process involves the repetition of a simple threestep routine: read a bit, read the complement of the bit, then write the desired value of that bit. The bus master performs this simple three-step routine on each bit location of the net address. After one complete pass through all 64 bits, the bus master knows the address of one device. The remaining devices can then be identified on (R) additional iterations of the process. See Chapter 5 of the Book of DS19xx iButton Standards for a comprehensive discussion of a net address search, including an actual example (www.maxim-ic.com/iButtonBook).
iButton is a registered trademark of Dallas Semiconductor.
12 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Figure 6. Net Address Command Flow Chart
MASTER Tx RESET PULSE
DS2703 Tx PRESENCE PULSE
MASTER Tx NET ADDRESS COMMAND
33h READ
YES DS2703 Tx FAMILY CODE 1 BYTE
NO
55h MATCH
YES MASTER Tx BIT 0
NO
F0h SEARCH
YES DS2703 Tx BIT 0 DS2703 Tx BIT 0 MASTER Tx BIT 0
NO
CCh SKIP
YES MASTER Tx FUNCTION COMMAND
NO
DS2703 Tx SERIAL NUMBER 6 BYTES
DS2703 Tx CRC 1 BYTE
BIT 0 MATCH?
NO
NO
BIT 0 MATCH?
YES MASTER Tx BIT 1 DS2703 Tx BIT 1 DS2703 Tx BIT 1 MASTER Tx BIT 1
BIT 1 MATCH?
YES
NO
NO
BIT 1 MATCH?
YES
MASTER Tx BIT 63
DS2703 Tx BIT 63 DS2703 Tx BIT 63 MASTER Tx BIT 63
MASTER Tx FUNCTION COMMAND
YES
BIT 63 MATCH?
NO
13 of 20
DS2703 SHA-1 Battery Pack Authentication IC
I/O SIGNALING
The 1-Wire bus requires strict signaling protocols to ensure data integrity. The four protocols used by the DS2703 are as follows: the initialization sequence (reset pulse followed by presence pulse), write 0, write 1, and read data. The bus master initiates all these types of signaling except the presence pulse. The initialization sequence required to begin any communication with the DS2703 is shown in Figure 7. A presence pulse following a reset pulse indicates that the DS2703 is ready to accept a net address command. The bus master transmits (Tx) a reset pulse for tRSTL. The bus master then releases the line and goes into receive mode (Rx). The 1-Wire bus line is then pulled high by the pullup resistor. After detecting the rising edge on the DQ pin, the DS2703 waits for tPDH and then transmits the presence pulse for tPDL.
Figure 7. 1-Wire Initialization Sequence
tRSTL tPDH DQ GNDLINE TYPE LEGEND: BUS MASTER ACTIVE LOW BOTH BUS MASTER AND DS2703 ACTIVE LOW DS2703 ACTIVE LOW RESISTOR PULLUP
tRSTH tPDL VPULLUP
WRITE-TIME SLOTS
A write-time slot is initiated when the bus master pulls the 1-Wire bus from a logic-high (inactive) level to a logic-low level. There are two types of write-time slots: write 1 and write 0. All write-time slots must be tSLOT in duration with a 1ms minimum recovery time, tREC, between cycles. The DS2703 samples the 1-Wire bus line between tLOW1_MAX and tLOW0_MIN after the line falls. If the line is high when sampled, a write 1 occurs. If the line is low when sampled, a write 0 occurs. The sample window is illustrated in Figure 8. 1-Wire Write and Read Time Slots. For the bus master to generate a write 1 time slot, the bus line must be pulled low and then released, allowing the line to be pulled high less than tRDV after the start of the write time slot. For the host to generate a write 0 time slot, the bus line must be pulled low and held low for the duration of the write-time slot. Caution: When communicating in standard mode, the number of consecutive Write 0 time slots with tLOW0 = tLOW0_MAX and tREC = tREC_MIN is limited to 64. If more than 64 Write 0 time slots with tLOW0 = tLOW0_MAX and tREC = tREC_MIN are issued, the internal supply (VDD_INT) can drop so low that the DS2703 resets. Increasing tREC to 5ms allows Vdd_int to recharge sufficiently each time slot.
READ-TIME SLOTS
A read-time slot is initiated when the bus master pulls the 1-Wire bus line from a logic-high level to a logic-low level. The bus master must keep the bus line low for at least 1ms and then release it to allow the DS2703 to present valid data. The bus master can then sample the data tRDV from the start of the read-time slot. By the end of the readtime slot, the DS2703 releases the bus line and allows it to be pulled high by the external pullup resistor. All readtime slots must be tSLOT in duration with a 1ms minimum recovery time, tREC, between cycles. See Figure 8 and the timing specifications in the Electrical Characteristics table for more information.
14 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Figure 8. 1-Wire Write and Read Time Slots
WRITE 0 SLOT
tSLOT tLOW0 VPULLUP tREC
WRITE 1 SLOT
tSLOT tLOW1
GND
Device Sample Window MIN TYP MAX 15ms 2ms 15ms 1ms 30ms 3ms >1ms Device Sample Window MIN TYP MAX 15ms 2ms 15ms 1ms 30ms 3ms
MODE Standard Overdrive
READ DATA SLOT
Data = 0 tSLOT VPULLUP tRDV tREC Data = 1 tSLOT tRDV
GND MODE Standard Overdrive
15ms 2ms Master Sample Window >1ms 15ms 2ms Master Sample Window
LINE TYPE LEGEND: Bus Master active LOW Both Bus Master and Device active LOW Device active LOW Resistor pullup
15 of 20
DS2703 SHA-1 Battery Pack Authentication IC
Table 7. All Function Commands
COMMAND Write Challenge Compute MAC without ROM_ID and return MAC Compute MAC with ROM_ID and return MAC Load Secret Compute Next Secret without ROM ID Compute Next Secret with ROM ID Lock Secret Set Overdrive Clear Overdrive Reset HEX 0C 36 35 5A 30 33 6A 8B 8D BB FUNCTION Writes 64-bit challenge for SHA-1 processing. Required prior to all Compute MAC and Compute Next Secret commands. Computes hash of W0-W15 with logical 1's in place of the ROM_ID. Computes hash of W0-W15 with the ROM_ID. Writes the 64-bit Secret to supplied data. Requires programming voltage on DQ. Generates new global secret. Requires programming pulse. Generates new unique secret. Requires programming pulse. Sets lock bit to prevent changes to the Secret. Requires programming pulse. Sets 1-Wire interface timings to OVERDRIVE. Requires programming pulse. Sets 1-Wire interface timings to STANDARD. Requires programming pulse. Resets DS2703 (Software POR).
Table 8. Guide to Function Command Requirements
COMMAND Write Challenge Compute MAC Compute Next Secret Lock Secret, Set/Clear Overdrive Load Secret Reset Write: 64 X X X STRONG PULLUP ON DQ ISSUE 00h BEFORE READ READ/WRITE TIME SLOTS Write: 64 Read: up to 160 X X X PROGRAMMING PULSE
16 of 20
DS2703 SHA-1 Battery Pack Authentication IC
LOW-IMPEDANCE DQ DURING COMPUTATION
The SHA-1 computation requires more current than the DQ pullup resistor used during normal communication can supply. During the computation, the DQ source impedance must be reduced to maintain power to the device under the higher load condition. The user must connect the low impedance source to the DQ line within tD of issuing any command to perform a computation, and return the DQ source to normal settings before reading or writing to the one-wire interface. See Figure 9.
Figure 9. Compute MAC Function Command
tD tSHA
1-Wire Reset
SKIP ROM Cmd
Compute MAC Cmd
Apply Low Impedance Pull-up
Presence Pulse
8 Write 0 Time Slots
Up to 160 Read Time Slots (Read 20-Byte MAC)
17 of 20
DS2703 SHA-1 Battery Pack Authentication IC
PROGRAMMING PULSE
A typical programming waveform is shown in Figure 10. The user issues a 1-Wire reset followed by a Skip ROMID command, Match ROMID plus the ROMID, Search or Read Net, the Load Secret command and then the two 32-bit words to be loaded into EEPROM. The DQ line is then pulled to VPP for tPPW milliseconds and then returned to nominal voltage. The fast rise and fall time requirements for the programming pulse are required to prevent damage during the transition between normal communication mode and programming mode.
Figure 10. Lock Secret, Set/Clear Overdrive Function Commands
tPPR tPPW tPPF
1-Wire Reset
SKIP ROM Cmd
Presence Pulse
Lock Secret or Set/Clear Overdrive Cmd
Apply Programming Pulse
18 of 20
DS2703 SHA-1 Battery Pack Authentication IC
COMPUTATION AND PROGRAMMING
The Compute Next Secret operation waveform is shown in Figure 11. The user issues a 1-Wire reset followed by a Skip ROMID command, Match ROMID plus the ROMID, Search or Read Net, followed by the Compute Next Secret command. The system host must connect the low impedance source to the DQ line within time tD and for a duration of time tSHA. The DQ line is then pulled to VPP for tPPW milliseconds and then returned to nominal voltage. The fast rise and fall time requirements for the programming pulse are required to prevent damage during the transition between normal communication mode and programming mode.
Figure 11. Compute Next Secret Function Command
tPPR tPPW tPPF
tD
tSHA
1-Wire Reset
SKIP ROM Cmd
Compute Next Secret Cmd
Apply Low Impedance Pull-up
Apply Programming Pulse
Presence Pulse
19 of 20
DS2703 SHA-1 Battery Pack Authentication IC
HIGH-IMPEDANCE DQ FOR THERMISTOR MEASUREMENT
The user issues a 1-Wire reset followed by a Skip ROMID command, Match ROMID plus the ROMID, Search or Read Net, followed by the Activate Thermistor command. Within the time period tTD the DS2703 disables its DQ input and internally drives the THM pin low. Immediately following the Activate Thermistor command, the host system should enable the weak pullup to VCC and then measure the thermistor by sampling the voltage level of the 1-Wire bus within time tMIN. The DS2703 automatically reverts back to communication mode after tMIN. See Figure 12.
Figure 12. Activate Thermistor Command
tTD
tMIN
1-Wire Reset
SKIP ROM Cmd
Activate THM Command
Measure Thermistor
Presence Pulse
PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
20 of 20


▲Up To Search▲   

 
Price & Availability of DS2703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X