Part Number Hot Search : 
XRP7704 MS320 FM240 NTD24N06 4VHC08 2951C XRP7704 SEL4814A
Product Description
Full Text Search
 

To Download CBSL2SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CBSL2SS
NPN SILICON RF POWER TRANSISTOR
E
DESCRIPTION:
The ASI CBSL2SS is Designed for UHF Class A Amplifier Applications in Cellular Base Station Equipment.
PACKAGE STYLE .205 4L STUD
D
A C
FEATURES:
* Pg = 9.0 dB min. @ 960 MHz * P1dB = 2.0 Watts min. at 960 MHz * OmnigoldTM Metalization System
B G F E
H
#8-32UN C
MAXIMUM RATINGS
IC VCBO VCER VEBO PDISS TJ TSTG JC 2.0 A 45 V 30 V 3.5 V 7.0 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 25 C/W
D IM A B C D E F G H I J .161 / 4.100 .098 / 2.500 .200 / 5.100 .004 / 0.100 .425 / 10.800 .200 / 5.100 M IN IM UM
inches / m m
J
M AXIM U M
inches / m m
.976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500
1.000 / 25.4000 1.000 / 25.4000 .031 / 0.800 .196 / 5.000 .110 / 2.800 .208 / 5.300 .006 / 0.150 .465 / 11.800 2.05 / 5.200
ORDER CODE: ASI10868
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE COB PG C
TC = 25 C
NONETEST CONDITIONS
IC = 1.0 mA IC = 5.0 mA IE = 1.0 mA VCB = 28 V VCE = 5.0 V VCB = 24 V VCC = 24 V POUT = 2.0 V IC = 100 mA f = 1.0 MHz f = 960 MHz RBE = 220
MINIMUM TYPICAL MAXIMUM
45 30 3.5 500 20 120 3.5 9.0 50
UNITS
V V V A --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of CBSL2SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X