Part Number Hot Search : 
5KE440A NSC5037B CMPZ4102 TFS70Q H51275Z D74HC08C 16R700G RN1427
Product Description
Full Text Search
 

To Download BSC085N025S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC085N025S G
OptiMOS(R)2 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for notebook DC/DC converters * Qualified according to JEDEC for target applications * Logic level / N-channel * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * Avalanche rated * dv /dt rated * Pb-free lead plating; RoHS compliant Type BSC085N025S G Package PG-TDSON-8 Marking 85N025S
1
Product Summary V DS R DS(on),max ID 25 8.5 35 V m A
PG-TDSON-8
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C T A=25 C, R thJA=45 K/W 2) Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation I D,pulse E AS dv /dt V GS P tot T C=25 C T A=25 C, R thJA=45 K/W 2) Operating and storage temperature IEC climatic category; DIN IEC 68-1 Rev. 0.94 page 1 T j, T stg T C=25 C3) I D=35 A, R GS=25 I D=35 A, V DS=24 V, di /dt =200 A/s, T j,max=150 C Value 35 35 14 140 120 6 20 52 2.8 -55 ... 150 55/150/56 2006-05-10 C mJ kV/s V W Unit A
BSC085N025S G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient R thJC R thJA minimal footprint 6 cm2 cooling area2) 2.4 62 45 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=25 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=25 A V GS=10 V, I D=35 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=35 A 25 1.2 1.6 0.1 2 1 A V
25
10 10 10.5 7.1 1.2 50
100 100 13.1 8.5 S nA m
1) 2)
J-STD20 and JESD22
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. 3)
See figure 3
Rev. 0.94
page 2
2006-05-10
BSC085N025S G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=35 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.93 35 140 1.1 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=25 A, V GS=0 to 5 V 4.6 2.2 3.2 5.7 11 3.4 10 11 6.2 2.9 4.8 8.1 14 13 15 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=25 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 1350 518 66 4.7 4 18 3 1800 689 99 7 6 27 5 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
10
nC
4)
See figure 16 for gate charge parameter definition
Rev. 0.94
page 3
2006-05-10
BSC085N025S G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
60
40
50 30 40
P tot [W]
30
I D [A]
0 40 80 120 160
20
20 10 10
0
0 0 40 80 120 160
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
limited by on-state resistance
1 s 0.5
102
10 s
100
Z thJC [K/W]
0.2 0.1 0.05 0.02
I D [A]
100 s
101
1 ms DC
10-1
0.01 single pulse
100 10
-1
10-2 10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 0.94
page 4
2006-05-10
BSC085N025S G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
70
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
30
3V 3.2 V 3.4 V 4V
3.7 V
60
4.5 V
25
4V
50
20 40
R DS(on) [m]
I D [A]
3.7 V
15
4.5 V
30
20
3.4 V
10
10 V
3.2 V
10
5
3V 2.8 V
0 0 1 2 3
0 0 20 40 60 80
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
70
8 Typ. forward transconductance g fs=f(I D); T j=25 C
70
60
60
50
50
40
30
g fs [S]
150 C 25 C
I D [A]
40
30
20
20
10
10
0 0 1 2 3 4 5
0 0 20 40 60 80
V GS [V]
I D [A]
Rev. 0.94
page 5
2006-05-10
BSC085N025S G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=35 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
15 2.4
12
2
250 A 98 %
1.6
R DS(on) [m]
9
typ
V GS(th) [V]
25 A
1.2
6
0.8
3 0.4
0 -60 -10 40 90 140 190
0 -60 -10 40 90 140 190
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
103
Ciss
25 C, 98%
103
1000
102
Coss 150 C
25 C
150 C, 98%
C [pF]
102
I F [A]
100
Crss
101
10
100 10 20 30 0 0.5 1 1.5 2
0
V DS [V]
V SD [V]
Rev. 0.94
page 6
2006-05-10
BSC085N025S G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
12
15 V
10
25 C 100 C 125 C
6V 24 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 5 10 15 20 25
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
28
V GS
Qg
26
V BR(DSS) [V]
24
V g s(th)
22
Q g(th) Q gs
-60 -10 40 90 140 190
Q sw Q gd
Q g ate
20
T j [C]
Rev. 0.94
page 7
2006-05-10
BSC085N025S G
Package Outline P-TDSON-8: Outline PG-TDSON-8
Footprint Dimensions in mm Rev. 0.94 page 8 2006-05-10
BSC085N025S G
Package Outline P-TDSON-8: Tape
Dimensions in mm Rev. 0.94 page 9 2006-05-10
BSC085N025S G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 0.94
page 10
2006-05-10


▲Up To Search▲   

 
Price & Availability of BSC085N025S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X