Part Number Hot Search : 
CY7C4 IN4756A P6KE220 ILQ32 DA733 FH2164 ILA1519 29LV160
Product Description
Full Text Search
 

To Download BCM5704C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5704C
(R)
DUAL 10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
FEATURES
* Single-chip, dual-port solution for dual LAN on Motherboard (LoM) and network interface card (NIC) applications * Two integrated 10BASE-T/100BASE-TX/1000BASE-T transceivers * Two 10/100/1000 triple-speed MACs * Single host interface - PCI v2.2 32/64-bit, 33/66 MHz - PCI-X v1.0 64-bit, 66/100/133 MHz * Dual ultra-deep 64-KB on-chip packet buffer * Dual high-speed RISC cores with 16-KB caches - Programmable, in-line packet classification * SMBus 2.0 controller * On-chip power circuit controller and Wake on LAN power switching circuit * Performance features * TCP, IP, UDP checksum * TCP segmentation * CPU task offload * Adaptive interrupts * Ultra-deep 64-KB packet buffer * Robust manageability * PXE 2.0 remote boot * Alert Standard Format--ASF 1.0 support * Wake on LAN (WoL) * Out-of-box WoL * Intelligent Platform Management Interface (IPMI), ver. 1.5 * Statistic gathering (SNMP MIB II, Ethernet-like MIB, Ethernet MIB) * Comprehensive diagnostic and configuration software suite * ACPI 1.1a-compliant (multiple power modes) * Advanced network features * Priority queuing--802.1p Layer 2 priority encoding; support for four priority queues * Virtual LANs--802.1q VLAN tagging; support for up to 64 VLANs * Jumbo frames (9 KB) * 802.3x flow control * Advanced server features * Link aggregation--802.3ad, GEC/FEC, Smart Load Balancing (supports heterogeneous teams) * Heterogeneous, mixed speed failover * Hot-plug PCI support * Low-power, 0.13-m CMOS design * 300-pin HBGA package * 3.3V I/Os (5V tolerant) JTAG
SUMMARY OF BENEFITS * Industry's smallest dual 10/100/1000 MAC/PHY solution-- * * *
*
* *
* *
power and space optimized for LoM and low-profile NIC applications Completely backward compatible: * To existing 10/100 network infrastructure * To existing PCI based desktop and server platforms Futureproof * PCI-X interface, on-chip programmable CPUs, ASF support Performance focused--optimized for throughput and CPU utilization * Adaptive interrupts * PCI-X--eliminates PCI bottlenecks * Ultra-deep 64-KB packet buffer--lowers CPU utilization, avoids PCI congestion * Networking task offloads reduces utilization level of CPU Robust and highly manageable * PXE 2.0, ACPI 1.1, Wake on LAN, ASF 1.0, IPMI * Integrated cable testing (link quality, length, pair skew, pair polarity, pair swap) Advanced features * VLAN, priority queuing, jumbo frames * RISC processors for advanced packet classification Server class reliability, availability and performance features * Link aggregation and load balancing - Switch-dependent * 802.3ad (LACP), generic trunking (GEC/FEC) - Switch- and NIC-independent * Smart Load Balancing (unique technology that supports heterogeneous teams and can operate with any switch) * Failover - Smart Load Balancing allows heterogeneous failover * Hot-plug PCI Low power for zero airflow implementations * 0.13-m CMOS design * Advanced power management Space savings for LoM * 300-pin HBGA package * No external memory * Integrated power circuitry
OVERVIEW
PCI STATUS
MII CONTROL
RX CPU TX CPU
BIAS
RDAC
REGISTERS
64KB BUFFER MEMORY
LED CONTROL
PORT 1 LED Interface
DMA CONTROL
MEDIA ACCESS CONTROLLER (MAC)
ETHERNET TRANSCEIVER
P1_TRD+/- [3:0]
PCI FUNCTION #1
PCI/PCI-X Bus
PCI/PCI-X ARBITER
FLASH EEPROM SMBus REGULATOR CONTROL GPIO
SEEPROM Interface FLASH Interface Regulator Control General Purpose IO (GPIO)
PCI FUNCTION #2
DMA CONTROL MEDIA ACCESS CONTROLLER (MAC) ETHERNET TRANSCEIVER
P2_TRD+/- [3:0]
REGISTERS
PCI_CLK XTAL_I XTAL_O
PLL CLOCK GENERATOR
STATUS PCI
CONTROL MII
64 KB BUFFER MEMORY
TX CPU RX CPU
LED CONTROL
PORT 2 LED Interface
JTAG
JTAG
The BCM5704C is a fully integrated dual-port, 10/100/1000BASE-T Gigabit Ethernet media access control and physical layer transceiver solution for high-performance network applications. The BCM5704C is a highly integrated solution combining two triple-speed, IEEE 802.3compliant media access control (MAC), PCI, and PCI-X bus interfaces, an on-chip buffer memory, and an integrated physical layer transceiver in a single device. The BCM5704C is fabricated in a low-voltage, 0.13m CMOS process providing a low-power system solution. By itself the BCM5704C provides a complete single-chip dual-port Gigabit Ethernet NIC or LoM solution. The BCM5704C includes two 10/100/1000-Mbps Ethernet MACs with full/half-duplex capability at all speeds and two 10/100/1000 copper PHYs. Support for the following 802.3 functions is featured in the MAC: VLAN tagging, layer 2 priority encoding, link aggregation, and fullduplex flow control. Although the device provides a single PCI v2.2/PCI-X v1.0 bus interface, the device functions as if there are two logical software interfaces. Interrupts are handled via two interrupt pins (INTA and INTB) on the PCI connector. Individual MAC on-chip memory provides packet buffering for higher performance and load balancing. Each MAC function contains dual (TX and RX) on-chip processors enabling custom frame processing features, including TCP segmentation. The transceiver is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug and Play enhancements have been added to make the device even more user
friendly. A link quality indicator LED gives installers an instant visual indication if there are any issues with the wiring plant supporting operation at the desired speed. This includes physical wiring defects or channel conditions, such as excessive cable length, return loss, crosstalk, echo, and noise. Broadcom's remote cable management and diagnostics software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. The BCM5704C continually monitors various channel conditions. The optional wirespeed capability allows the BCM5704C to force autonegotiation to be automatically limited by the speed that the channel can reliably support, rather than the performance of the end equipment. Target applications of the BCM5704C:
BCM5704C software support: * Microsoft(R) Windows(R) 98, NT4.0, 2000, XP, NT64 * Linux(R) 2.2, 2.4 * Linux64(R) * NetWare(R) 4.x, 5.x, 6.x * PXE 2.0 * SolarisTM x86
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2005 by BROADCOM CORPORATION. All rights reserved. 5704C-PB04-R 1/6/05
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5704C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X