Part Number Hot Search : 
BTB15C18 T74LS133 2SA102 S9018 MP508W MEGA3 VSIB660 1F155APF
Product Description
Full Text Search
 

To Download BCM5696 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5696
(R)
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
FEATURES SUMMARY OF BENEFITS
* 12 10/100/1000-Mbps Ethernet ports with copper or fibre
connectivity * All address tables and buffer memory fully integrated on-chip * Support for jumbo frames of up to 9 KB in size
* Enables modular, high-performance GbE switch designs * Facilitates seamless integration of voice, video, and data traffic
through low-latency and advanced QoS
* Enables lower system design cost and board space utilization
through superior integration and compact form factor
* Advanced full-duplex end-to-end flow and congestion control *
* *
* * Advanced diagnostic features including JTAG boundary scan
with head-of-line blocking prevention ContentAwareTM packet filtering and classification per-port * Wirespeed operation * Support for 802.1p, TOS/DiffServ, policing, shaping, marking, and remarking * Rate control of broadcast, unknown multicast and unicast packets * Eight queues per port Support for double 802.1q VLAN tagging and VLAN translation Hardware-based IP multicast routing and forwarding * Support for replication Equal and weighted cost multipath routing for load balancing
* Offers quicker time-to-market and software reuse through
backward compatibility with Broadcom switch software API
TARGET APPLICATIONS
* High-performance standalone GbE switch solutions for
distribution and wiring closet of enterprise networks and remote branches
* Embedded GbE switch solutions for blade server applications
within space-constrained data centers
and BIST functionality * Low power consumption of 4.65W in a 480-pin PBGA package * Pin-to-pin compatible with the BCM5691
* Highly reliable GbE switch solutions for telecom applications
in central offices
12-port Multilayer Gigabit Ethernet Switch
Layer 3 On-Chip Tables
ARL
L3
Packet Buffer MMU PCI
Internal Memory for Nonblocking Performance
ContentAwareTM FFP
1-Gbps SerDes with SGMII Support
PCI 32/66 Interface I2C Interface
10/100/1000 MAC
12 x GbE


▲Up To Search▲   

 
Price & Availability of BCM5696

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X