Part Number Hot Search : 
CY7C10 NE32084 7MCMXXXF B25667 G2SBA04 BZX55C4 500000 FST32211
Product Description
Full Text Search
 

To Download BAS70W-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70W/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * * Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Ultra-Small Surface Mount Package
SOT-323
A
Dim A B C D E G H
K J L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.25
Mechanical Data
* * * * * * Case: SOT-323, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Marking: See Diagrams Mounting Position: Any Approx. Weight: 0.006 grams
E
TOP VIEW
B
C
0.65 Nominal
D G H
J K L M
All Dimensions in mm
BAS70W Marking: K73
BAS70W-04 Marking: K74
BAS70W-05 Marking: K75
BAS70W-06 Marking: K76
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ tp < 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Junction Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IF IFSM Pd RqJA Tj TSTG BAS70W 70 49 70 100 200 625 -55 to +125 -65 to +150 Unit V V mA mA mW K/W C C
Electrical Ratings
@ TA = 25C unless otherwise specified Symbol V(BR)R VFM IRM Cj trr Min 70 -- 3/4 3/4 -- Max -- 410 1000 100 2.0 5.0 Unit -- mV nA pF ns Test Condition IR = 10mA tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100W
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Peak Reverse Current Junction Capacitance Reverse Recovery Time Notes:
1. Valid provided that terminals are kept at ambient temperature. 2. Test period <3000ms.
DS30113 Rev. A-2
1 of 1
BAS70W/ -04/ -05/ -06


▲Up To Search▲   

 
Price & Availability of BAS70W-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X