Part Number Hot Search : 
YG901C2R TW1128 ME302015 TLRMH16T NJM2078 PI2EQX 20N60 39504
Product Description
Full Text Search
 

To Download B12-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B12-28
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The B12-28 is Designed for Class C Power Amplifier Applications up to 250 MHz.
PACKAGE STYLE .380" 4L STUD
.112x45 A
B
C E E B
H I J
FEATURES:
* PG = 13 dB Typical at 12 W/175 MHz * Load VSWR at Rated Conditions * OmnigoldTM Metallization System
D
OC
#8-32 UNC-2A F E
G
MAXIMUM RATINGS
IC VCB PDISS TJ TSTG JC
O O
3.0 A 60 V 27 W @ TC = 25 C -55 C to +200 C -55 C to +150 C 6.5 C/W
O O O O
DIM A B C D E F G H I J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84
.385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10801
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE Cob PG c
TC = 25 C
O
TEST CONDITIONS
IC = 200 mA IC = 200 mA IE = 10 mA VCB = 30 V VCE = 5.0 V VCB = 30 V VCC = 28 V POUT = 12 W IC = 500 mA f = 1.0 MHz f = 175 MHz
MINIMUM TYPICAL
60 35 4.0
MAXIM
UNITS
V V V
250 20 200 30 10.8 50 13 60
A --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV.A
1/1


▲Up To Search▲   

 
Price & Availability of B12-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X