Part Number Hot Search : 
N5519 663005 EPT7063G W541C26 BD4148 25616 1203P 78058F
Product Description
Full Text Search
 

To Download AZ946-2CH-5D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ946
MINIATURE PC BOARD RELAY
FEATURES * * * * * * * * Subminiature size High sensitivity, 288 mW pick up Coils to 24 VDC Epoxy sealed for automatic wave soldering Contacts rated at 1 or 5 Amps Life expectancy to 20 million operations Extremely low cost UL, CUR file E43203
CONTACTS
Arrangement Max. Ratings Light Duty 2 Form C (DPDT) Noninductive load: Max. switched power: 30 W or 277 VA Max. switched current: 1 A Max. switched voltage: 150* VDC or 300 VAC UL Rating: 1 A at 30 VDC resistive 1 A at 277 VAC general use (100k cycles) Max. switched power: 150 W or 1385 VA Max. switched current: 5 A Max. switched voltage: 150* VDC or 300 VAC UL Rating: 5 A at 30 VDC resistive 5 A at 277 VAC general use (100k cycles) * If switching voltage is greater than 30 VDC special precautions must be taken. Please contact the factory Material Resistance Light Duty: Silver, gold plated Medium Duty: Silver Cadmium Oxide, gold plated Light Duty: 100 milliohms max. initially Medium Duty: 100 milliohms max. (6 V 1 A method)
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Dielectric Strength
(at sea level for 1 min.)
Minimum operations 2 x 107 1 x 105 (at rated load) 5 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression) 1000 Vrms coil to contact 750 Vrms between open contacts 1000 Vrms contact set to contact set 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -10C (14F) to 60C (140F) standard -10C (14F) to 70C (158F) sensitive -10C (14F) to 105C (221F) 0.062" (1.5 mm) DA at 5-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P. C. 270C (518F) 5 seconds 80C (176F) 30 seconds 12 grams
Medium Duty
Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 384 mW standard 288 mW sensitive 1.2 W at 20C (68F) 35C (63F) standard 30C (54F) sensitive 105C (221F)
Max. Solder Temp. Max. Solder Time Max.Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice. 4. Unsealed relays should not be dipped cleaned
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-16
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ946
RELAY ORDERING DATA
Nominal Coil Must Operate VDC VDC 3 2.4 5 6 9 12 24 4.0 4.8 7.2 9.6 19.2
COIL SPECIFICATIONS - Medium Duty (5 Amp Contact) Max. Continuous Coil Resistance ORDER NUMBER
VDC 4.2 7.1 8.4 12.7 16.9 33.9 10% 15 42 60 135 240 960 Unsealed AZ946-2CH-3D AZ946-2CH-5D AZ946-2CH-6D AZ946-2CH-9D Sealed AZ946-2CH-3DE AZ946-2CH-5DE AZ946-2CH-6DE AZ946-2CH-9DE
AZ946-2CH-12D AZ946-2CH-12DE AZ946-2CH-24D AZ946-2CH-24DE
RELAY ORDERING DATA
COIL SPECIFICATIONS - Light Duty (1 Amp Contact)
Nominal Coil Must Operate VDC VDC 3 2.4 5 6 9 12 24 4.0 4.8 7.2 9.6 19.2 Max. Continuous Coil Resistance VDC 10% 4.9 20 8.2 9.8 14.7 19.6 39.0 56 80 180 320 1280
ORDER NUMBER
Unsealed AZ946-2C-3DS AZ946-2C-5DS AZ946-2C-6DS AZ946-2C-9DS AZ946-2C-12DS AZ946-2C-24DS Sealed AZ946-2C-3DSE AZ946-2C-5DSE AZ946-2C-6DSE AZ946-2C-9DSE AZ946-2C-12DSE AZ946-2C-24DSE
MECHANICAL DATA
Outline Dimensions PC Board Layout
.854 [21.7]
.630 [16.0]
.100 [2.5] .060 [1.5] .200 [5.1]
.400 [10.1]
.200 [5.1]
.150 [3.8]
.650 [16.5]
.500 [12.7]
8x.138 [3.5]
8xo.060 [o1.5]
.060 [1.5]
VIEWED TOWARD TERMINALS
8x.018 [0.44] 8x.039 [1.0]
Wiring Diagram
3 4 5 6
2 1 8 7
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-16
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ946-2CH-5D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X