Part Number Hot Search : 
MMBD353 BB121 74HC366 BTB12 FSF05H60 BTB12 PSB2197 PT2399
Product Description
Full Text Search
 

To Download AZ941-1C-24DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ941
MINIATURE PC BOARD RELAY
FEATURES * * * * * * * Contacts rated at 3, 5, 10 or 16 Amps DC coils to 48 V Extremely low cost Life expectancy to 10 million operations Epoxy sealed UL, CUR file E44211; VDE 10056 5 Class F available
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1x107 1 x 105 at 12 A 120 VAC Res. 6 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings Light Duty SPDT (1 Form C) Form A available upon request Resistive load Max. switched power: 90 W or 750 VA Max. switched current: 3 A Max. switched voltage: 150* VDC or 300 VAC UL Rating: 3 A at 30 VDC or 250 VAC Max. switched power: 150 W or 1250 VA Max. switched current: 5 A Max. switched voltage: 150* VDC or 300 VAC UL Rating: 5 A at 30 VDC or 125 VAC 1/ 10 HP @ 125 VAC Max. switched power: 300 W or 2500 VA Max. switched current: 12 A Max. switched voltage: 150* VDC or 300 VAC UL Rating: 5 A at 30 VDC 12 A at 125 VAC 1/ HP @ 125 VAC 4 1/ HP @ 250 VAC 2 Max. switched Max. switched Max. switched UL Rating: 16 10 power: 300 W or 4000 VA current: 16 A voltage: 150* VDC or 300 VAC A at 125 VAC A at 30 VDC
Medium Duty
Dielectric Strength 1500 Vrms contact to coil (at sea level for 1 min.) 750 Vrms contact to contact Meets FCC part 68.302 1500 V lightning surge Meets FCC part 68.304 1000 V dielectric Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 13 grams
Heavy Duty
Extra Heavy Duty
*Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Material Resistance
Silver cadmium oxide < 100 milliohms initially
COIL
Power At Pickup Voltage (typical) Max Continuous Dissipation Temperature Rise Temperature 230 mW 1.1 W 20C (68F) ambient .86 W 40C (104F) ambient 27C (49F) nominal coil voltage Max. 105C (221F) Max. 130C (266F) Class B Max. 155C (311F) Class F
NOTES
1. 2. 3. 4. 5 All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Unsealed relays should not be dip cleaned. Specifications subject to change without notice. Only AZ941-1CT unsealed version is VDE approved at 5A, 250 VAC.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-08
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ941
RELAY ORDERING DATA
STANDARD RELAYS: Light Duty Type (3 Amp Contact) COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 Max. Continuous VDC 8.9 10.6 21.2 42.5 85.0 Coil Resistance 10% 70 100 400 1,600 6,400 Must Operate VDC 4.0 4.8 9.6 19.2 38.4
ORDER NUMBER
Unsealed AZ941-1C-5D AZ941-1C-6D AZ941-1C-12D AZ941-1C-24D AZ941-1C-48D Sealed AZ941-1C-5DE AZ941-1C-6DE AZ941-1C-12DE AZ941-1C-24DE AZ941-1C-48DE
STANDARD RELAYS: Medium Duty Type (5 Amp Contact) COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 Max. Continuous VDC 8.9 10.6 21.2 42.5 85.0 Coil Resistance 10% 70 100 400 1,600 6,400 Must Operate VDC 4.0 4.8 9.6 19.2 38.4
ORDER NUMBER
Unsealed AZ941-1CH-5D AZ941-1CH-6D AZ941-1CH-12D AZ941-1CH-24D AZ941-1CH-48D Sealed AZ941-1CH-5DE AZ941-1CH-6DE AZ941-1CH-12DE AZ941-1CH-24DE AZ941-1CH-48DE
STANDARD RELAYS: Heavy Duty Type (12 Amp Contact) COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 Max. Continuous VDC 8.9 10.6 21.2 42.5 85.0 Coil Resistance 10% 70 100 400 1,600 6,400 Must Operate VDC 4.0 4.8 9.6 19.2 38.4
ORDER NUMBER
Unsealed AZ941-1CT-5D AZ941-1CT-6D AZ941-1CT-12D AZ941-1CT-24D AZ941-1CT-48D Sealed AZ941-1CT-5DE AZ941-1CT-6DE AZ941-1CT-12DE AZ941-1CT-24DE AZ941-1CT-48DE
STANDARD RELAYS: Extra Heavy Duty Type (16 Amp Contact) COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 Max. Continuous VDC 8.9 10.6 21.2 42.5 Coil Resistance 10% 70 100 400 1,600 6,400 Must Operate VDC 4.0 4.8 9.6 19.2 38.4
ORDER NUMBER*
Unsealed AZ941-1CW-5DB AZ941-1CW-6DB AZ941-1CW-12DB AZ941-1CW-24DB AZ941-1CW-48DB Sealed AZ941-1CW-5DEB AZ941-1CW-6DEB AZ941-1CW-12DEB AZ941-1CW-24DEB AZ941-1CW-48DEB
48 85.0 * Add suffix "F" in place of "B" to indicate class F.
MECHANICAL DATA
PC BOARD LAYOUT
.89 (22.5) .082 (2.1) .01 (0.3) .65 (16.5) .05 5 HOLES (1.3) .089 (2.3)
WIRING DIAGRAM
2
.472 (12.0) .089 (2.3) .078 (2.0) .480 (12.2)
3
.65 (16.5) .01 (0.3) .040 (1.0) 5 PLACES .138 (3.5)
1 5 4
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-08
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ941-1C-24DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X