Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download AZ934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ934
20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
FEATURES Low cost Up to 20 Amp switching capability in a compact size Sealed Two separate relays in DPDT version Quiet operation Vibration and shock resistant Designed for power windows, power seats and wiper applications * QS-9000 Factory CONTACTS
Arrangement Ratings DPDT (2 Form C) SPDT (1 Form C) Max. switched power: 280 W Max. switched voltage: 100 VDC Max. switched current (make/break), continuous: 1 Form C: 25A/20A, 20A 2 Form C: 25A/20A, 20A Material Resistance Silver nickel, silver tin oxide available < 100 milliohms at 1A, 5 VDC
* * * * * * *
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Dielectric Strength
(at sea level for 1 min.)
Minimum operations 1 x 107 operations 2 x 105 operations at 20 A 14 VDC Res. 3 ms at nominal coil voltage 1.5 ms at nominal coil voltage (with no coil suppression) 500 Vrms coil to contact 500 Vrms between open contacts 100 megohms min. at 20C, 500 VDC, 50% RH > 8.3% of nominal coil voltage At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55Hz, 10 g at 55-200 Hz 30 g, 11 ms, functional Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 10 grams
Insulation Resistance Dropout
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 203 mW 1.0 W 20C (68F) ambient 42C (108F) nominal coil VDC 155C (311F)
Ambient Temperature Operating Storage Vibration Shock Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time
NOTES
1. 2. 3. 4. All values at 20C (68F). Maximum make current refers to in-rush current of lamp load. Relay may pull in with less than "Must Operate" value. Specifications subject to change without notice.
Weight
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-29
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ934
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC Coil
Nominal Coil VDC 12 Must Operate VDC 7.2 Max. Continuous VDC 15.0 Coil Resistance 10% 255
ORDER NUMBER*
1 Form C (SPST) AZ934-1C-12DE 2 Form C (SPDT) AZ934-2C-12DE
*Add suffix "T" for Silver tin oxide contact material.
MECHANICAL DATA
SPDT (1 Form C)
.699 Max [17.8] .376 Max [9.6] .53 Max [13.5]
DPDT (2 Form C)
.699 Max [17.8] .671 Max [17.1]
.53 Max [13.5]
.020 [0.5]
.020 [0.5]
.138 [3.5]
.138 [3.5] 6x.016 [0.4] 3x.016 [0.4] 2xO.02 [O0.5] 6x.035 [0.9]
3x.035 [0.9]
4xO.02 [O0.5]
PC BOARD LAYOUT
.541 [13.75] .087 [2.2] .110 [2.8]
WIRING DIAGRAM
PC BOARD LAYOUT
.541 [13.75]
.148 [3.75]
WIRING DIAGRAM
.087 [2.2]
4 3 2 1
3xO.051 [O1.3]
3
2
.148 [3.75] .148 [3.75]
+
6xO.051 [O1.3]
4xO.035 [O0.9]
10 -
+ +
.148 [3.75] .246 [6.25]
Viewed toward terminals
2xO.035 [O0.9]
.110 [2.8]
5
.098 [2.5]
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-29
Junkersstrasse 3, D-82178 Puchheim, Germany
-
9
8
7
6
.246 [6.25]
Viewed toward terminals
.098 [2.5]
Viewed toward terminals


▲Up To Search▲   

 
Price & Availability of AZ934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X