Part Number Hot Search : 
BD3940FP M5291 PA0801NL USB25 PT22002 RM4190 HUN2114 KDS5670
Product Description
Full Text Search
 

To Download AZ830P2-2C-9DSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ830P
POLARIZED DIP RELAY BISTABLE (LATCHING)
FEATURES * * * * * * * * * High sensitivity, 90 mW pickup Low profile DIP package Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Epoxy sealed DC coils to 48 VDC High switching capacity, 60 W, 125 VA Fits standard 16 pin IC socket UL file E43203; CSA file LR 36664 GENERAL DATA CONTACTS
Arrangement Ratings DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 125 VA Max. switched current: 2 A Max. switched voltage: 150 VDC or 300 VAC Rated Load UL Material 2 A at 30 VDC 1 A at 120 VAC Silver alloy, gold clad. Silver palladium, gold clad available upon request (not recommended for current greater than 1 Amp). < 50 milliohms initially Life Expectancy Mechanical Electrical Set Time (typical) Reset Time (typical) Capacitance Minimum operations 1 x 108 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC 3 ms at nominal coil voltage 3.5 ms at nominal coil voltage Contact to contact: 1.0 pF Contact set to contact: 1.0 pF Contact to coil: 2.0 pF At 10 mA contact current 1.5 ms at operate N.O. side 2.5 ms at operate N.C. side 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH At nominal coil voltage Standard: -40C (-40F) to 85C (185F) Sensitive: -40C (-40F) to 95C (203F) Both: -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 40 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
Bounce (typical)
Dielectric Strength (at sea level)
Resistance
COIL (Polarized)
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature Standard coil: 176 mW Sensitive coil: 90 mW 1.2 W at 20C (68F) ambient Standard: 38C (68F) at nominal coil voltage Sensitive: 21C (38F) at nominal coil voltage Max. 115C (239F) Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight Insulation Resistance Ambient Temperature Operating Storage Vibration
NOTES
All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. Relay adjustment may be affected if undue pressure is exerted on relay case. 5. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 6. Specifications subject to change without notice. 1. 2. 3. 4.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-08
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ830P
RELAY ORDERING DATA
STANDARD RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 24 48 5 6 9 12 24 48 Max. Continuous VDC 7.5 9.0 13.5 18.0 36.0 72.0 11.0 13.0 19.5 26.0 53.0 106.0 Coil Resistance 10% 69.4 100 225 400 1,600 6,400 139 200 450 800 3,200 12,800 Set Reset VDC 3.5 4.2 6.3 8.4 16.8 33.6 3.5 4.2 6.3 8.4 16.8 33.6
Maximum Switching Capacity
10.0
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
ORDER NUMBER*
AZ830P2-2C-5DE AZ830P2-2C-6DE
Current
AZ830P2-2C-9DE AZ830P2-2C-12DE AZ830P2-2C-24DE AZ830P2-2C-48DE AZ830P2-2C-5DSE AZ830P2-2C-6DSE AZ830P2-2C-12DSE AZ830P2-2C-24DSE AZ830P2-2C-48DSE AZ830P2-2C-9DSE
1.0
.9 .8 .7 .6 .5 .4 .3 .2
AC Resistive Load DC Resistive Load
SENSITIVE RELAYS
Voltage
* Add suffix "A" for silver palladium gold clad contacts.
MECHANICAL DATA
.788 (20.0) .390 (9.9)
Coil Temperature Rise
Standard
110 Full Load 100
Coil Temperature Rise C
.386 .366 (9.8) (9.3)
90 80 70 60 50 40 30 20 10 60% 80% 100% 120% 140% 160% 180% No Load
.138 (3.5) .012 .005 (0.3 0.13) TYP
.044 (1.1) .100 (2.54) .200 (5.07)
.200 (5.07) .200 (5.07)
(.024 .005) (0.6 0.13) TYP
PC BOARD LAYOUT
0.03 DIA (0.8) (10 HOLES)
.044 (1.1) REF
Percent of Nominal Coil Voltage
Sensitive
60
.044 (1.1) REF
Coil Temperature RiseC
50
Full Load
No Load 40
Viewed toward terminals
TWO COIL LATCHING WATCH FOR POLARITY
0.1 (2.54)
30
WIRING DIAGRAM
8
Diagrams show the "reset" position before energized with polarity as shown
20
1 +
2 +
4
6
10 60% 80% 100% 120% 140% 160% 180%
Percent of Nominal Coil Voltage
- 16
- 15 13 11 9
Viewed toward terminals
Set
Reset
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-04-08
Junkersstrasse 3, D-82178 Puchheim, Germany
1000
100
10
.1
50 60 70 80 90
400 500 600 700 800 900
20
30
40
200
300


▲Up To Search▲   

 
Price & Availability of AZ830P2-2C-9DSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X