Part Number Hot Search : 
02F5F MLX16303 ISL6225 T0805DM E006461 S6698FD L272AD2 BAV16W
Product Description
Full Text Search
 

To Download AZ697 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ697
10 AMP MINIATURE POWER RELAY
FEATURES Dielectric strength 5000 Vrms 10 Amp switching -- single pole contacts UL TV-5 Isolation spacing greater than 8mm (1 Form A) 6mm (1 Form C) * Epoxy sealed version available * UL, CUR file E44211 * TUV file R9659061 CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 300 W or 2500 VA Max. switched current: 10 A Max. switched voltage: 150 VDC* or 380 VAC
* Note: If switching voltage is greater than 30 VDC,
* * * *
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 10 A 250 VAC Res. 8 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
special precautions must be taken. Please contact the factory.
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure 1000 megohms min. at 20C, 500 VDC 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P. C. 270C (518F) 5 seconds 80C (176F) 30 seconds 18 grams 50 per plastic tray / 500 per carton box
Rated Load UL, CUR TV-5 120 AC 10 A 277 VAC 10 A 30 VDC resistive 1/ HP 250 VAC 3
1/
4
HP 125 VAC N. O.
TUV Material Resistance
10 A 250 VAC, 30 VDC resistive, 100k cycles Silver cadmium oxide < 50 milliohms initially
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 257 mW 1.9 W at 20C (68F) ambient 34C (61F) nominal coil voltage Max. 130C (266F)
Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight Packing unit in pcs
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-03-08
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ697
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil VDC 3 5 6 9 12 18 24 48 60 110 ** Must Operate VDC 2.1 3.5 4.2 6.3 8.4 12.6 16.8 33.6 42.0 79.3 Max. Continuous VDC 5.7 9.4 11.4 17.4 22.8 27.9 45.7 89.0 115.3 170.5 Coil Resistance Ohm 17 10% 47 10% 68 10% 160 10% 275 10% 650 10% 1,100 15% 4,170 15% 7,000 15% 22,900 15%
ORDER NUMBER*
Form A (SPST) AZ697-1A-3D AZ697-1A-5D AZ697-1A-6D AZ697-1A-9D AZ697-1A-12D AZ697-1A-18D AZ697-1A-24D AZ697-1A-48D AZ697-1A-60D AZ697-1A-110D Form C (SPDT) AZ697-1C-3D AZ697-1C-5D AZ697-1C-6D AZ697-1C-9D AZ697-1C-12D AZ697-1C-18D AZ697-1C-24D AZ697-1C-48D AZ697-1C-60D AZ697-1C-110D
*Add suffix "E" for epoxy sealed version. ** 110VDC coil not TUV approved.
MECHANICAL DATA
Form A and C PC BOARD LAYOUT
.138 .138 .649 (3.5) (3.5) (16.5) 1.14 (29) .160 .015 (4.2 .4) .51 (13) .295 (7.5) 1.02 (25.9) .08 (2.1) (Form C only)
.015 (0.38)
5 x o .05 [o 1.3]
Viewed toward terminals
WIRING DIAGRAMS
Terminal No. Dimensions Tol.: 0.005 (0.13) 1,2,3,5 0.018 (0.457) x 0.038 (0.965) 4 0.011 (0.279) x 0.038 (0.965)
1 5 4
Form A
3 1 5
Form C
2 4 3
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-03-08
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ697

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X