Part Number Hot Search : 
FP05S8 2N3906N 351YC KI4464DY 10J22 LXT9763 BF256A 70N6T
Product Description
Full Text Search
 

To Download ASRD803T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASRD 800 SERIES
SURFACE MOUNT STEP RECOVERY DIODE
DESCRIPTION:
The ASRD 800 Series of Step Recovery Diodes are Designed for Synthesiser and Sampler Applications Requiring a High Performance to Cost Ratio.
FEATURES INCLUDE:
* Transition Time as Low as 70 pS * Surface Mount SOD323 Package
PACKAGE STYLE SOD- 323
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC 50 mA
UP TO RATED
VBR
O O
100 mW -55 to +150 C -55 to +150 C 1.25 C /mW
TC = 25
O
O
STATIC ELECTRICAL CHARACTERISTICS
SYMBOL
VBR IR = 10 A
C
TEST CONDITIONS
ASRD 803 ASRD 806 ASRD 808 ASRD 814 ASRD 820 ASRD 830 f = 1 MHz ASRD 803 ASRD 806 ASRD 808 ASRD 814 ASRD 820 ASRD 830
MINIMUM TYPICAL MAXIMUM
15 20 25 40 50 60 0.2 0.4 0.5 1.0 1.5 2.5 0.4 0.8 1.0 1.7 2.5 3.5
UNITS
V
CJ6
VR = 6 V
pF
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/3
ASRD 800 SERIES SURFACE MOUNT STEP RECOVERY DIODE
DYNAMIC ELECTRICAL CHARACTERISTICS
SYMBOL
IF = 10 mA
TC = 25
O
C
TEST CONDITIONS
IR = 6 mA ASRD 803 ASRD 806 ASRD 808 ASRD 814 ASRD 820 ASRD 830
MINIMUM TYPICAL MAXIMUM
8 10 25 45 55 80 10 12 30 60 70 100 70 85 90 110 200 250 85 100 110 135 250 300
UNITS
nS
Tt
VR = 7 V
IF = 3 mA
ASRD 803 ASRD 806 ASRD 808 ASRD 814 ASRD 820 ASRD 830
pS
ORDERING INFORMATION:
ASRD 8XXX-XX
TR = TAPE & REELED (OPTIONAL) D = SOD 323 T = SOT 23 03 06 08 14 20 30
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
2/3
ASRD 800 SERIES SURFACE MOUNT STEP RECOVERY DIODE
ASRD 830
ASRD 814 ASRD 808 ASRD 806 ASRD 803
PACKAGE STYLE SOT-23
1 = Anode
2 = NC
3 = Cathode
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
2/3


▲Up To Search▲   

 
Price & Availability of ASRD803T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X