Part Number Hot Search : 
1N5243 MOTOR 7052B S16D40PT A3008 2SJ632 241TZQ16 C170A
Product Description
Full Text Search
 

To Download APTM120A15F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM120A15F
Phase leg MOSFET Power Module
VBUS Q1
VDSS = 1200V RDSon = 150m max @ Tj = 25C ID = 60A @ Tc = 25C
Application * * * * Welding converters Switched Mode Power Supplies Uninterruptible Power Supplies Motor control
G1 OUT S1 Q2
Features * Power MOS 7(R) FREDFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic reverse diode - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
G2
S2
0/VBUS
* * *
G1 S1 VBUS 0/VBUS OUT
Benefits * * * * Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Low profile
S2 G2
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM120A15F- Rev 0
Max ratings 1200 60 45 240 30 150 1250 22 50 3000
Unit V A V m W A mJ
July, 2004
APTM120A15F
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol BVDSS IDSS RDS(on) VGS(th) IGSS Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 1mA Min 1200
VGS = 0V,VDS = 1200V VGS = 0V,VDS = 1000V T j = 25C T j = 125C
Typ
Max 400 2000 150 5 250
Unit V A m V nA
VGS = 10V, ID = 30A VGS = VDS, ID = 10mA VGS = 30V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 600V ID = 60A Inductive switching @ 125C VGS = 15V VBus = 800V ID = 60A R G = 1.2 Inductive switching @ 25C VGS = 15V, VBus = 800V ID = 60A, R G = 1.2 Inductive switching @ 125C VGS = 15V, VBus = 800V ID = 60A, R G = 1.2
Min
Typ 20.6 3.08 0.52 748 96 480 20 15 160 45 3.96 2.74 6.26 3.43
Max
Unit nF
nC
ns
mJ
mJ
Source - Drain diode ratings and characteristics
Symbol IS VSD dv/dt trr Qrr Characteristic Continuous Source current (Body diode) Diode Forward Voltage Peak Diode Recovery Reverse Recovery Time Reverse Recovery Charge
Test Conditions Tc = 25C Tc = 80C
Min
Typ
VGS = 0V, IS = - 60A IS = - 60A VR = 600V diS/dt = 400A/s IS = - 60A VR = 600V diS/dt = 400A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C 8 28
Max 60 45 1.3 18 320 650
Unit A V V/ns ns C
July, 2004 2-6 APTM120A15F- Rev 0
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1. dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 60A di/dt 700A/s VR VDSS Tj 150C
APT website - http://www.advancedpower.com
APTM120A15F
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3 2
Typ
Max 0.1 150 125 100 5 3.5 280
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5
Package outline
APT website - http://www.advancedpower.com
3-6
APTM120A15F- Rev 0
July, 2004
APTM120A15F
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.12 Thermal Impedance (C/W) 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 200
VGS =15, 10 & 8V
Transfert Characteristics 320 280 ID, Drain Current (A)
VDS > I D(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
160 120 80 40 0 0 5 10 15 20
7V 6.5V
240 200 160 120 80 40 0 TJ=25C TJ=125C 0 1 2 3 4 5 6 TJ=-55C 7 8 9
6V
5.5V 5V
25
30
VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS =10V @ 30A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 70 60 50 40 30 20 10 0 25 50 75 100 125 150
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V VGS=20V
40
80
120
160
ID, Drain Current (A)
TC, Case Temperature (C)
July, 2004
APT website - http://www.advancedpower.com
4-6
APTM120A15F- Rev 0
APTM120A15F
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 Ciss C, Capacitance (pF) 10000 Coss 14 12 10 8 6 4 2 0 0 160 320 480 640 800 960 Gate Charge (nC) I D=60A TJ=25C
V DS=240V VDS=600V V DS =960V
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=30A
1000
100s
100
limited by RDS on
1ms
10 Single pulse TJ =150C 1 1
10ms
1200 10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage
1000
Crss
100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
APT website - http://www.advancedpower.com
5-6
APTM120A15F- Rev 0
July, 2004
APTM120A15F
Delay Times vs Current 180 td(on) and td(off) (ns) 150 60
V DS=800V RG=1.2 T J=125C L=100H
Rise and Fall times vs Current 80
VDS=800V RG=1.2 T J=125C L=100H
t d(off)
tf
90 60 30 0 20
tr and tf (ns)
120
40 tr 20
t d(on)
0 40 60 80 100 120 140 20 40 I D, Drain Current (A) Switching Energy vs Current 60 80 100 120 I D, Drain Current (A) 140
Switching Energy vs Gate Resistance
12 Switching Energy (mJ) 10 8 6 4 2 0 20 40 60 80 100 120 140
ID, Drain Current (A) Operating Frequency vs Drain Current
14 Switching Energy (mJ)
VDS=800V RG=1.2 TJ=125C L=100H
Eon
12 10 8 6 4
V DS=800V ID=60A T J=125C L=100H
Eoff
Eoff
Eon
2 0.00 1.25 2.50 3.75 5.00 6.25 7.50 8.75
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage
200 Frequency (kHz) 150 100 50 0 5 15 25 35 45 ID, Drain Current (A) 55
V DS=800V D=50% R G=1.2 T J=125C T C=75C ZCS ZVS
IDR, Reverse Drain Current (A)
250
1000
100
TJ=150C TJ=25C
10
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTM120A15F- Rev 0
July, 2004


▲Up To Search▲   

 
Price & Availability of APTM120A15F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X