Part Number Hot Search : 
AD7399 RLPBF PCM1740E 80T05 SC140 UGN314 11N60 05M03
Product Description
Full Text Search
 

To Download APTGF150DU120T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF150DU120T
Dual common source NPT IGBT Power Module
C1 Q1 G1 C2
VCES = 1200V IC = 150A @ Tc = 80C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies
Q2 G2
E1
E2
NT C1
E
NTC2
Features * Non Punch Through (NPT) FAST IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Easy paralleling due to positive TC of VCEsat * Low profile
G2 E2
C2
C1
E
C2
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Tc = 25C Tc = 80C Tc = 25C Tc = 25C Tj = 150C
A V W
Reverse Bias Safe Operating Area
300A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-5
APTGF150DU120T - Rev 0 January, 2005
Max ratings 1200 200 150 300 20 961
Unit V
APTGF150DU120T
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(on) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions Tj = 25C VGE = 0V VCE = 1200V Tj = 125C Tj = 25C VGE =15V IC = 150A Tj = 125C VGE = VCE, IC = 5 mA VGE = 20V, VCE = 0V Min Typ 0.1 5 3.2 3.9 Max 3 3.7 6.5 500 Unit mA V V nA
4.5
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 150A R G = 5.6 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 150A R G = 5.6
Min
Typ 10.2 1.4 0.75 120 50 310 20 130 60 360 30 18 8
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF(A V) VF trr Qrr
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1200
Typ
Max 750 1250
Unit V A A V ns C
APTGF150DU120T - Rev 0 January, 2005
Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
VR=1200V
50% duty cycle
IF = 100A IF = 100A VR = 600V IF = 100A VR = 600V
100 2.1 1.9 60 100 8.4 18
di/dt =2500A/s
di/dt =2500A/s
APT website - http://www.advancedpower.com
2-5
APTGF150DU120T
Temperature sensor NTC
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.16 K Min Typ 68 4080 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt
Thermal and package characteristics
Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.13 0.32 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500 -40 -40 -40
To heatsink
M5
Package outline
APT website - http://www.advancedpower.com
3-5
APTGF150DU120T - Rev 0 January, 2005
APTGF150DU120T
Typical Performance Curve
Output Characteristics (V GE=15V) Output Characteristics 300 250 200 IC (A)
VGE=12V TJ = 125C VGE=20V VGE=15V
300 250 200
IC (A)
TJ=25C
150 100 50 0 0 1 2 3 VCE (V) 4 5 6
T J=125C
150 100 50 0 0 1 2 3 4 VCE (V) 5 6
VGE =9V
300 250 200
Transfert Characteristics 56 48 40 E (mJ)
TJ =125C
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 5.6 T J = 125C
Eon
IC (A)
150 100 50 0 5 6 7
32 24 16
TJ=25C
8 0 0 50 100 150 IC (A) 200
Eoff
8
9
10
11
12
250
300
VGE (V) Switching Energy Losses vs Gate Resistance 70 60 50 E (mJ) 40 30 20 10 0 0 5 10 15 20 25 30 35 40 45 50 Gate Resistance (ohms)
Eoff VCE = 600V VGE =15V IC = 150A T J = 125C
Reverse Bias Safe Operating Area 350 300
Eon
250 IC (A) 200 150 100 50 0 0 300 600 900 VCE (V) 1200 1500
VGE =15V TJ =125C RG=5.6
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.14 Thermal Impedance (C/W) 0.12 0.1 0.08 0.06 0.04 0.02 0 0.00001 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9
IGBT
0.5
rectangular Pulse Duration (Seconds)
APT website - http://www.advancedpower.com
4-5
APTGF150DU120T - Rev 0 January, 2005
0.7
APTGF150DU120T
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 100 90 80 70 60 50 40 30 20 10 0 0 40 80 120 IC (A) 160 200
ZVS hard switching VCE =600V D=50% RG=5.6 T J=125C T C=75C
Forward Characteristic of diode 250 200 150 100 50 0 0 0.5 1 1.5 V F (V) 2 2.5 3
T J=25C
ZCS
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0.9 0.7 0.5
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
IC (A)
TJ =125C
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGF150DU120T - Rev 0 January, 2005


▲Up To Search▲   

 
Price & Availability of APTGF150DU120T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X