Part Number Hot Search : 
C2030A BCX52TA BCPZRL XL6008 9F0S500 DMN2230U E170CA BU208
Product Description
Full Text Search
 

To Download APTC60TDUM35P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTC60TDUM35P
Triple dual Common Source
Super Junction MOSFET
Power Module
D1 D3 D5 G1 G3 G5
VDSS = 600V RDSon = 35m max @ Tj = 25C ID = 72A @ Tc = 25C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies
S1 S1/S2
S3 S3/S 4
S5 S5/ S6
S2 G2
S4 G4
S6 G6
Features * - Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - Lead frames for power connections High level of integration
D2
D4
D6
* * *
D1 D3 D5 G1 G3 G5
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTC60TDUM35P - Rev 0 September, 2004
Benefits * Outstanding performance at high frequency operation S1 S3 S5 S1/S2 S3/S4 S5/S6 * Direct mounting to heatsink (isolated package) S2 S4 S6 * Low junction to case thermal resistance G2 G4 G6 * Solderable terminals both for power and signal for easy PCB mounting D2 D4 D6 * Very low (12mm) profile * Each leg can be easily paralleled to achieve a dual common source configuration of three times the current capability Absolute maximum ratings Symbol Parameter Max ratings Unit VDSS Drain - Source Breakdown Voltage 600 V Tc = 25C 72 ID Continuous Drain Current A Tc = 80C 54 IDM Pulsed Drain current 200 VGS Gate - Source Voltage 20 V RDSon Drain - Source ON Resistance 35 m PD Maximum Power Dissipation Tc = 25C 416 W IAR Avalanche current (repetitive and non repetitive) 20 A EAR Repetitive Avalanche Energy 1 mJ EAS Single Pulse Avalanche Energy 1800
APTC60TDUM35P
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol BVDSS IDSS RDS(on) VGS(th) IGSS Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 375A Min 600
VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V
Typ 1
Max 40 375 35 3.9 150
Unit V A m V nA
Tj = 25C Tj = 125C 2.1
VGS = 10V, ID = 72A VGS = VDS, ID = 5.4mA VGS = 20 V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 72A Inductive Switching @ 125C VGS = 15V VBus = 400V ID = 72A R G = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 400V ID = 72A, R G = 2.5 Inductive switching @ 125C VGS = 15V, VBus = 400V ID = 72A, R G = 2.5
Min
Typ 14 5.13 0.42 518 58 222 21 30 283 84 1340 1960 2192 2412
Max
Unit nF
nC
ns
J J
Source - Drain diode ratings and characteristics
Symbol IS VSD dv/dt trr Qrr Characteristic Continuous Source current (Body diode) Diode Forward Voltage Peak Diode Recovery Reverse Recovery Time Reverse Recovery Charge
Test Conditions Tc = 25C Tc = 80C
Min
Typ 72 54
Max
Unit A
VGS = 0V, IS = - 72A IS = - 72A VR = 350V diS/dt = 200A/s Tj = 25C Tj = 25C 580 46
1.2 6
V V/ns ns C
APTC60TDUM35P - Rev 0 September, 2004
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1. dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 72A di/dt 200A/s VR VDSS Tj 150C
APT website - http://www.advancedpower.com
2-6
APTC60TDUM35P
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3
Typ
Max 0.3 150 125 100 5 250
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M6
Package outline
5 places (3:1)
APT website - http://www.advancedpower.com
3-6
APTC60TDUM35P - Rev 0 September, 2004
APTC60TDUM35P
Typical Performance Curve
0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9 0.7
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 400 360 320 280 240 200 160 120 80 40 0 0 280 6.5V 6V 5.5V 5V 4.5V 4V 5 10 15 20 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current I D, DC Drain Current (A)
Normalized to VGS=10V @ 36A
Transfert Characteristics 240 200 160 120 80 40 0 25 0 1 2 3 4 5 6 VGS, Gate to Source Voltage (V) 7 TJ=125C TJ=25C TJ=-55C
VDS > ID(on)xRDS (on)MAX 250s pulse test @ < 0.5 duty cycle
ID, Drain Current (A)
I D, Drain Current (A)
VGS=15&10V
RDS(on) Drain to Source ON Resistance
1.1 1.05 1 0.95 0.9 0
DC Drain Current vs Case Temperature 80
VGS =10V
70 60 50 40 30 20 10 0
APTC60TDUM35P - Rev 0 September, 2004
VGS=20V
20
40
60
80
100
120
25
I D, Drain Current (A)
50 75 100 125 TC, Case Temperature (C)
150
APT website - http://www.advancedpower.com
4-6
APTC60TDUM35P
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) ON resistance vs Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
V GS=10V ID= 72A
Threshold Voltage vs Temperature 1.2
VGS(TH), Threshold Voltage (Normalized)
1000
I D, Drain Current (A)
1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C)
100 10
limited by RDSon
100 s 1 ms DC line 10 ms
1 0.1 1
Single pulse TJ =150C 10 100 1000
VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage
VGS , Gate to Source Voltage (V)
Capacitance vs Drain to Source Voltage 100000 Ciss
C, Capacitance (pF)
14 12 10 8 6 4 2 0 0 100
APTC60TDUM35P - Rev 0 September, 2004
10000
ID=72A TJ=25C
V DS=120V VDS=300V V DS =480V
Coss
1000 Crss 100
10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
200 300 400 Gate Charge (nC)
500
600
APT website - http://www.advancedpower.com
5-6
APTC60TDUM35P
350 300
td(on) and td(off) (ns)
Delay Times vs Current 120 td(off)
VDS=400V RG=2.5 TJ=125C L=100H
Rise and Fall times vs Current
VDS=400V RG=2.5 T J=125C L=100H
100
tr and t f (ns)
250 200 150 100 50 0 0 20 40 60 80 100 120 ID, Drain Current (A) Switching Energy vs Current 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0
Switching Energy (mJ)
VDS=400V RG=2.5 TJ=125C L=100H
tf
80 60 40 20 0 0
td(on)
tr
20
40
60
80
100
120
ID, Drain Current (A) Switching Energy vs Gate Resistance 10 8 6 4 2 0
VDS=400V ID=72A T J=125C L=100H
Switching Energy (mJ)
Eoff Eon
Eoff
Eon
20
40 60 80 100 ID, Drain Current (A)
120
0
5
10
15
20
25
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000 TJ=150C 100 TJ =25C 10
Operating Frequency vs Drain Current 140 120
Frequency (kHz)
ZCS ZVS
100 80 60 40 20 0 15 20 25 30 35 40 45 50 55 60 65 ID, Drain Current (A)
VDS=400V D=50% RG=2.5 TJ=125C TC=75C
hard switching
I DR, Reverse Drain Current (A)
1 0.3
APTC60TDUM35P - Rev 0 September, 2004
0.5 0.7 0.9 1.1 1.3 1.5 VSD, Source to Drain Voltage (V)
"COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6


▲Up To Search▲   

 
Price & Availability of APTC60TDUM35P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X