Part Number Hot Search : 
CY7C6 STMP3600 30203 TDA6060G CZRB2320 4N25M 420HWB LMR61W
Product Description
Full Text Search
 

To Download A733LT1-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
A733LT1
FEATURES Power dissipation PCM : 0.2 W Tamb=25ae(c) Collector current ICM : -0.15 A Collector-base voltage V(BR)CBO : -60 V Operating and storage junction temperature range T J T stg: -55aeto +150ae
Unit : mm
TRANSISTORPNP (c)
SOT 23
1. BASE 2. EMITTER 3. COLLECTOR
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO HFE(c) 1 VCE(sat)
unless
Test
otherwise
MIN -60 -50 -5
specified(c)
TYP MAX UNIT V V V -0.1 -0.1 |I A |I A
conditions
Ic= -5 |I IE=0 A IC= -1 mA , IB=0
IE= -50 |I AIC=0 VCB= -60 V , IE=0 VEB= -5 V , IC=0
VCE= -6 V, IC= -1mA IC= -100mA, IB=- 10m A VCE= -6 V, IC=-10mA
120 -0.18
475 -0.3 V
Transition frequency
f
T
50
MHz
f = 30MHz
CLASSIFICATION OF HFE(1)
Rank Range L 120-200 H 200-475
MARKING
CS
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A L Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100


▲Up To Search▲   

 
Price & Availability of A733LT1-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X