Part Number Hot Search : 
EM871 A1SY80 MAP3301B OY47GK 25402 IRISMPS1 B431LAZ G2406
Product Description
Full Text Search
 

To Download 450VA103BB3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 450 Stock PotTM
(R)
Industrial 15/16" (24mm) diameter 1/2 watt composition variable resistor
The CTS 450 Stock PotTM Program provides immediate off-the-shelf availability from select CTS distributors. The program offers a choice of 11 of the most commonly used resistance values, linear or 10% logarithmic tapers and 17 popular plug in shafts which can be quickly assembled. * Off-the-shelf availability * Choice of linear or 10% logarithmic tapers * Wide resistance range * 20% resistance tolerance * Available with four shaft styles: knurled and slotted, flatted or round, with a wide selection of lengths and styles. Generally eliminates the need for cutting or modification. * Economical even in limited volume applications * Supplied with mounting hardware
Electrical and Mechanical Specifications
Resistance Range 500 ohms through 1 Megohm Resistance Tolerance Standard 20% Power Rating, Watts Through 10K ohms, 1/2 watt; above 100K ohms through 100K ohms, 1/3 watt; above 100K ohms, 1/4 watt Voltage Rating Bushing to terminals: High pot test, one minute -- 1080 VAC Operating maximum -- 750 VDC Shaft Information Diameter: .250" (6.35mm) Angle of Rotation Total Rotation: 300 degrees, 5 Effective Rotation: approximately 300 degrees Bushing Information Material: diecast zinc Diameter: EIA std. 3/8 - 32 UNEF-2A thread Length: 3/8" 1/64" (9.53mm 0.39mm) Available with 3/8" - 32 UNEF-2A thread only Terminal Information Solder lug, PC formed to rear Locating Lug Left side, terminals down Optional Switch SPST rotary switch 050 is available with limited shaft and resistance options. See ordering information.
Technical Data Sheet 1448C Technical Data Sheet 1450SPB
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
CTS Type 450 Stock PotTM
DIMENSION:
MM INCH
Plug In Shafts
Popular shaft styles are available with trim selections including screwdriver slot (.047" wide x .063" or 1.19mm x 1.60mm), flat (molded shaft flat is.156" wide x .500" long or 3.96mm x 12.7mm, brass shaft flat is .375" x .156" or 9.53mm x 3.69mm), knurled and slotted (diameter over knurl molded is .240" - .246" or 6.10 - 6.25 mm, brass is .231" - .241" or 5.87 - 6.12 mm), or full round.
See trim selections and shaft details in chart below.
Ordering Information
450 T A103 E M4 S
SWITCH TERMINAL STYLE T - SOLDER LUG V - PC FORMED TO REAR RESISTANCE OHMS 500 1K 2.5K 5K 10K 25K 50K 100K 250K 500K 1M LOG A TAPER -- A102 A252 A502 A103 A253 A503 A104 A254 A504 A105 LINEAR D TAPER D501 D102 D252 D502 D103 D253 D503 D104 D254 D504 D105 MOUNTING STYLE B - 3/8" DIECAST BUSHING E - EAR MOUNT BLANK - NO SWITCH S - SPST Rotary 050 Switch is supplied with an assembled molded shaft. Shaft Option M5 Only SHAFT OPTIONS BRASS MOLDED B1 - 5/8" SD Slot B2 3/4"
or
M1 - 1/2" K&S M2 - 5/8" K&S M3 - 3/4"K&S M4 - 7/8" K&S M5 - 1" K&S M6 - 7/8" Flat M7 - 1" Flat M8 - 2" Round
SD Slot
B3 - 7/8" SD Slot B4 - 1" SD Slot B5 - 3/4" Flat B6 - 7/8" Flat B7 - 1" Flat B8 - 3/4" K&S B9 - 7/8" K&S
Shaft M5 Required with Switch
Order From:
CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 11-99I


▲Up To Search▲   

 
Price & Availability of 450VA103BB3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X