![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Series 296 (R) Commercial 12mm Diameter Composition Variable Resistors * Miniature 12mm size * Low cost * P.C. board mounting * 500 ohms through 1 megohms * Detent available Electrical and Mechanical Specifications Resistance Range Standard: 500 ohms through 1 megohms. Special: For non-standard resistance values, please contact CTS. Resistance Tolerance Standard: 20% Special: Tighter tolerances available in most resistance values. Power Rating, Watts 0.15 watts @ 50C derated to no load @ 85C for linear curve. 0.1 watts @ 50C derated to no load @ 85C for regular non-linear curve. Voltage Rating Across end terminals: Standard 250 VDC; Special: 350 VDC load not to exceed wattage ratings at given ambient temperature. Angle of Rotation Total Rotation: 300 5 Effective Electrical Rotation: 280 (approximate) Rotational Torque 20 - 216 gcm Stop Strength 5" lbs (5.76 kg-cm) minimum stop strength. Mounting Information P.C. board mounting Type "X": Control shaft parallel to P.C. board. Type "U": Control shaft vertical to P.C. board. Detent 50% detent available. Technical Data Sheet 1448C Technical Data Sheet 1296 CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS XM 296RE Molded Shaft, Control Shaft Parallel to P.C. Board DIMENSION: MM INCH X Terminal Type H Terminal Type UM 296RE Molded Shaft, Control Shaft Vertical to P.C. Board DIMENSION: MM INCH Ordering Information 296 TERMINAL STYLE X - PC U - PC FORMED TO REAR H - HOOK X B CODE 501 102 252 502 103 253 503 104 252 RESISTANCE CODE EXAMPLES RESISTANCE 500 OHMS 1K 2.5K 5K 10K 25K 50K 100K B RESIST TOL A - 10% B - 20% C - 30% 2 N DETENT N - NO DETENT C - CENTER DETENT SHAFTS AVAILABLE (ALL SHAFTS .236" [6MM] DIAMETER/EXCEPT E - DIAMETER IS .240" [6.1MM]) LENGTH BEYOND INCH COVER A- B- D- E- .640" .840" .540" 265" TRIM FLATTED .472" X .177" FLATTED .472" X .177" FLATTED .472" X .177" KNURLED .287" X .236" FLATTED .218" x .204" COVER A - 16.3MM B - 21.3MM C - 26.2MM D - 13.7MM E - 6.7MM MM TRIM FLATTED 12X4.5MM FLATTED 12X4.5MM FLATTED 12X4.5MM KNURLED 7.3MMX18T FLATTED 5.5 x 5.2MM TAPER 1 - LINEAR 2 - 10% AUD 3 - 10% CCW AUD C - 1.031" Order From: CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 2.5M-6-99I |
Price & Availability of 296UA252A1B
![]() |