Part Number Hot Search : 
082R5FKR MB89P945 T857APAI GP10A A1010 2SD601 C7SZ0 082R5FKR
Product Description
Full Text Search
 

To Download 270T220A103B1A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 270
(R)
Commercial Miniature 5/8" (16mm) Diameter Composition Variable Resistors
* Miniature 5/8" (16mm) size * Versatile mounting styles: - bushing - twist tab - bend tab - snap-in PC bracket - solder lug or PC terminals (shaft parallel or perpendicular to the panel) * 100 to 5 Meg resistance range * Molded or metal shafts * SPST power switches * Single, tandem, or concentric units * Panel seal * Rear extended shaft
Electrical and Mechanical Specifications
Resistance Range 100 through 5 Meg (linear taper). Resistance Tolerance Standard: 20% Special: Other tolerances available in most resistance values. Power Rating, Watts 1/4 watt per section through 100K 1/5 watt per section above 100K Full rating @ 55C derated to no load at 85C, linear taper, bushing mounted control on steel panel 4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm). (Derating required on two section controls.) Voltage Rating Bushings to Terminals: High pot test, one minute -- 750 VAC Operating maximum -- 500 VDC Across End Terminals: 350 VDC, load not to exceed listed wattage ratings. Resistance Tapers Standard: Linear, 10% Audio and 10% CCW Audio Special tapers available to meet most requirements
Angle of Rotation
Total Rotation Without Switch: 300 5 With Switch: 315 5 Effective Rotation Without Switch: 300 (approximate) With Switch: 290 (approximate)
Panel Mounting Information
Bushing Mount Standard: Brass
(continued on next page)
Technical Data Sheet 1448C Technical Data Sheet 1270E
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications (continued)
All Other Mounts Standard: Twist tab (designated by "1") Special: Bend tab -- 2 or 3 ears Bracket mounted Suggested Panel for Twist Tab .042" thick (1.07mm) Locating Lugs (Bushing Mount) Standard: .312" (7.9mm) radius from center of control. Special: .375" (9.53mm) radius from center of control. Standard Position: Left side supplied unless otherwise specified. Other Positions: Available with lug right side, without lugs, or with lugs both left and right sides. Water Seal Construction Controls are also available to prevent water from entering the control through either the O.D. of shaft and/or the bushing. Concentric Tandem Units Available in two combinations: A - .125" (3.2mm) diameter rear shaft .250" (6.35mm) panel shaft (3/8 - 32 or M9X.75) B - .156" (4.0mm) diameter rear shaft .236" (6.0mm) diameter panel shaft (3/8 - 32 or M8X.75) Most metal shaft diameters can be used with twist tab mountings. With bracket mount, only .187 diameter shafts are used, with turn-down available to obtain smaller diameters. Metal Lengths: Minimum .125" (3.2mm) beyond bushing; special lengths as required. Trims: Plain round screwdriver slotted, flatted, knurled. Other trims available upon request. Molded Flatted and knurled with screwdriver slot available in many lengths and diameters. Terminal Information Standard: T Solder lug formed 90 to the rear. Special: (See below) T: T: U: Solder lug perpendicular to shaft. Solder lug formed 60 to the rear. PC terminals formed 90 forward toward mounting surface. Terminals extend .187" (4.7mm) beyond mounting surface. PC terminals formed 90 to the rear, away from panel mounting. Terminals extend .520" (13.2mm) from mounting surface.
Shaft and Bushing Information
Bushing Lengths Available Standard: .187" or .250" (4.75mm or 6.35mm) Special: .125" increments (3.2mm increments) Thread Size Standard: 1/4" - 32 3/8" - 32 M7 x .75 M8 x .75P Special: As required Molded Shafts Available (Shown with preferred diameter bushing) Bushing Mounted or Ear Mounted SHAFT DIAMETER INCH .156 .187 .236 .250 MM 4.0 4.7 6.0 6.35 BUSHING DIAMETER INCH 1/4" - 32 -- 3/8" - 32 3/8" - 32 MM M7X.75 M7X.75 M8X.75 M9X.75
V:
W: Wire wrap terminals -- .156" (4.0mm) terminal extension beyond base, formed 60 to the rear. BX: PC terminals standard .438" (11.1mm) from center line of control to PC board; straight terminals extend .156" (4.0mm) into PC board. X: PC terminals standard .505" (12.8mm) from center line of control to PC board, with .136" (3.4mm) straight terminal extension beyond PC board standoff. PC terminals standard .602" (15.3mm) from centerline of control to PC board, with .140" (3.5mm) straight terminal extension beyond PC board standoff.
Metal Shafts Available (Shown with preferred diameter bushing) Single or Dual Units SHAFT DIAMETER INCH .125 .156 .187 .236 .250 MM 3.2 4.0 4.7 6.0 6.35 BUSHING DIAMETER INCH 1/4" - 32 1/4" - 32 3/8" - 32 3/8" - 32 3/8" - 32 MM M7X.75 M7X.75 M7X.75 M8X.75 M9X.75 Y:
(continued on next page)
Electrical and Mechanical Specifications (continued)
Power Switches Available (all SPST)
SERIES 057 057
TYPE Rotary Rotary
ELECTRICAL RATING 5A @ 20 VDC 3A @ 125 VAC (UL approved)
Switch Actuating Angle -25 Switch Actuating Torque - 2 to 10 in. oz. (144 to 720g-cm)
DIMENSION:
MM INCH
SERIES DEMI DEMI
TYPE Push-Pull Momentary contact Push on
ELECTRICAL RATING 3A @ 20 VDC 3A @ 20 VDC
DIMENSION:
MM INCH
T270 Solder Lug Terminals, Metal Shaft, Bushing Mount
DIMENSION:
MM INCH
BX PM270 PC Type Base "X" Terminals, 2-Ear Mount Bend Tab, Molded Shaft
DIMENSION:
MM INCH
UPE 270RE PC Type "U" Terminals, Twist Tab Mount, Metal Shaft, Rear Extension
DIMENSION:
MM INCH
XB275RE PC Type "X" Terminals, Metal Shaft, Rear Extension
DIMENSION:
MM INCH
VPE 270 PC Type "V" Terminals, Twist Tab Mount, Metal Shaft
DIMENSION:
MM INCH
X057-BX270 PC Type Terminal SPST Switch, PC Style Base "X" Terminals, Metal Shaft, Bushing Mount
DIMENSION:
MM INCH
T2-270 Solder Lug Terminals, Straight Tandem, Metal Shaft, Bushing Mount
DIMENSION:
MM INCH
XP275 PC Type "X" Terminal, Metal Shaft, Twist Tab Mounting
DIMENSION:
MM INCH
T057-C2-270 Solder Lug Terminal SPST Switch, Solder Lug Terminals, Concentric Metal Shafts, Bushing Mount
DIMENSION:
MM INCH
Ordering Information
270/275
TERMINAL STYLE T - SOLDER LUG X - PC* U - FORMED TO FRONT V - FORMED TO REAR W- FORMED TO REAR
T
2
20
SHAFT LENGTH
R
103
RESISTANCE CODE EXAMPLES CODE 501 102 252 502 103 253 503 104 RESISTANCE 500 OHMS 1K 2.5K 5K 10K 25K 50K 100K
B
1
TAPER 1 - LINEAR 2 - 10% AUD 3 - 10% CCW AUD
A
1
MOUNTING STYLE BUSHING LENGTH: 1/8" (3.2MM) INCREMENTS 2 3 8 1 - - - - EXAMPLES: .250" (6.35MM) .375" (9.5MM) 1.000" (25.4MM) TWIST TAB MOUNT
From Mounting Surface 1/32" (0.8mm) Increments Examples: Metal Shafts 20 - .625" (15.9MM) 24 - .750" (19.1MM) 28 - .875" (22.2MM) 32 - 1.000" (25.4MM) Moulded Shafts Limited Lengths Available, See Shaft Trim selection 16 - Shaft U,.500" (12.7MM) 28 - Shaft V,.875" (22.2MM) 32 - Shaft W,.1.0" (25MM) SHAFT TRIM A- B- C- R- F- S- G- H- J- X- L- M- N- P- D- E- T- U- V- W-
SWITCH TYPE A - NONE B - SPST ROTARY
RESIST TOL A - 10% B - 20% C - 30% SPECIALS 1 - NONE 2 - 50% DETENT 4 - LOCATING LUG FOR RIGHT SIDE 5 - NO LOCATING LUG
BUSHING MOUNT SUPPLIED WITH LOCATING LUG LEFT SIDE TERMINALS DOWN
*BX construction and terminal length supplied unless otherwise specified
.125" DIAM. ROUND BRASS .125" DIAM. FLAT BRASS .125" DIAM. SD SLOT BRASS .156" DIAM. ROUND BRASS .156" DIAM. FLAT BRASS .156" DIAM. SD SLOT BRASS .187" DIAM. ROUND BRASS .187" DIAM. FLAT BRASS .187" DIAM. SD SLOT BRASS .236" DIAM. ROUND BRASS .236" DIAM. FLAT BRASS .236" DIAM. SD SLOT BRASS .236" DIAM. SK BRASS .250" DIAM. ROUND BRASS .250" DIAM. FLAT BRASS .250" DIAM. SD SLOT BRASS .250" DIAM. SK BRASS .187" DIAM. .500" FMS SK MOLDED .187" DIAM. .875" FMS FLAT MOLDED .236" DIAM. .984" FMS FLATTED (.472" X .177") MOLDED K - .236" DIAM. .500" FMS SK MOLDED (SWITCH ONLY)
NOTES: 275 series available in "X" and "U" style PC Terminals only. .125" dia. & .156" dia. shaft thickness is .109". .187" dia. shaft flat thickness is .156". .236" dia. shaft flat thickness is .177". .250" dia. shaft flat thickness is .156".
Order From:
CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 03/00I


▲Up To Search▲   

 
Price & Availability of 270T220A103B1A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X