Part Number Hot Search : 
1N3825 S1210 1N4959D HYB51 RY210005 HC14A AMN11112 SL100
Product Description
Full Text Search
 

To Download 2223-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2223-1.7
1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz GENERAL DESCRIPTION
The 2223-1.7 is a COMMON BASE transistor capable of providing 1.7 Watts of Class C, RF output power over the band 2200 - 2300 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes input prematching and utilizes Gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder sealed package.
CASE OUTLINE
55LV, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emiter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 7 Watts 45 Volts 3.5 Volts .25 Amps
- 65 to + 200oC + 200oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Output Power Input Power Gain Efficiency Load Mismatch Tolerance TEST CONDITIONS F =2.2 - 2.3 GHz Vcc = 24 Volts MIN 1.7 .25 8.3 35 10:1 TYP MAX UNITS Watts Watts dB %
c
VSWR
BVces BVebo Hfe Cob
jc
Collector to Base Breakdown Emitter to Base Breakdown Current Gain Output Capacitance Thermal Resistance
Ic = 10 mA Ie = 2 mA Vce = 5 V, Ic = 160mA Vcb = 28V, 1MHz Tc = 25 oC
40 3.5 10
Volts Volts 100 24
o
pF C/W
Issue A June 1997
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2223-1.7
August 1996


▲Up To Search▲   

 
Price & Availability of 2223-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X