Part Number Hot Search : 
DB105 12D12 MR2835 BAS70SS3 4ALVC 08226 BFR65 SPX1581U
Product Description
Full Text Search
 

To Download 206-3ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 206/208 DIP
(R)
Multifunctional through hole DIP switches
Features
Optimized Mechanical Features
* Series 206 SPST, SPDT, DPST, DPDT, 3PST or 4PST circuitry choices * Series 206 and Series 208 SPST available in 2 through 10 and 12 positions * Standard 2.54mm (.100") x 7.62mm (.300") DIP centers * Available with flush actuators for low profile SPST applications * Sealed version optional; assures contaminant-free switch operation after flow soldering and cleaning
Optimized Contact System
* Contact wiping on make and break * Integral terminal and contact locked into thermoset base * Electrostatic discharge shield rated to 22 KV
Materials
* Series 206 gold-plated contacts for long-term contact corrosion resistance * Series 208 tin-lead contacts * All U.L. 94 V-0 plastics used
Series 206 - Premium Gold Plated Contacts Series 208 - Economical Tin-Lead Plated Contacts
Electrical and Mechanical Specifications
Switch Function Series 206 and 208 single pole single throw Series 206 - single pole double throw - double pole single throw - double pole double throw - 3 pole single throw - 4 pole single throw Switch Contact Resistance
Switch Series 206 208 Initial, max. 50 milliohms 100 milliohms End of life, max. 100 millohms 500 millohms
Insulation Resistance 1,000 megohms minimum across open switch 1,000 megohms minimum between adjacent closed switches Dielectric Strength 500 VAC minimum for 1 minute between adjacent switches Nonswitching Rating 100 mA or 50 VDC Switch Capacitance 5.0 pF maximum between adjacent switches
Operating Temperature -55C to +85C Actuation Life Series 206: 10,000 cycles switching 50 mA @ 24 VDC Series 208: 2,000 cycles switching 50 mA @ 15 VDC Allowable Solder Time Up to 4 seconds with 260C solder Vibration Per MIL-STD-202F, method 204D, condition B with no contact inconsistencies greater than 1 microsecond Shock Per MIL-STD-202F, method 213B, condition A with no contact inconsistencies greater than 1 microsecond Sealing Bottom epoxy seal optional Top tape seal optional Marking Special side or top markingTechnical Data SheetCTS available-consult 1448C
Technical Data Sheet 4206D
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
SPST - Series 206 and Series 208
DIMENSION:
MM INCH
SPDT - Series 206
DIMENSION:
MM INCH
DPST - Series 206
DIMENSION:
MM INCH
DPDT - Series 206
DIMENSION:
MM INCH
3PST - Series 206
DIMENSION:
MM INCH
4PST - Series 206
DIMENSION:
MM INCH
Low Profile Actuators - Series 206 and Series 208, SPST
DIMENSION:
MM INCH
Extended Actuators - Series 206, SPST
DIMENSION:
MM INCH
Part Numbering Information
OPTIONS
XXX
Series 206 Series 208
--
X
X
Number of Throws
XX
(RA)
X
Actuator Length
LP -- Low Profile Option on SPST 206/208 product E -- Extended Length Option on SPST 206 product
S
Bottom Epoxy Seal
Available on all 206/208 product
T
Top Tape Seal
Available with all standard or low profile actuators
Number of Poles
Number of Positions
Ordering Information
"A" Overall Dimensions 7.26 / .286 9.80 / .386 12.34 / .486 14.88 / .586 17.42 / .686 19.96 / .786 22.50 / .886 25.04 / .986 27.58 / 1.086 32.66 / 1.286 7.26 / .286 12.34 / .486 17.42 / .686 22.50 / .886 27.58 / 1.086 32.66 / 1.286 7.26 / .286 12.34 / .486 17.42 / .686 22.50 / .886 27.58 / 1.086 32.66 / 1.286 12.34 / .486 22.50 / .886 32.66 / 1.286 9.80 / .386 17.42 / .686 25.04 / .986 32.66 / 1.286 12.34 / .486 22.50 / .886 32.66 / 1.286 Number of Switch Sections 2 3 4 5 6 7 8 9 10 12 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 1 2 3 4 1 2 3 Actuation SPST SPST SPST SPST SPST SPST SPST SPST SPST SPST SPDT SPDT SPDT SPDT SPDT SPDT DPST DPST DPST DPST DPST DPST DPDT DPDT DPDT 3PST 3PST 3PST 3PST 4PST 4PST 4PST Part Number 206/208-2 206/208-3 206/208-4 206/208-5 206/208-6 206/208-7 206/208-8 206/208-9 206/208-10 206/208-12 206-121 206-122 206-123 206-124 206-125 206-126 206-211 206-212 206-213 206-214 206-215 206-216 206-221 206-222 206-223 206-311 206-312 206-313 206-314 206-411 206-412 206-413 Both Bottom and Top Sealed 206/208-2ST 206/208-3ST 206/208-4ST 206/208-5ST 206/208-6ST 206/208-7ST 206/208-8ST 206/208-9ST 206/208-10ST 206/208-12ST 206-121ST 206-122ST 206-123ST 206-124ST 206-125ST 206-126ST 206-211ST 206-212ST 206-213ST 206-214ST 206-215ST 206-216ST 206-221ST 206-222ST 206-223ST 206-311ST 206-312ST 206-313ST 206-314ST 206-411ST 206-412ST 206-413ST Low Profile Both Bottom and Top Sealed 206/208-2LPST 206/208-3LPST 206/208-4LPST 206/208-5LPST 206/208-6LPST 206/208-7LPST 206/208-8LPST 206/208-9LPST 206/208-10LPST 206/208-12LPST
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 2.5M-6-99I


▲Up To Search▲   

 
Price & Availability of 206-3ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X