Part Number Hot Search : 
B0515 80C196KC MX25L163 XMXXX APE34024 AAT8107 HY5401 1LT1G
Product Description
Full Text Search
 

To Download 1A4534-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann(R)
Fuse Clips for Printed Circuit Boards
For ATC, 5mm, & TM Diameter Fuses
1AXXXX Series
1A4534 Series For Diameter Fuses With End Stops & Angled Out Leads Dimensional Data
.155"
(3.94mm)
1A4533 Series For Diameter Fuses Without End Stops & Angled Out Leads Dimensional Data
.102"
(2.6mm)
Catalog Number 1A4534-01 1A4534-06
Clip Mat.* BeCu** Cart. Brass Spg. Br.
.155"
Finish Bright Tin Bright Tin Bright Tin
(3.94mm)
.102"
(2.6mm)
Catalog Number 1A4533-01 1A4533-06
Clip Mat.* BeCu** Cart. Brass Spg. Br.
Finish Bright Tin Bright Tin Bright Tin
.320"
(8.13mm)
.280"
(7.11mm)
1A4534-07
.245"
(6.2mm)
.320"
(8.13mm)
.280"
(7.11mm)
1A4533-07
.245"
(6.2mm)
.255"
(6.5mm)
.410"
(10.4mm)
.410"
(10.4mm)
.060"
(1.5mm)
.255" .150"
(3.81mm)
.226"
(5.74mm)
(6.5mm)
.150"
(3.81mm)
.226"
(5.79mm)
.321"
(8.15mm)
.060"
(1.5mm)
.321"
(8.20mm)
1A1907 Series For Diameter Fuses With End Stops & Straight Leads Dimensional Data
.155"
(3.94mm)
1A3398 Series For Diameter Fuses Without End Stops & Straight Leads Dimensional Data
Catalog Number 1A1907-02
.280"
(7.1mm)
Clip Mat.* Cart. Brass BeCu** BeCu** Cart. Brass Spg. Br.
.155"
Finish None Bright Dipped Bright Tin Silver Bright Tin Bright Tin
(3.94mm)
Catalog Number 1A3398-07
.280"
(7.1mm)
Clip Mat.* Cart. Brass Spg. Br.
Finish Bright Tin Bright Tin
.102" Dia.
(2.6mm)
.102" Dia.
(2.6mm)
1A3398-08
.255"
(6.5mm)
.245"
(6.2mm)
1A1907-03 1A1907-05 1A1907-06 1A1907-07
.255"
(6.5mm)
.410"
(10.4mm)
.410"
(10.4mm)
.060"
(1.5mm)
.140"
.320"
(8.13mm)
(3.6mm) (7.1mm)
.280"
.060"
(1.5mm)
.140"
.320"
(8.13mm)
(3.6mm) (7.1mm)
.280"
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass **Beryllium copper recommended for currents higher than 15 amps ( clips).
9-7-99 SB99168
Rev. A
Form No. 1AXXXX Series Page 1 of 4 BIF Doc #2131
Bussmann(R)
Fuse Clips for Printed Circuit Boards
For ATC, 5mm, & TM Diameter Fuses
1AXXXX Series
1A3399 and 1A5018 Series For 5mm Diameter Fuses With Straight Leads Dimensional Data
.115"
(2.9mm)
1A5601 Series For 5mm Diameter Fuses (0 to 7 amps)
Dimensional Data
Catalog Number 1A3399-10 1A3399-01 1A3399-04 .030"
(1.6mm)
(3.58mm + 0.38mm) (0.56mm + 0.05mm)
.062"
(1.6mm)
Clip Mat.* Spg. Br. BeCu** BeCu**
.250"
(6.35mm)
Finish Bright Tin Silver Bright Tin
.141" + .015"
(8.73mm + 0.38mm)
Catalog Number
.246"
(6.3mm)
Clip Mat.* Cart. Brass
Finish Bright Tin
.344" + .015"
1A5601
.254"
(6.5mm)
.237"
(6.0mm)
(8.73mm + 0.38mm)
.344" + .015"
.125"
(3.2mm)
.225"
(6.5mm)
.060"
(1.5mm)
.266"
(6.75mm)
.022" + .002"
(.81mm + .05mm)
.032" + .002"
.060"
(1.5mm)
.125"
(3.2mm)
.188"
(4.8mm)
.180"
(4.57mm)
High Profile Catalog Number Clip Mat.* Spg. Br. Spg. Br. Finish Bright Tin Silver
1A5602 Series For 5mm Diameter Fuses (0 to 7 Amps) Dimensional Data
.219"
(5.57mm)
.230"
(5.84mm)
1A5018-10 1A5018-7
Catalog Number
.250" .140"
(3.56mm)
Clip Mat. Cart. Brass
Finish Bright Tin
.440"
(11.2mm)
.500"
(12.70mm)
(6.35mm)
1A5602
.093"
(2.36mm)
.047"
.047"
(1.2mm)
.140"
(3.7mm)
.180"
(4.6mm)
.216"
(5.48mm)
LEGS TO FIT IN .052" (1.3mm) DIA. HOLES ON CENTER
(1.19mm)
1A1119 Series For Diameter Fuses With End Stops and Angled In leads Dimensional Data
.187"
(4.8mm)
1A1120 Series For Diameter Fuses Without End Stops and Angled In Leads Dimensional Data
.187" .132"
(3.4mm)
.132"
(3.4mm)
Catalog Number 1A1119-04 1A1119-05
Clip Mat.* BeCu** BeCu** Cart. Brass Spg. Br.
Finish Bright Tin Silver Bright Tin Bright Tin
(4.8mm)
Catalog Number 1A1120-02 1A1120-05
Clip Mat.* Cart. Brass BeCu** BeCu** Cart. Brass Spg. Br. Spg. Br.
Finish Bright Dip Silver Bright Tin Bright Tin Bright Tin None Bright Dipped
.320"
(8.13mm)
.312"
(7.9mm)
1A1119-10 1A1119-13
.320"
(8.13mm)
.312"
(7.9mm)
1A1120-06 1A1120-09 1A1120-12 1A1120-11
.290"
.420"
(10.7mm)
.410"
(10.4mm)
.250"
(6.35mm)
.290" .155"
(3.9mm) (7.4mm)
.250"
(6.35mm)
.155"
(3.9mm)
(7.4mm)
.080"
(2.03mm)
.360"
(9.14mm)
.080"
(2.03mm)
.360"
(9.14mm)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass **Beryllium copper recommended for currents higher than 15 amps ( clips).
9-7-99 SB99168
Rev. A
Form No. 1AXXXX Series Page 2 of 4 BIF Doc #2131
Bussmann(R)
Fuse Clips for Printed Circuit Boards
For ATC, 5mm, & TM Diameter Fuses
1AXXXX Series
1A5780 Series
1A5778 Series
1A5779 Series
14.68 .578
1.24 .049
19.30 .760
1.90 .075 3.96 .156
4.75 .187
4.45 .175
3.18 .125 BASE 6.88 .271 FUSECLIPS
BASE
4.98 .196 11.18 .440 1.57 .062
FUSECLIPS
6.35 .250
3.18 .125
8.64 .340 3.18 .125 2.54 .100 1.45 .057 3.66 .144 1.57 .062
11.10 .437 1.27 .050
1.57 .062 3.66 .144 2.18 .086
5.08 .200
4.06 .160
5.08 .200
3.66 .144
4.47 .176
3.66 .144
2.54A}.05 .100A}.002 (TYP-4)
DIA. HOLE
MOUNTING LAYOUT
1.65A}.05 .065A}.002 (TYP-4) DIA. HOLE
3.66 .144
4.47 .176
3.66 .144
SPECIFICATIONS
FUSECLIPS . . . . . . . . BASE MATERIAL ..... BRASS, NICKEL PLATED GLASS FILLED NYLON, UL RATED 94V-0 15 AMPS 500V AC TO 145flC 292flF
MOUNTING LAYOUT FOR 2 CLIPS
1.65A}.05 .065A}.002 (TYP-4)
SPECIFICATIONS
FUSECLIPS . . . . . . . . BASE MATERIAL ..... BRASS, NICKEL PLATED GLASS FILLED NYLON, UL RATED 94V-0 15 AMPS 500V AC
DIA. HOLE
CURRENT RATING . . . . . VOLTAGE RATING . . . . .
MATERIAL: BRASS, NICKEL PLATED, .30 THICK .012
MOUNTING LAYOUT
-50flC TEMPERATURE RATING . . -58flF
CURRENT RATING . . . . . VOLTAGE RATING . . . . .
TEMPERATURE RATING . . -50flC TO 145flC -58flF 292flF
1A3400 Series For TM Diameter Fuses (20 Amps Maximum) With End Stops & Straight Leads Dimensional Data
.050" .218"
(5.5mm)
1A5600 Series For ATC(R) Fuses (0 to 20 Amps)
Dimensional Data
Catalog Number 1A3400-09 Clip Mat.* Spg. Br. Finish Bright Tin
.295"
(7.49mm)
.437"
(1.27mm) (11.1mm)
Catalog Number 1A5600
Clip Mat.* Cart. Brass
Finish Satin Finish Tin
.330"
(8.38mm)
.142" Dia.
(3.6mm)
.450"
(11.9mm)
.053"
(1.35mm)
.710"
(18.0mm)
.150"
(3.81mm)
.200"
(5.08mm)
.090"
(2.29mm)
.090"
(2.29mm)
.080"
(2.0mm)
.380"
(9.7mm)
.470"
(11.9mm)
.180"
(4.57mm)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass **Beryllium copper recommended for currents higher than 15 amps ( clips).
9-7-99 SB99168
Rev. A
Form No. 1AXXXX Series Page 3 of 4 BIF Doc #2131
Bussmann(R)
Fuse Clips for Printed Circuit Boards
For ATC, 5mm, & TM Diameter Fuses
1AXXXX Series
Footprint Dimensional Data
A B C B
Dimensions A Catalog Number 1A57781A57791A57801A33981A19071A11191A11201A33991A34001A45331A45341A50181A56001A56011A5602* (22.2mm) -- -- -- 1.00 (25.40) 1.00 (25.40) 1.00 (25.40) -- -- 1.00 (25.40) 1.00 (25.40) -- -- -- -- 1 (25.4mm) -- -- -- 1.125 (28.58) 1.125 (28.58) 1.125 (28.58) -- -- 1.125 (28.58) 1.125 (28.58) -- -- -- -- 1 1* (31.8mm) (34.93mm) -- -- -- -- 1.375 (34.920) 1.375 (34.92) 1.375 (34.920) -- -- 1.375 (34.920) 1.375 (34.920) -- -- -- -- -- -- -- -- -- -- 1.50 (38.10) -- -- -- -- -- -- 1TM (38.10mm -- -- -- -- -- -- -- 1.625 (41.28) -- -- -- -- -- -- 20mm -- -- -- -- -- -- .875 (22.23) -- -- -- .820 .015 (20.80 .38) -- .820 .015 (20.80 .38) -- ATC -- -- -- .560 (14.22) -- -- -- -- -- -- -- -- -- -- -- ATM -- .464" (11.79) .464" (11.79) -- -- -- -- -- -- -- -- -- -- -- -- B Tabs .144" (3.66) .144" (3.66) .200" ( 5.08) 295- .305 (7.49 - 7.75) .295 - .305 (7.49- 7.75) .295- .305 (7.49 - 7.75) .200 (5.08) .405 (10.29) .300 (7.62) .300 (7.62) . 80 1 (4.6) .200 (5.08) . 66 2 (6.76) .220 (5.588) C (4 holes) .065 .002 (1.65 .05) .065 .002 (1.65 .05) .100 .002 (2.54 .05) .067 - .070 (1.70 - 1.78) .093 .002 (2.36 .05) .093 .002 (2.36 .05) .067 - .070 (1.70 - 1.78) .091 - .095 (2.31 - 2.41) .067 - .070 (1.70 - 1.78) .067 - .070 (1.70 - 1.78) .053 - .002 (1.35 - 0.05) .052 .003 (1.32 .077) .067 .003 (1.70 .074) Board Thickness .062 (1.57) .062 (1.57) .062 (1.57) .093 (2.36) .062 to .125 (1.57 to 3.18) .062 to .125 (1.57 to 3.18) 093" (2.36) .125 (3.18) .062 (1.57) .062 (1.57) .093 (2.36) .125 max. (3.18) .062 (1.57) .125 max. (3.175)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass **Beryllium copper recommended for currents higher than 15 amps ( clips).
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
9-7-99 SB99168
Rev. A
Form No. 1AXXXX Series Page 4 of 4 BIF Doc #2131


▲Up To Search▲   

 
Price & Availability of 1A4534-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X