Part Number Hot Search : 
120NF04 PA1280NL MC145 1203DH3 ACTQ380 P110N TU1008 RD24F
Product Description
Full Text Search
 

To Download 18602250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 147 Central Avenue Hackensack, New Jersey 07601 Tel: 201-489-8989 * Fax: 201-489-6911
18602, 186062, 186061 Series T 3 1/4 Bayonet Based LED DESCRIPTION
polycarbonate white
100
AND
FEATURES
* Replaces incandescent lamp #'s - 12V AC/DC -- 12MB, 181, 756, 1488, 1815, 1894, 1889, 1891, 1893, 1898 - 24V AC/DC -- 24MB, 1437, 1818 - 28V AC/DC -- 313, 757, 1819, 1820, 1829, 1843, 1864, 1873 - 125 and 230V AC -- 949 * Extremely high brightness with low current draw * Long life -- typically 100K hours vs. 10K hours * Low heat generation * Available in five standard colors. Custom colors available upon request * Shock and vibration proof * Line voltage units ideal for industrial applications * Storage temperature: -25C - +80C * Ambient temperature: -20C - +60C * Due to production tolerances, color temperature variations may be detected within individual consignments
1
*typical luminous spectrum
o 10 max.
80 Intensity [%] TA = 25C lF = 20mA 60
40
20
25 max.
0 400 500 600 Wavelength [nm] 700 800
Color coordinates (lF = 20mA; TA = 25C) x = 0,31 0,06 y = 0,32 0,08
polycarbonate colored
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R AT I N G S
Part Number 18602250 18602251 18602252 18602257 1860225W3 1860225W3D 18602350 18602351 18602352 18602357 1860235W3 1860235W3D 18602450 18602451 18602452 18602457 1860245W3 1860245W3D 18606230 18606231 18606232 18606237 1860623W3 1860623W3D 18606130 18606131 18606132 18606137 1860613W3 1860613W3D Color Voltage V AC/DC * V AC only 12 12 12 12 12 12 24 24 24 24 24 24 28 28 28 28 28 28 230* 230* 230* 230* 230* 230* 130* 130* 130* 130* 130* 130* Current mA 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 3 3 3 3 3 3 5 5 5 5 5 5 Lumi. Intensity mcd 350 1000 300 400 750 375 350 1000 300 400 750 375 350 1000 300 400 750 375 70 200 60 80 150 75 120 330 100 130 250 125 Dominant Wavelength nm 630 525 587 470 * * 630 525 587 470 * * 630 525 587 470 * * 630 525 587 470 * * 630 525 587 470 * *
Red Green Yellow Blue White Clear White Diffused Red Green Yellow Blue White Clear White Diffused Red Green Yellow Blue White Clear White Diffused Red Green Yellow Blue White Clear White Diffused Red Green Yellow Blue White Clear White Diffused
Luminous intensity data of the used LEDs at: IOPtyp.DC
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product.
1-193


▲Up To Search▲   

 
Price & Availability of 18602250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X