Part Number Hot Search : 
M5260 17000 2SK1528S LC4000B 7002D PR2001 2SC50 PST8411U
Product Description
Full Text Search
 

To Download VWO35-08HO7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VWO 35
AC Controller Modules
Preliminary data
IRMS = 3x 35 A VRRM = 800-1200 V
VRSM VDSM V 900 1300
VRRM VDRM V 800 1200
Type
H
A
J
C
M
F
VWO 35-08ho7 VWO 35-12ho7
I
B
L
E
N
G
Symbol IRMS ITAVM ITSM
Conditions TC = 85C, (per phase) TC = 85C; (180 sine ; per thyristor) TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 35 16 200 210 180 190 200 150 160 150 A A A A A A A2s A2 s A2s A2 s
Features * Thyristor controller for AC (circuit W3C acc. to IEC) for mains frequency * Soldering connections for PCB mounting * Isolation voltage 3000 V~ * Planar passivated chips Applications * Switching and control of three phase AC circuits * Softstart AC motor controller * Solid state switches * Light and temperature control Advantages
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
(di/dt)cr
TVJ = TVJM repetitive, IT = 20 A f = 50 Hz, tP = 200 s VD = 2/3 VDRM IG = 0.15 A non repetitive, IT = ITAVM diG/dt = 0.15 A/s TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tp = 30 s tp = 300 s
100 A/s
500 A/s 500 V/s 10 5 2.5 0.5 -40...+125 125 -40...+125 V W W W C C C V~ V~
(dv/dt)cr VRGM PGM PGAVM TVJ TVJM Tstg VISOL Md Weight
* Easy to mount with two screws * Space and weight savings * Improved temperature and power cycling
G
50/60 Hz, RMS IISOL 1 mA Mounting torque typ.
t = 1 min t=1s (M4)
2500 3000
1.5 - 2 Nm 18 g
Data according to IEC 60747 refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2006 IXYS All rights reserved
1-2
0610
VWO 35
Symbol ID, IR VT VT0 rT VGT IGT VGD IGD IL IH tgd RthJC RthJK dS dA a Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT = 20 A; TVJ = 25C Characteristic Values < < 5 1.6 mA V
For power-loss calculations only VD = 6 V VD = 6 V TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C < < < < < < < < <
0.85 V 27 m 1.5 2.5 25 50 0.2 3 75 50 2 1.3 0.22 1.8 0.3 V V mA mA V mA mA mA s K/W K/W K/W K/W
TVJ = TVJM; VD = 2/3 VDRM TVJ = 25C; tP = 10 s IG = 0.1 A; diG/dt = 0.1 A/s TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.1 A; diG/dt = 0.1 A/s per thyristor; DC per module per thyristor; DC per module Creeping distance on surface Creepage distance in air Max. allowable acceleration
11.2 mm 5.0 mm 50 m/s2
Dimensions in mm (1 mm = 0.0394")
G
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2006 IXYS All rights reserved
2-2
0610


▲Up To Search▲   

 
Price & Availability of VWO35-08HO7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X