Part Number Hot Search : 
TN3501J3 23842 LT3957A KMM5324 4HCT3 70M35V6 4LCX16 2J333K
Product Description
Full Text Search
 

To Download SI5445DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI5445DC
Vishay Siliconix
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) ()
0.035 @ VGS = --4.5 V --8 0.047 @ VGS = --2.5 V 0.062 @ VGS = --1.8 V
ID (A)
7.1 6.2 5.7
1206-8 ChipFETt
1
D D D D S D D G
S
G
Marking Code BC XX Lot Traceability and Date Code D P-Channel MOSFET
Part # Code Bottom View
Ordering Information: SI5445DC-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Currenta Maximum Power Dissipationa Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)b, c TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
5 secs
--8
Steady State
8
Unit
V
7.1 5.2 20 --2.1 2.5 1.3 --55 to 150 260
5.2 3.7 --1.1 1.3 0.7 W A
_C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) t 5 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
40 80 15
Maximum
50 95 20
Unit
_C/W C/
Notes a. Surface Mounted on 1" x 1" FR4 Board. b. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. Document Number: 71063 S-21251--Rev. B, 05-Aug-02 www.vishay.com
2-1
SI5445DC
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = --250 mA VDS = 0 V, VGS = 8 V VDS = --6.4 V, VGS = 0 V VDS = --6.4 V, VGS = 0 V, TJ = 85_C VDS --5 V, VGS = --4.5 V VGS = --4.5 V, ID = --5.2 A Drain-Source On-State Resistancea rDS(on) VGS = --2.5 V, ID = --4.5 A VGS = --1.8 V, ID = --2 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = --5 V, ID = --5.2 A IS = --1.1 A, VGS = 0 V --20 0.030 0.040 0.052 18 --0.8 --1.2 0.035 0.047 0.062 S V --0.45 100 --1 --5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = --1.1 A, di/dt = 100 A/ms VDD = --4 V, RL = 4 ID --1 A, VGEN = --4.5 V, RG = 6 VDS = --4 V, VGS = --4.5 V, ID = --5.2 A 17 2.8 2.6 15 45 110 65 30 25 70 165 100 60 ns 26 nC
Notes a. Pulse test; pulse width 300 ms, duty cycle 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 5 thru 2.5 V 16 I D -- Drain Current (A) 2V I D -- Drain Current (A) 16 20
Transfer Characteristics
TC = --55_C 25_C 125_C
12
12
8 1.5 V 4 1V 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
8
4
0 0.0
0.5
1.0
1.5
2.0
2.5
VDS -- Drain-to-Source Voltage (V) www.vishay.com
VGS -- Gate-to-Source Voltage (V) Document Number: 71063 S-21251--Rev. B, 05-Aug-02
2-2
SI5445DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) -- On-Resistance ( ) 3000 2500 C -- Capacitance (pF) 2000 1500 1000 500 Crss 0.00 0 4 8 12 16 20 0 0 2 4 6 8 Coss Ciss
Capacitance
0.08
VGS = 1.8 V
0.06
VGS = 2.5 V
0.04
VGS = 4.5 V
0.02
ID -- Drain Current (A)
VDS -- Drain-to-Source Voltage (V)
Gate Charge
5 V GS -- Gate-to-Source Voltage (V) VDS = 4 V ID = 5.2 A 4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 5.2 A 1.4
3
r DS(on) -- On-Resistance () (Normalized) 8 12 16 20
1.2
2
1.0
1
0.8
0 0 4 Qg -- Total Gate Charge (nC)
0.6 --50
--25
0
25
50
75
100
125
150
TJ -- Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 TJ = 150_C I S -- Source Current (A) 10 r DS(on) -- On-Resistance ( ) 0.08 0.10
On-Resistance vs. Gate-to-Source Voltage
0.06
ID = 5.2 A
0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 1 2 3 4 5 VSD -- Source-to-Drain Voltage (V) VGS -- Gate-to-Source Voltage (V)
Document Number: 71063 S-21251--Rev. B, 05-Aug-02
www.vishay.com
2-3
SI5445DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 250 mA 0.2 0.1 0.0 --0.1 --0.2 --50 10 Power (W) 30 50
Single Pulse Power
40
20
--25
0
25
50
75
100
125
150
0 10 --3
10 --2
10 --1
1
10
100
600
TJ -- Temperature (_C)
Time (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 --4 10 --3 10 --2 10 --1 1 Square Wave Pulse Duration (sec)
Notes: PDM t1 t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 --4 10 --3 10 --2 10 --1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
2-4
Document Number: 71063 S-21251--Rev. B, 05-Aug-02


▲Up To Search▲   

 
Price & Availability of SI5445DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X