Part Number Hot Search : 
DZT751 U128D 25K16 CE71K2 GE33C W91F82XN 03STRR CE71JA
Product Description
Full Text Search
 

To Download SDS2836F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDS2836F
Switching Diode
Features
* * * * * SMD package : SOT-23F Low forward voltage : VF=0.9V(Typ.) Fast reverse recovery time : trr=1.6ns(Typ.) Small total capacitance : CT=2.2pF(Typ.) Ultra high speed
Ordering Information
Type No. SDS2836F Marking CA2 Package Code SOT-23F
Outline Dimensions
2.40.1 1.60.1
unit : mm
1
2.90.1 1.90 BSC
3
0.40.05
2
0.150.05
3
1
2
0.90.1
0~0.1
PIN Connections 1. Cathode 2. Cathode 3. Anode, Anode
KSD-2038-000
1
SDS2836F
Absolute maximum ratings
Characteristic
Maximum(peak) reverse voltage Reverse voltage Maximum(peak) forward current Average forward current Surge current(10ms) Power dissipation Junction temperature Storage temperature * : Unit ratings. Total rating = Unit rating x1.5
Ta=25C
Symbol
VRM VR IFM* IO* IFSM PD Tj Tstg
*
Ratings
85 80 300 100 2 150 150 -55 ~ 150
Unit
V V mA mA A mW C C
Electrical Characteristics
Characteristic
Forward voltage
Ta=25C
Symbol
VF(1) VF(2) VF(3) IR CT IF=1mA
Test Condition
IF=10mA IF=100mA VR=80V VR=0, f=1MHz IF=10mA
Min. Typ. Max.
0.6 0.7 0.9 2.2 1.6 1.2 0.5 4.0 4.0
Unit
V
Reverse current Total capacitance Reverse recovery time
A pF
trr
ns
KSD-2038-000
2
SDS2836F
Electrical Characteristic Curves
Fig. 1 IF-VF Fig. 2 IR-VR
Fig. 3 CT-VR
Fig. 4 trr-IF
Fig. 5 Reverse recovery time(trr) test circuit
KSD-2038-000
3


▲Up To Search▲   

 
Price & Availability of SDS2836F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X