Part Number Hot Search : 
LBS15001 MX98702 KE250 SFH608 EFM306B 82000 28EB1 801F2
Product Description
Full Text Search
 

To Download SB1316E-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SB1316E-V
Chip LED
Features
* 1.6mm(L)x0.8mm small size surface mount type * Thin package of 0.55mm(H) thickness * Transparent clear lens optic * Low power consumption type chip LED * Emitting Light Blue(470nm)
* E ; ESD Protected (2.0KV, 3 Times @100pF, 1.5K)
Applications
* LCD backlighting * Keypad backlighting * Symbol backlighting * Front panel indicator lamp
Outline Dimensions
unit : mm
KSD-O8G003-001
1
SB1316E-V
Absolute Maximum Ratings
Characteristic
Power dissipation Forward current * Peak forward current Operating temperature range Storage temperature range
2 1
(Ta=25oC)
Symbol
PD IF IFP Topr Tstg
Rating
68 20 50 -2580 -30100
Unit
mW mA mA
* Soldering temperature Tsol 240 for 10 seconds *1. Duty ratio = 1/16, Pulse width = 0.1ms *2. Recommended reflow soldering temperature profile - Preheating 150 to 185 within 120 seconds soldering 240 within 10 seconds Gradual cooling (Avoid quenching) Temp () 240 Peak Temp max. 240 Preheating area 150~185, 9030sec 185 150 max. 3/sec max. 4/sec Time from 25 to Peak Temperature max. 6min 0 60 150 180 240 Time (sec) max. -6/sec max. 10sec
Solder area 220, max. 60sec
25
Electrical / Optical Characteristics
Characteristic
Forward voltage
(Ta=25oC)
Symbol
VF IV
Test Condition
IF= 10mA IF= 10mA IF= 10mA IF= 10mA
Min
2.8 12 460 -
Typ
35 65 70
Max
3.4 40 475 -
Unit
V mcd nm nm deg
*3Luminous intensity *5Peak wavelength
Spectrum bandwidth
P
1/2 X Y
*4Half angle
IF= 10mA
KSD-O8G003-001
2
SB1316E-V
*3. Luminous intensity maximum tolerance for each grade classification limit is 18% (The test result of IF=10mA is only for reference) *4. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity *5. P Grade Classification (P Grade tolerance for 3nm)
VF / IV /
P Grade Classification (Ta=25)
Test Condition @ IF=10mA Peak Wavelength [nm] a : 460~465 c : 465~470 c : 470~475
Forward Voltage [V] 1 : 2.8~3.0 2 : 3.0~3.2 3 : 3.2~3.4
Luminous Intensity [mcd] A : 12~20 B : 20~29 C : 29~40
(Do not use to combine grade classification. It must be used separately grade classification)
KSD-O8G003-001
3
SB1316E-V
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward Current IF [mA]
Forward Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Forward Current IF [mA]
Ambient Temperature Ta []
Relative Intensity [%]
Wavelength [nm]
Fig. 5-1 Radiation Diagram(X)
Fig. 5-2 Radiation Diagram(Y)
Relative Luminous Intensity Iv [%]
Relative Luminous Intensity Iv [%]
KSD-O8G003-001
4
SB1316E-V
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-O8G003-001
5


▲Up To Search▲   

 
Price & Availability of SB1316E-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X