Part Number Hot Search : 
2SK2329 03C22 FP024M L4808CX SRF6G HDT62SR S9S08SG LE120CZ
Product Description
Full Text Search
 

To Download RPH100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RPH 100
Vishay Sfernice
Power Resistor for Mounting onto a Heatsink Thick Film Technology
FEATURES
* High power rating * Low thermal radiation of the case * Wide ohmic value range * Easy mounting * High overload capabilities * Reduced size and weight This new style has been developed as an extension to RCH range. Through the use of thick film technology, a non-inductive solution for power resistors is available which are rated up to 100 W at + 25 C. The terminations position prevents any risk of an electrical arc to the heatsink. This resistor series can replace and offer advantages to standard wirewound devices.
RoHS
COMPLIANT
DIMENSIONS in millimeters
RPH 100 V Connections
42,4
4
16,6 18,6
21,6
65,5 35
o 4,2 26 37 46,7 o 4,2
MECHANICAL SPECIFICATIONS
Mechanical Protection Substrate Insulated case Alumina on metallic base of nickel coated aluminum Cermet V connections: screws M4 x 6 1 Nm 3 Nm 60 g
ELECTRICAL SPECIFICATIONS
Resistance Range Tolerances Power Rating: Continuous 0.092 to 1 M E24 series 1 % to 10 % 100 W at 25 C chassis mounted 0.45C/W 10 W at 25 C Free air 400 W at 25 C for 5 seconds 300 ppm/C < 1 150 ppm/C > 1 1900 VRMS 5 kVRMS 1minute 10 mA Max > 106 M < 0.1 H
Resistive Element End Connections Tightening Torque Connections Tightening Torque Heatsink Weight
Momentary Temperature Coefficient Standard Limiting Element Voltage Dielectric Strength MIL STD 202 Insulation Resistance Inductance
ENVIRONMENTAL SPECIFICATIONS
Thermal Resistance Temperature Range Climatic Category RTH (j-c) 0.55 C/W - 55 C + 125 C 55/125/56
www.vishay.com 24
For technical questions, contact sfer@vishay.com
Document Number: 50046 Revision 30-May-06
RPH 100
Power Resistor for Mounting onto a Heatsink Thick Film Technology
PERFORMANCE
TESTS Short Time Overload Rapid Temperature Change Load Life (chassis mounted 0.45C/W) Humidity (steady state) CONDITIONS NF EN 140000 CEI 115_1 4 Pn/5 seconds NF EN 140000 CEI 68214 Test Na 5 cycles - 55 C + 125 C NF EN 140000 Pn at 25 C 1000 hours MIL STD 202 Method 103 B Test D 56 days 95 % R.H. TYPICAL DRIFTS < (0.25 % + 0.05 ) < (0.25 % + 0.05 ) < (0.5 % + 0.05 ) < (0.5 % + 0.05 )
Vishay Sfernice
RESISTANCE VALUE IN RELATION TO TOLERANCE AND TCR
Ohmic Value Standard Tolerance Standard T.C.R. Tolerances On Request < 1 5% 300 ppm/C 1 % - 2 % - 10 % >1 5% 150 ppm/C
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature). Maximum working temperature must not exceed 125 C. The dissipated power is simply calculated by the following ratios: P= P: T: expressed in W difference between maximum working temperature and room temperature. T (1) [RTH(j-c) + RTH (c-a)]
RTH: (j-c): thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance of the component: 0.55 C/W. RTH: (c-a): thermal resistance value measured between outer side of the resistor and room temperature. It is the thermal resistance of the heatsink itself (type, shape) and the quality of the fastening device. Example: RTH: (c-a) for RPH 100 power rating 80 W at ambient temperature + 40 C. Thermal resistance RTH (j-c): 0.55 C/W Considering equation (1) we have: T 125 C - 40 C 85 C 85 RTH (j-c) + RTH (c-a) = T = =1.06 C/W 80 P RTH (c-a) 1.06 C/W - 0.55 C/W 0.51 C/W
RECOMMENDATIONS FOR MOUNTING ONTO A HEATSINK
Surfaces in contact must be carefully cleaned. The heatsink must have an acceptable flatness: from 0.05 mm to 0.1 mm/100 mm. Roughness of the heatsink must be around 6.3 m. In order to improve thermal conductivity, surfaces in contact (alumina, heatsink) should be coated with a silicone grease (type SI 340 from Rhone-Poulenc or Dow 340 from Dow Corning). The fastening of the resistor to the heatsink is under pressure control of four screws (not supplied). Tightening torque: 3 Nm In order to improve the dissipation, either forced-air cooling or liquid cooling may be used. Do not forget to respect an insulation value between two resistors (dielectric strength in dry air 1 kV/mm).
Document Number: 50046 Revision 30-May-06 For technical questions, contact sfer@vishay.com www.vishay.com 25
RPH 100
Vishay Sfernice
OVERLOADS
In any case the applied voltage must be lower than 2 Un. U maxi < 2 Un < 3800 V Short time overload: 4 Pn/5 seconds Accidental overload: The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
Power Resistor for Mounting onto a Heatsink Thick Film Technology
ENERGY CURVE
1000
ENERGY IN JOULES
100
10
1
0.1 1.10-7 1.10-6 1.10-5 1.10-4 1.10-3 1.10-2 1.10-1 1 OVERLOAD DURATION IN SECONDS
POWER RATING CHART
For resistor mounted onto a heatsink with thermal resistance of 0.45 C/W.
100
80
% RATED POWER
60
40
20
0
Packaging Box of 5 units
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE IN DEGREES CELSIUS
MARKING
Series, style, ohmic value (in ), tolerance (in %), manufacturing date, SFERNICE trade mark.
ORDERING INFORMATION
RPH MODEL 100 100K 5% V XXX B05 PACKAGING e LEAD (Pb)-FREE STYLE RESISTANCE VALUE TOLERANCE Optional 1% 2 % 5% 10 % CONNECTIONS CUSTOM DESIGN V: screw M4 Options on request TCR, shape, etc.
SAP PART NUMBERING GUIDELINES
RPH MODEL 100 STYLE V CONNECTIONS 10002 OHMIC VALUE J TOLERANCE B PACKAGING
www.vishay.com 26
For technical questions, contact sfer@vishay.com
Document Number: 50046 Revision 30-May-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of RPH100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X