Part Number Hot Search : 
221K5 P5KE13A D4025L59 SB105G 00120 FQP4P25 30639 KP3500A
Product Description
Full Text Search
 

To Download PAA140L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PAA140L
Dual Pole OptoMOS(R) Relays
Load Voltage Load Current Max RON
PAA140L 400 200 13
Units V mA
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available * Current Limiting
Description PAA140L is a 2-Form-A solid state relay which uses optically coupled MOSFET technology to provide 3750V of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare's patented Optomos architecture. The optically-coupled input is controlled by a highly efficient GaAIAs infrared LED. The PAA140L also contains a built in load current limiting feature. This combined with a low on resistance and very high load current handling capabilities makes it suitable for a variety of high performance switching applications. Approvals These products comply with the requirements of: * * * * * UL 1577 (UL recognized file #E76270) CSA #14 (CSA certified file #LR43639) EN 60950 IEC 950 AS/NZS 3260
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information
Part # PAA140L PAA140PL PAA140PLTR PAA140LS PAA140LSTR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Pin Configuration
PAA140L Pinout
AC/DC Configuration + Control - Switch #1 - Control - Switch #1 + Control - Switch #2 - Control - Switch #2 1 2 3 4 8 7 6 5 Load - Switch #1 Load - Switch #1 Load - Switch #2 Load - Switch #2
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL LOAD 10%+ +90% TON
DS-PAA140L-R1.0
10%+ TOFF
1
www.clare.com
PAA140L
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Blocking Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units 1501 50 1 5 400 8002 mW mA A V V mW
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
VRMS C +85 +125 C +260 +220
C C
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current* (Continuous) AC/DC Configuration Peak Load Current On-Resistance AC/DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Load Current Limit Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Input to Output Capacitance Conditions Symbol Min Typ Max Units
10ms IL=200mA VL=400V IF=5mA, VL=10V IF=5mA, VL=10V IF=5mA 50V; f=1MHz IL= 200mA IF= 5mA VR=5V -
IL ILPK RON ILEAK TON TOFF ICL COUT IF IF VF VR IR CI/O
240 5 0.4 0.9 -
10 65 3 0.7 1.2 3
200 500 13 1 5.0 3.0 380 50 1.4 5 10 -
mA mA A ms ms mA pF pF mA mA V V A pF
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.
2
www.clare.com
Rev 1.0
PAA140L
PERFORMANCE DATA*
PAA140L Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C; IF = 5mADC)
35 30 Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V) Device Count (N)
35 30
PAA140L Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 200mADC, IF = 5mADC)
PAA140L Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
35 30 Device Count (N) 25 20 15 10 5 0 430 442 454 466 478 490 502
25 20 15 10 5 0 5.03 5.38 5.73 6.08 6.43 6.78 7.13 On-Resistance ()
Blocking Voltage (V)
PAA140L Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 200mADC)
25 20 15 10 5 0 1.5 2.1 2.7 3.3 3.9 4.5 5.1 LED Current (mA) 25 20 15 10 5 0
PAA140L Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 200mADC)
25 20 15 10 5 0 0.9 1.5 2.1 2.7 3.3 3.9 4.5
PAA140L Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 200mADC; IF = 5mADC)
Device Count (N)
Device Count (N)
Device Count (N)
0.39
0.65
0.91
1.17
1.43
1.69
1.95
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
PAA140L Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 200mADC; IF = 5mADC)
Load Current (mA)
PAA140L Typical Maximum Load Current vs. Temperature
300 250 Leakage (A) One Pole Operating 200 150 100 50 0.12 0.10 0.08 0.06 0.04 0.02 0
PAA140L Typical Leakage vs. Temperature (Measured across Pins 5 & 6 or 7 & 8)
Device Count (N)
Two Poles Operating
IF =10mA IF =5mA IF =10mA IF =5mA
0.018 0.030 0.042 0.054 0.066 0.078 0.090 Turn-Off (ms)
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
PAA140L Typical Blocking Voltage vs. Temperature
485 Blocking Voltage (VRMS) 480 475 Turn-On (ms) 470 465 460 455 450 445 -40 -20 0 20 40 60 80 100 Temperature (C) 2.50 2.00 1.50 1.00
PAA140L Typical Turn-On vs. Temperature (Load Current = 250mADC)
PAA140L Typical Turn-Off vs. Temperature (Load Current = 250mADC)
0.07 0.06 Turn-Off (ms)
5mA
0.05 0.04 0.03 0.02 0.01 0 -40 -20 0 20 40 60 80 100 5mA
10mA 0.50 0 -40 -20 0 20 40 60 80 100 Temperature (C) 20mA
Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. Rev 1.0
www.clare.com
3
PAA140L
PERFORMANCE DATA*
PAA140L Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop(V) 1.8 1.6 Turn-On (ms) 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
PAA140L Typical Turn-On vs. LED Forward Current (Load Current = 200mADC)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
PAA140L Typical Turn-Off vs. LED Forward Current (Load Current = 200mADC)
0.050 0.045 0.040 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
50mA 10mA 5mA
20 18 16 14 12 10 8 6 4 2 0
PAA140L Typical On-Resistance vs. Temperature (Maximum rated load current; IF = 5mADC)
One Pole Operating
PAA140L Typical IF for Switch Operation vs. Temperature (Load Current = 150mADC)
5.0 4.5 LED Current (mA) 4.0 3.5 3.0 2.5 2.0 1.5 LED Current (mA) -40 -20 0 20 40 60 80 100
Turn-Off (ms)
PAA140L Typical IF for Switch Dropout vs. Temperature (Load Current = 150mADC)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 -40 -20 0 20 40 60 80 100
On-Resistance ()
Two Poles Operating
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Temperature (C)
250 200 150 100 50 0 -50 -100 -150 -200 -250 -2.0 -1.5
PAA140L Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mADC)
PAA140L Energy Rating Curve
1.2 1.0 Load Current (A) 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms Time 1s 10s 100s
Load Current (mA)
-1.0 -0.5
0
0.5
1.0
1.5
2.0
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev 1.0
PAA140L
MECHANICAL DIMENSIONS
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005) 1.193 (.047) .787 (.031)
Dimensions mm (inches)
Rev 1.0
www.clare.com
5
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice. Specification: DS-PAA140L-R1.0 (c)Copyright 2002, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 8/23/02


▲Up To Search▲   

 
Price & Availability of PAA140L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X