Part Number Hot Search : 
GLZJ10 009503 CPT2206 H11D1SD KK4558N GMS81508 74HC393M GNTRP
Product Description
Full Text Search
 

To Download NTE943SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE943, NTE943M, & NTE943SM Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
Description: The NTE943, NTE943M, and NTE943SM consist of two independent precision voltage comparators with an offset voltage speciication as low as 2.0mV max for two comparators which were designed specifically to operate from a single power supply over a wid range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators alos have a unique characteristic in that the input common-mode voltage range includesground, even though operated from a single powe supply voltage. Application areas include limit comparators, simple analog to digital converters; pulse, squarewave and time delay generators; wide range VCO; MOS clock timers; multivibrators and high voltage digital logic gates. These devices are designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies they will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators. Features: D Wide Single Supply Volatge Range: 2.0V to 36V Dual Supplies: 1.0V to 18V D Low Supply Current Drain (0.8mA) - Independent of Supply Voltage (1.0mW/Comparator at 5V) D Low Input Biasing Current: 25nA D Low Input Offset Current: 5nA D Maximum Offset Voltage: 3mV D Input Common-Mode Voltage Range Includes Ground D Differential Input Voltage Range Equal to the Power Supply Voltage D Low Output Saturation Voltage: 240mV @ 4mA D Output Voltge Compatible with TTL, DTL, ECL, MOS, and CMOS Logic Sytems D Available in 3 Different Case Styles: 8-Lead Metal Can: NTE943 8-Lead Mini DIP: NTE943M 8-Lead SOIC (Surface Mount): NTE943SM
Absolute Maximum Ratings: Supply Voltage, V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V or 18V Differential Input Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +36V Power Dissipation (Note 2) NTE943 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 660mW NTE943M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 780mW NTE943SM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 510mW Output Short Circuit to GND (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous Input Current (VIN < -0.3V), Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Note 1. Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3V (or 0.3V below the the magnitude of the negative power supply, if used). Note 2. For operating at elevated temperature, these devices must be derated based on a 125C maximum junction temperature and a thermal resistance of 127C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The low bias dissipation and the "ON-OFF" haracteristic of the output keeps the chip dissipation very small (PD 100mW), provided the output transistors are allowed to saturate. Note 3. Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to GND, the maximum output current is approximately 20mA independent of the magnitude of V+. Note 4. This input current will only exist when the voltage at any of th input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to GND for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3V. Electrical Characteristics: (0 TA +70C, V+ = 5V unless otherwise specified)
Parameter Input Offset Voltage Note 5 TA = +25C, Note 5 Input Offset Current IIN(+) - IIN(-) VCM = 0V IIN(+) - IIN(-) VCM = 0V, TA = +25C Input Bias Current IIN(+) or IIN(-) with Output in Linear Range, VCM = 0V, Note 6 IIN(+) or IIN(-) with Output in Linear Range, VCM = 0V, TA = +25C, Note 6 Test Conditions Min - - - - - - Typ - 1.0 - 5.0 - 25 Max 9.0 5.0 150 50 250 250 Unit mV mV nA nA nA nA
Note 5. At output switch point, VO ^ 1.4V, RS = 0, with V+ from 5V to 30V and over he full input common-mode range (0V to V+ -1.5V), at 25C. Note 6. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines.
Electrical Characteristics (Cont'd): (0 TA +70C, V+ = 5V unless otherwise specified)
Parameter Input Common-Mode Voltage Range Supply Current V+ = 30V, Note 7 V+ = 30V, TA = +25C, Note 7 RL = on all Components, TA = +25C RL = on all Amps, V+ = 36V, TA = +25C Voltage Gain Large Signal Response Time Response Time Output Sink Current Saturation Voltage RL 15k, V+ = 15V, VO = 1V to 11V, TA = +25C VIN = TTL Logic Swing, VREF = 1.4V, VRL = 5V, RL = 1.5k, TA = +25C VRL = 5V, RL = 1.5k, TA = +25C, Note 7 VIN(-) = 1V, VIN(+) = 0, VO 1.5V, TA = +25C VIN(-) = 1V, VIN(+) = 0, ISINK 4mA VIN(-) = 1V, VIN(+) = 0, ISINK 4mA, TA = +25C Output Leakage Current VIN(-) = 0, VIN(+) = 1V, VO = 30V VIN(-) = 0, VIN(+) = 1V, VO = 5V, TA = +25C Differential Input Voltage Keep All VIN's 0V (or V-, if Used), Note 1 Test Conditions Min 0 0 - - 50 - - 6 - - - - - Typ - - 0.4 1 200 300 1.3 16 - 250 - 0.1 - Max V+ -2.0 V+ -1.5 1.0 25 - - - - 700 400 1.0 - 36 Unit V V mA mA V/mV ns s mA mV mV A nA V
Note 1. Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3V (or 0.3V below the the magnitude of the negative power supply, if used). Note 7. The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be obtained.
Pin Connection Diagram NTE943 (Top View) NTE943M NTE943SM
Non-Invert Input B Invert Input B 5 6 4 GND Output A Invert Input A Output B 7 3 Non-Invert Input A 8 1 Output A 2 Non-Invert Input A GND Invert Input A 1 2 3 4 8 7 6 5 V (+) Output B Invert Input B Non-Invert Input B
V (+)
NTE943 .370 (9.39) Dia Max .335 (8.52) Dia Max
.177 (4.5) Max
.492 (12.5) Min
.018 (0.45) Dia Typ
2 1 8 45 7
3 4 5 6 .200 (5.06) Dia
.032 (0.82)
NTE943M 8 5
.256 (6.52) Max
1
4
.393 (10.0) Max .150 (3.81)
.300 (7.62)
.100 (2.54) .300 (7.62)
.070 (1.77) Min
NTE943SM
.192 (4.9)
8
5
.236 (5.99) .154 (3.91)
1
4
.050 (1.27)
016 (.406) 061 (1.53) .006 (.152) NOTE: Pin1 on Beveled Edge
.198 (5.03)


▲Up To Search▲   

 
Price & Availability of NTE943SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X