Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download NTE2389 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2389 MOSFET N-Ch, Enhancement Mode High Speed Switch
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Drain-Source Voltage, VDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Drain-Gate Voltage (RGS = 20k), VDGR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Drain Current, ID Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35A Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152A Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Maximum Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175C Storage Temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2C/W Typical Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Static Ratings Drain-Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Dynamic Ratings Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance gfs Ciss Coss Crss ID = 20A, VDS = 25V VDS = 25V, VGS = 0, f = 1MHz 8 - - - 13.5 560 300 - 750 400 mhos pF pF pF 1650 2000 BVDSS VGS(th) IDSS IGSS ID = 0.25mA, VGS = 0 ID = 1mA, VDS = VGS VDS = 60V, VGS = 0 TJ = +25C TJ = +125C 60 2.1 - - - - - 3.0 1 0.1 10 40 - 4.0 10 1.0 100 45 V V A mA nA m Symbol Test Conditions Min Typ Max Unit
VGS = 30V, VDS = 0
RDS(on) ID = 20A, VGS = 10V
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Dynamic Ratings (Cont'd) Turn-On Time Turn-Off Time Internal Drain Inductance td (on) tr td (off) tf Ld Measured from contact screw on tab to center of die Measured from drain lead 6mm from package to center of die Internal Source Inductance Ls Measured from source lead 6mm from package to source bond pad VCC = 30V, VGS = 10V, ID = 3A, RGS = 50 - - - - - - - 25 60 125 100 3.5 4.5 7.5 40 90 160 130 - - - ns ns ns ns nH nH nH Symbol Test Conditions Min Typ Max Unit
Reverse Diode Continuous Reverse Drain Current Pulsed Reverse Drain Current Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge IDR IDRM VSD trr Qrr IF = 41A, VGS = 0 IF = 41A, VGS = 0, VR = 30V -diF/dt = 100A/s - - - - - - - 1.4 60 0.3 41 164 2.0 - - A A V ns C
.420 (10.67) Max .110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min
.070 (1.78) Max Gate .100 (2.54)
Source Drain/Tab


▲Up To Search▲   

 
Price & Availability of NTE2389

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X