Part Number Hot Search : 
MA4P160 BAS16W AD6485 GD4066 C0201 MX365A 5KP180C MF4751A
Product Description
Full Text Search
 

To Download NANOSMDM075F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: NANOSMDM075F
DOCUMENT: SCD 24861 PCN: D53090 REV LETTER: B REV DATE: SEPTEMBER 17, 2001 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6.0V DC MAX Current: 40A
Notes: 1. All terminations are gold plated.
Partial coverage of plating with tin may occur without effect on solderability or electrical performance
2. Devices cannot be wave soldered. 3. Drawing not to scale.
Marking:
Manufacturer's Mark
07F
Part Identification
TABLE I. DIMENSIONS:
A B C D MIN MAX MIN MAX MIN MAX MIN MAX mm: 3.0 3.4 0.8 1.2 1.4 1.8 0.75 1.05 in:* (0.118) (0.134) (0.032) (0.047) (0.055) (0.071) (0.030) (0.041)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** RESISTANCE TRIPPEDVALUES STATE POWER DISSIPATION** SECONDS OHMS WATTS AT AT 25C, 8.0A AT 25C 25C, 6.0V MAX MIN MAX* MAX 0.20 0.10 0.29 0.6 TIME TO TRIP **
AMPERES AMPERES AMPERES AT 0C AT 25C AT 60C HOLD TRIP HOLD TRIP HOLD TRIP 0.85 1.70 0.75 1.50 0.52 1.04
*Maximum resistance is measured 1 hour after reflow. ** Values specified were determined using PCB's with 0.030"X1.5 ounce copper traces.
Reference Documents: Precedence: Effectivity: CAUTION:
PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
www..com
www..com www..com


▲Up To Search▲   

 
Price & Availability of NANOSMDM075F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X