Part Number Hot Search : 
FA7613CP BQ270 N1FXXAA2 HER308 3D25UM KRC660E L60S800 THC63
Product Description
Full Text Search
 

To Download MSC1450M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MSC1450M
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS Features
* * * * * * * REFRACTORY/GOLD METALLIZATION LOW THERMAL RESISTANCE RUGGEDIZED VSWR 25:1 INTERNAL INPUT / OUTPUT MATCHING METAL/CERAMIC HERMETIC PACKAGE POUT = 450 W MINIMUM 7 dB gain
DESCRIPTION:
The MSC1450M is a high-power pulsed transistor specifically designed for IFF avionics applications. This device is capable of withstanding a minimum 25:1 load mismatch at any phase angle under full rated conditions. The MSC1450M is housed in the unique BIGPACTM package with internal input/output matching structures.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol Parameter Value Unit
VCC IC PDISS TJ T STG
Collector-Supply Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
55 28 910 250 - 65 to + 200
V A W C C
Thermal Data
RTH(j-c) Junction-Case Thermal Resistance 0.15 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC1450M
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25 STATIC
Symbol Test Conditions Min. Value Typ. Max. Units
BVCBO BVEBO BVCER ICES hFE
IC = 15 mA IE = 1 mA IC = 50 mA VCE = 50V VCE = 5 V
IE = 0 mA IC = 0 mA RBE = 10 IC = 1 A
65 3.5 65 15 35 120
V V V mA
DYNAMIC
Symbol Test Conditions Min. Value Typ. Max. Units
POUT cC GP
Note:
f = 1090 MHz f = 1090 MHz f = 1090 MHz
Pulse width = 10Sec Duty Cycle = 1%
PIN = 90 W PIN = 90 W PIN = 90 W
VCC = 50 V VCC = 50 V VCC = 50 V
450 40 7
500
W % dB
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC1450M
TEST CIRCUIT
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC1450M
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MSC1450M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X