Part Number Hot Search : 
71103 2SB1034 1084229 37214 0100S 48D05 B2205 MRF6P
Product Description
Full Text Search
 

To Download MIE-534H4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Description
The MIE-534H4 is a GaAlAs infrared LED having a peak wavelength at 850nm. It features ultra-high power, high response speed and molded package with higher radiant intensity. In addition to improving the S/N ratio in applied optical systems, the MIE-534H4 has greatly improved long-distance characteristics as well as significantly increased its range of applicability .
SEE NOTE 2 1.00 (.040) 7.62 (.300) 5.05 (.200)
MIE-534H4
Unit: mm (inches)
Package Dimensions
5.47 (.215)
5.90 (.230)
FLAT DENOTES CATHODE
Features
l
Ultra-High radiant intensity High response speed Standard T-1 3/4 ( 5mm) package Peak wavelength P =850 nm Radiant angle : 30
0.50 TYP. (.020)
23.40 MIN (.920)
l
l
l l
1.00MIN. (.040) 2.54NOM. (.100) SEE NOTE 3
A
C
Application
l
Data communication SIR
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
l
Absolute Maximum Ratings '@ TA=25oC
Parameter Power Dissipation Peak Forward Current(300pps,10s pulse) Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 120 1 100 5 -55 C to +100 C -55 C to +100 C 260oC for 5 seconds
o o o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
11/17/2000
MIE-534H4
Optical-Electrical Characteristics @ TA=25oC
Parameter Radiant Intensity Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth View Angle Rise Time Fall Time
Relative Radiant Intensity
1
Test Conditions IF=20mA IF=50mA VR=5V IF=20mA IF=20mA IF=20mA IF=50mA IF=50mA
Symbol Ie VF IR 2 1/2 Tr Tf
Min.
Typ . 4.2 1.5 850 30 30 20 30
Max. 1.8 100
Unit mW/sr V nm nm deg . nsec nsec
Typical Optical-Electrical Characteristic Curves
0.5
0 750
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION
3
850
950
100
Forward Current (mA)
Output Power To Value IF=20mA
80 60 40 20 0 0.8
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40
o
Forward Voltage (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE
1.2
1.6
2.0
2.4
2.8
60
Ambient Temperature TA ( C ) FIG.3 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20
Output Power Relative To Value at IF=20mA
5
Relative Radiant Intensity
4 3 2 1
30 40 50 60 70 80 90 0.5 0.3 0.1 0.2 0.4 0.6
1.0 0.9 0.8
0 0 20 40 60 80 100
Forward Current (mA) FIG.4 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
Unity Opto Technology Co., Ltd.
11/17/2000


▲Up To Search▲   

 
Price & Availability of MIE-534H4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X