Part Number Hot Search : 
MTD502E FDB7030 RM033R7 S2415 20N06 CA3140A AK4543 SC530
Product Description
Full Text Search
 

To Download MIE-514H4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Description
The MIE-514H4 is a GaAlAs infrared LED having a peak wavelength at 850 nm . It feature ultra-high power, high response speed and molded in water clear plastic package, the MIE-514H4 have greatly improved long-distance characteristics as well as as significantly increased its range of applicability.
1.00 (.040) SEE NOTE 2 7.62 (.300) 5.05 (.200)
MIE-514H4
Unit: mm (inches)
Package Dimensions
5.47 (.215)
5.90 (.230)
Features
l
FLAT DENOTES CATHODE
Ultra-High radiant incidence High response speed High modulation bandwidth Standard T-1 3/4 ( 5mm ) package Radiation angle : 15 Peak wavelength p = 850 nm
A
1.00MIN. (.040) 2.54NOM. (.100) SEE NOTE 3 0.50 TYP. (.020) 23.40 MIN (.920)
l
l
l
l
l
C
Applications
l
Free air transmission systems with high -speed response
NOTES : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
l
SIR
Absolute Maximum Ratings @ TA=25oC
Parameter Power Dissipation Peak Forward Current(300pps,10s pulse) Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 120 1 100 5 -55 C to +100 C -55oC to +100oC 260oC for 5 seconds
o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
11/17/2000
MIE-514H4
Optical-Electrical Characteristics @ TA=25oC
Parameter Radiant Intensity Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth Half View Angle Rise Time Fall Time
Relative Radiant Intensity
1
Test Conditions IF=20mA IF=50mA VR=5V IF=20mA IF=20mA IF=20mA IF=50mA IF=50mA
Symbol
Min.
Typ. 8 1.5 850 30 15 20 30
Max. 1.8 100
Unit mW/sr V A nm nm deg . nsec nsec
Ie
VF IR p 21/2 Tr Tf
Typical Optical-Electrical Characteristic Curves
0.5
0 750 850 950
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION
100 3
Forward Current (mA)
80 60 40 20 0 0.8 1.2 1.6 2.0 2.4 2.8
Output Power To Value IF=20mA
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40
o
60
Forward Voltage(V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Output Power Relative To Value at IF=20mA Relative Radiant Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA ( C) FIG.3 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
Forward Current (mA) FIG.4 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
11/17/2000


▲Up To Search▲   

 
Price & Availability of MIE-514H4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X