Part Number Hot Search : 
5557R6 LN373GPH S1L53352 2SK635 ATMEGA KM3702AQ GLC555 B07P03
Product Description
Full Text Search
 

To Download MIC94052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC94052/94053
Micrel
MIC94052/94053
84m P-Channel MOSFET in SC-70-6 Final
General Description
The MIC94052/94053 are low on-resistance, 84m(max) Pchannel MOSFETs. They are housed in a TeenyTM SC-70-6 package. Designed for high-side switch applications where space is critical, the MIC94052/3 exhibit a typical on-resistance of 70m at 4.5V gate-to-source voltage. The devices operate down to 1.8V gate-to-source voltage. Their operating voltage range makes the MIC94052/3 ideal for Li Ion applications as well as other sub-5V load switch applications. The MIC94053 is an option that includes an internal gate pullup resistor. The pull-up resistor ensures that the P-channel MOSFET is OFF until actively pulled down. Integrating the pull-up resistor saves valuable board space and reduces component placement cost. The MIC94052/3 have a junction temperature range of -40C to +150C.
Features
* 1.8V to 5.5V input voltage range * Low on-resistance P-channel MOSFET: 70m at VGS = 4.5V (typ) 2A continuous current * VGS pull-up resistor (MIC94053) * TeenyTM SC-70-6 package * -40C to +150C junction temperature range
Applications
* Load switch in portable applications: Cellular phones PDAs MP3 players Notebook PCs Barcode scanners
Ordering Information
Part Number MIC94052BC6 MIC94053BC6 Gate-Source Pull Up NO YES Marking P52 P53 Junction Temp. Range -40C to +150C -40C to +150C Package SC-70-6 SC-70-6
Other voltages available. Contact Micrel for details.
Typical Application
MIC94053
VIN OFF (High) ON (Low) 4 S
3
G
D 1, 2, 5, 6
LOAD
Load Switch Application
Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 944-0970 * http://www.micrel.com
July 2002
1
MIC94052/94053
MIC94052/94053
Micrel
Pin Configuration
/ ! , , / ! , ,
" 5
# ,
$ ,
" 5
# ,
$ ,
MIC94052 SC-70-6 (C6)
MIC94053 SC-70-6 (C6)
Pin Description
Pin Number 1, 2, 5, 6 3 4 Pin Name D G S Pin Function Drain. Ensure that all drain pins are connected together to optimize RDS(ON) performance. Gate Source
MIC94052/94053
2
July 2002
MIC94052/94053
Micrel
Absolute Maximum Ratings (Note 1)
Drain-Source Voltage (VDS) .......................................... -6V Gate-Source Voltage (VGS) ........................................... -6V Continuous Drain Current (ID) Note 3 TA = 25C .................................................................. 2A TA = 85C ............................................................... 1.4A Pulsed Drain Current (IDP) Note 3 ................................ 6A Continous Diode Current (IS) Note 7 ....................... -50mA Power Dissipation Note 3 SC-70-6 lead (TA = 85C) ................................... 270mW Ambient Storage Temperature (TS) ......... -55C to +150C ESD Rating Note 4
Operating Ratings (Note 2)
Input Voltage Range ....................................... 1.8V to 5.5V Junction Temperature Range (TJ) ........... -40C to +150C Package Thermal Impedance Note 3 JA SC-70-6 lead ............................................... 240C/W
Electrical Characteristics
TA = 25C, unless otherwise specified. Bold values indicate -40C TJ +150C. Symbol Static VGS(th) IGSS RGS IDSS RDS(ON) Gate Threshold Voltage Gate Body Leakage (MIC94052 only) Gate-Source Resistance (MIC94053 only) Zero Gate Voltage Drain Current Drain-Source On-Resistance Note 8 VDS = VGS, ID = -250A VDS = 0V, VGS = -5.5V VDS = 0V, VGS = -5.5V VDS = -5.5V, VGS = 0V TJ = +85C VGS = -4.5V, IDS = -100 mA VGS = -3.6V, IDS = -100 mA VGS = -2.5V, IDS = -100 mA VGS = -1.8V, IDS = -100 mA VDD = -5V, ID = -0.5A, VGS = -4.5V, RGEN = 50 VDD = -5V, ID = -0.5A, VGS = -4.5V, RGEN = 50 VDD = -5V, ID = -0.5A, VGS = -4.5V, RGEN = 50 VDD = -5V, ID = -0.5A, VGS = -4.5V, RGEN = 50 70 76 92 125 250 400 -0.5 -1.2 100 550 -1 -5 84 110 130 180 V nA k A A m m m m Parameter Condition Min Typ Max Units
Dynamic, Note 6 td(on) tr td(off) tf
Note 1. Note 2. Note 3. Note 4. Note 5. Note 6. Note 7. Note 8.
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time
15 15 60 20
ns ns ns ns
TA = 25C unless otherwise noted. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its operating ratings. This device is not guaranteed to operate beyond its specified operating rating. Mounted on 1 square-inch pad of 2 oz. copper. IC devices are inherently ESD sensitive. Handling precautions required. Pulse test; pulse width = 300s, duty cycle = 2%. Guaranteed by design. Body diode current conduction is not recommended. Ensure that all drain pins are connected together to optimize RDS(ON) perfomance.
July 2002
3
MIC94052/94053
MIC94052/94053
Micrel
Typical Characteristics
VTH Variance vs. Temperature RDS(ON) Variance vs. Temperature
1.3 RDS(ON) (NORMALIZED) 1.2 1.1 1 0.9 0.8 V = -4.5V GS I = -1.8A D
0.8 0.7 0.6 VTH (V) 0.5 0.4 0.3 0.2 0.1
5 4 3 2 1
VDS vs. ID
3V VGS 4V VGS 1.5VGS
I = -250A D 0 0 1 2 3 VDS (V) 4 5
0 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C)
ID (A)
0.7 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C)
0.5 0.45 0.4 0.35 0.3 0.25 0.2 0.15 0.5A 0.1 0.05 0 0
On-Resistance vs. VGS
400
On-Resistance vs. ID
300 RDS(ON) (m)
1.8V VGS
RDS(ON) (m)
200
2.0A
2.5V VGS
100 4.5V VGS 0 1 3.3V VGS 2 3 4 CURRENT (A)
2 VGS(V)
4
6
0
5
MIC94052/94053
4
July 2002
MIC94052/94053
Micrel
Package Information
0.65 (0.0256) BSC
1.35 (0.053) 2.40 (0.094) 1.15 (0.045) 1.80 (0.071) 2.20 (0.087) 1.80 (0.071) DIMENSIONS: MM (INCH) 1.00 (0.039) 1.10 (0.043) 0.80 (0.032) 0.80 (0.032) 0.18 (0.007) 0.10 (0.004)
0.30 (0.012) 0.15 (0.006)
0.10 (0.004) 0.00 (0.000)
0.30 (0.012) 0.10 (0.004)
SC-70-6 Pin (C6)
MICREL, INC. 1849 FORTUNE DRIVE
TEL
SAN JOSE, CA 95131
WEB
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 944-0970
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc. (c) 2002 Micrel, Incorporated
July 2002
5
MIC94052/94053


▲Up To Search▲   

 
Price & Availability of MIC94052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X