Part Number Hot Search : 
MK316B 7705BN KT234510 U4606 MHV28515 2A100 FR1601 SD940
Product Description
Full Text Search
 

To Download MC74HC4040ADG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC4040A 12-Stage Binary Ripple Counter
High-Performance Silicon-Gate CMOS
The MC74C4040A is identical in pinout to the standard CMOS MC14040. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device consists of 12 master-slave flip-flops. The output of each flip-flop feeds the next and the frequency at each output is half of that of the preceding one. The state counter advances on the negative-going edge of the Clock input. Reset is asynchronous and active-high. State changes of the Q outputs do not occur simultaneously because of internal ripple delays. Therefore, decoded output signals are subject to decoding spikes and may have to be gated with the Clock of the HC4040A for some designs.
Features http://onsemi.com MARKING DIAGRAMS
16 16 1 PDIP-16 N SUFFIX CASE 648 MC74HC4040AN AWLYYWWG 1 16 16 1 SOIC-16 D SUFFIX CASE 751B 1 16 16 1 TSSOP-16 DT SUFFIX CASE 948F 1 16 16 1 SOEIAJ-16 F SUFFIX CASE 966 1 74HC4040A ALYWG HC40 40A ALYWG G HC4040AG AWLYWW
* * * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1 mA High Noise Immunity Characteristic of CMOS Devices In Compliance With JEDEC Standard No. 7A Requirements Chip Complexity: 398 FETs or 99.5 Equivalent Gates Pb-Free Packages are Available*
A = Assembly Location L, WL = Wafer Lot Y, YY = Year W, WW = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. 5
Publication Order Number: MC74HC4040A/D
MC74HC4040A
FUNCTION TABLE
Clock Reset L L H Output State No Charge Advance to Next State All Outputs Are Low
Clock
10
9 7 6 5 3 2 4 13 12 14 15 1
Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12
X
VCC 16
Q11 15
Q10 14
Q8 13
Q9 12
Reset Clock 11 10
Q1 9
Reset
11
Pin 16 = VCC Pin 8 = GND
1 Q12
2 Q6
3 Q5
4 Q7
5 Q4
6 Q3
7 Q2
8 GND
Figure 1. Logic Diagram
Figure 2. Pinout: 16-Lead Plastic Package (Top View)
ORDERING INFORMATION
Device MC74HC4040AN MC74HC4040ANG MC74HC4040AD MC74HC4040ADG MC74HC4040ADR2 MC74HC4040ADR2G MC74HC4040ADTR2 MC74HC4040ADTR2G MC74HC4040AF MC74HC4040AFG MC74HC4040AFEL MC74HC4040AFELG Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 2000 Units / Box 2000 Units / Box 48 Units / Rail 48 Units / Rail 2500 Units / Reel 2500 Units / Reel 2500 Units / Reel 2500 Units / Reel 50 Units / Rail 50 Units / Rail 2000 Units / Reel 2000 Units / Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
MC74HC4040A
II I IIIIIIIIIIIIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII III II I II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I III IIIIIIIIIIIIIIIIIIIIIII II II I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I III II IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
SymbolIIIIIIIIIIIIII Parameter VCC Vin DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Value Unit - 0.5 to + 7.0III V V V - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature Range - 65 to + 150 260 _C _C Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
II I I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII II I I II I I III I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I III I I III I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII III III IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I
Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature Range, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 0 0 0 + 125 1000 600 500 400 _C ns tr, tf VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 6.0 V
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol VIH
Parameter Minimum High-Level Input Voltage
Condition Vout = 0.1V or VCC -0.1V |Iout| 20mA
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0
Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 V Unit V
VIL
Maximum Low-Level Input Voltage
Vout = 0.1V or VCC - 0.1V |Iout| 20mA
V
VOH
Minimum High-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA Vin =VIH or VIL |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA
V
3.0 4.5 6.0 2.0 4.5 6.0
VOL
Maximum Low-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA
http://onsemi.com
3
MC74HC4040A
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC V 3.0 4.5 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 0.26 0.26 0.26 0.1 4 85C 0.33 0.33 0.33 1.0 40 125C 0.40 0.40 0.40 1.0 160 mA mA Unit
Symbol
Parameter
Condition Vin = VIH or VIL |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA
Iin ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin = VCC or GND Iout = 0mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 10 15 30 50 96 63 31 25 45 30 30 26 69 40 17 14 75 27 15 13 10 85C 9.0 14 28 45 106 71 36 30 52 36 35 32 80 45 21 15 95 32 19 15 10 125C 8.0 12 25 40 115 88 40 35 65 40 40 35 90 50 28 22 110 36 22 19 10 Unit MHz
Symbol fmax
Parameter Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4)
tPLH, tPHL
Maximum Propagation Delay, Clock to Q1* (Figures 1 and 4)
ns
tPHL
Maximum Propagation Delay, Reset to Any Q (Figures 2 and 4)
ns
tPLH, tPHL
Maximum Propagation Delay, Qn to Qn+1 (Figures 3 and 4)
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 4)
ns
Cin
Maximum Input Capacitance
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). * For TA = 25C and CL = 50 pF, typical propagation delay from Clock to other Q outputs may be calculated with the following equations: VCC = 2.0 V: tP = [93.7 + 59.3 (n-1)] ns VCC = 4.5 V: tP = [30.25 + 14.6 (n-1)] ns VCC = 3.0 V: tP = [61.5 + 34.4 (n-1)] ns VCC = 6.0V: tP = [24.4 + 12 (n-1)] ns Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Package)*
2f + I CC
31
pF
* Used to determine the no-load dynamic power consumption: PD = CPD VCC ON Semiconductor High-Speed CMOS Data Book (DL129/D).
VCC . For load considerations, see Chapter 2 of the
http://onsemi.com
4
MC74HC4040A
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol trec Parameter Minimum Recovery Time, Reset Inactive to Clock (Figure 2) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 30 20 5 4 70 40 15 13 70 40 15 13 1000 800 500 400 85C 40 25 8 6 80 45 19 16 80 45 19 16 1000 800 500 400 125C 50 30 12 9 90 50 24 20 90 50 24 20 1000 800 500 400 Unit ns
tw
Minimum Pulse Width, Clock (Figure 1)
ns
tw
Minimum Pulse Width, Reset (Figure 2)
ns
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
INPUTS Clock (Pin 10) OUTPUTS Q1 thru Q12 (Pins 9, 7, 6, 5, 3, 2, 4, 13, 12, 14, 15, 1)
Negative-edge triggering clock input. A high-to-low transition on this input advances the state of the counter.
Reset (Pin 11)
Active-high outputs. Each Qn output divides the Clock input frequency by 2N.
Active-high reset. A high level applied to this input asynchronously resets the counter to its zero state, thus forcing all Q outputs low.
SWITCHING WAVEFORMS
tf Clock 90% 50% 10% tw tPLH Q1 90% 50% 10% tTLH tTHL 1/fMAX tr VCC GND tPHL Reset tPHL Any Q 50% Clock trec tw 50% GND 50% GND VCC VCC
Figure 3.
Figure 4.
http://onsemi.com
5
MC74HC4040A
SWITCHING WAVEFORMS (continued)
TEST POINT Qn VCC 50% tPLH Qn+1 50% *Includes all probe and jig capacitance tPHL GND DEVICE UNDER TEST OUTPUT C L*
Figure 5.
Figure 6. Test Circuit
Q1 9
Q2 7
Q3 6
Q10 14
Q11 15
Q12 1
Clock
10
C
Q
C
Q
C
Q
C
Q
C
Q
C
Q
C R Reset 11
Q
C R
Q
C
Q
C
Q
C
Q
C
Q4 = Pin 5 Q5 = Pin 3 Q6 = Pin 2
Q7 = Pin 4 Q8 = Pin 13 Q9 = Pin 12
VCC = Pin 16 GND = Pin 8
Figure 7. Expanded Logic Diagram
http://onsemi.com
6
MC74HC4040A
Clock Reset Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 1 2 4 8 16 32 64 128 256 512 1024 2048 4096
Figure 8. Timing Diagram
APPLICATIONS INFORMATION
Time-Base Generator
A 60Hz sinewave obtained through a 100 K resistor connected to a 120 Vac power line through a step down transformer is applied to the input of the MC54/74HC14A, Schmitt-trigger inverter. The HC14A squares-up the input
waveform and feeds the HC4040A. Selecting outputs Q5, Q10, Q11, and Q12 causes a reset every 3600 clocks. The HC20 decodes the counter outputs, produces a single (narrow) output pulse, and resets the binary counter. The resulting output frequency is 1.0 pulse/minute.
VCC
1.0M 20pF
HC4040A Clock Q5 Q10 Q11 Q12
13 12 10 9 1/2 HC20 8
1 2 4 5
120Vac 60Hz
1/2 HC20
6
1.0 Pulse/Minute Output
NOTE:
Ground MUST be isolated by a transformer or opto-isolator for safety reasons.
Figure 9. Time-Base Generator
http://onsemi.com
7
MC74HC4040A
PACKAGE DIMENSIONS
PDIP-16 N SUFFIX CASE 648-08 ISSUE T
-A-
16 9
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 D SUFFIX CASE 751B-05 ISSUE J
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
8
MC74HC4040A
PACKAGE DIMENSIONS
TSSOP-16 DT SUFFIX CASE 948F-01 ISSUE A
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
J
N 0.15 (0.006) T U
S
0.25 (0.010) M
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
9
CCC EEE CCC EEE CCC
K1
SECTION N-N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HC4040A
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX CASE 966-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 0_ 10 _ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
MC74HC4040A/D


▲Up To Search▲   

 
Price & Availability of MC74HC4040ADG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X