|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Spice Model M100FF3 Electrical Characteristics and Maximum Ratings Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF (Vf) 25C Volts mA J-L L=.000 L=.125 L=.250 C/W C/W C/W 55C(1) 100C(2) 25C 100C Volts M100FF3 Amps Amps A A 10000 0.020 0.010 0.1 10 25.0 20 1 0.2 30 18 30 50 0.5 .130(3.3) MAX. A Part M50FFX M100FFX A .300(7.62) MAX. .350(8.89) MAX. 1.30(33.02) 1.00(25.4) .020 .003 (.50 .08) M160FFX Name IS N T RS TT C J0 VJ M EG X TI KF AF FC BV IBV Parameter Reverse leakage current Emission coefficient Temperature Diode series resistance Transit time Zero-bias junction capacitance Bulk junction potential Grading coefficient Energy-band gap Temperature coefficient Flicker-noise coefficient Flicker-noise exponent Coefficient for capacitance Diode breakdown voltage Diode breakdown current Value 1.00E-07 70 25 30 30 0.66 15.52 0.5 1.11 3 0 1 0.5 12000 100 Units Amps C Ohm nS pF Volts Volts Volts uAmps Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice. Voltage Multipliers, Inc. 8711 W. Roosevelt Ave. Visalia, CA 93291 Tel (559) 651-1402 Fax (559) 651-0740 www.voltagemultipliers.com |
Price & Availability of M100FF3 |