Part Number Hot Search : 
73F05 BC556 STU405D OM6019SA TDA8174W APT20M SH8J65TB 63X11
Product Description
Full Text Search
 

To Download LCA129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCA129
Single Pole OptoMOS(R) Relay
Load Voltage Load Current Max RON
LCA129 250 170 20
Units V mA
Description LCA129 is a 250V, 170mA 20 1-Form-A relay. It features high sensitivity with enhanced peak load current capability.
Features * Small 6 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified to: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information Part # LCA129 LCA129S LCA129STR Description 6 Pin DIP (50/Tube) 6 Pin Surface Mount (50/Tube) 6 Pin Surface Mount (1000/Reel)
Pin Configuration
LCA129 Pinout
AC/DC Configuration 1 2 3 6 5 4
LCA129 Pinout
DC Only Configuration 1 2 3 6 5 4
+ Control - Control Do Not Use
Load Do Not Use Load
+ Control - Control Do Not Use
+ Load - Load
10ms CONTROL LOAD 10%+ +90% TON 10%+ TOFF
DS-LCA129-R2
www.clare.com
1
LCA129
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +260 +220 C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) AC/DC Configuration DC Configuration Peak Load Current On-Resistance AC/DC Configuration DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance Input to Output Isolation Conditions 10ms IL=Load Current IL=Load Current VL=25OV IF=2mA, VL=10V IF =2mA, VL=10V 50V; f=1MHz IL=Load Current IF=5mA VR=5V Symbol VL IL IL ILPK RON ILEAK TON TOFF COUT IF IF VF VR IR CI/O VI/O Min 2 0.4 0.9 3750 Typ 12 4 50 3 0.7 1.2 3 Max 250 170 300 400 20 6 1 8 8 50 1.4 5 10 Units V mA mA mA A ms ms pF pF mA mA V V A pF VRMS
2
www.clare.com
Rev. 2
LCA129
Mechanical Dimensions
6 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 6.350 .127 (.250 .005) 9.144 .508 (.360 .020)
8.382 .635 (.330 .025) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
6-.800 DIA. (6-.031 DIA.) 9.144 (.360) 6.350 .127 (.250 .005)
2.540 .127 (.100 .005) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
.457 .076 (.018 .003)
5.080 .127 (.200 .005)
6 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
8.382 .635 (.330 .025) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005)
8.305 .127 (.327 .005)
.457 .076 (.018 .003)
1.499 .127 (.059 .005)
Tape and Reel Packaging for 6 Pin Surface Mount Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
6
16.002 .305 (.630 .012) 10.100 (.398)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.100 .102 (.398 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 2
www.clare.com
3
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-LCA129-R2 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 1/31/01


▲Up To Search▲   

 
Price & Availability of LCA129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X