Part Number Hot Search : 
36150 KAL25 39000 TSH22I 90110 D6025 2SC397 PSUH95
Product Description
Full Text Search
 

To Download LBA126PLTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LBA126L
Single Pole OptoMOS(R) Relays
Blocking Voltage Load Current Max RON
LBA126L 250 150 20
Units V mA
Features * Small 8 Pin DIP Package * Current Limit * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Description LBA126L is a Dual 1 Form-A solid state relay that has two independently controlled optically coupled MOSFETs with an additional current limiting circuit. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS architecture to provide 3750 VRMS of input to output isolation. The optically coupled inputs are controlled by highly efficient GaAIAs infrared LEDs. Dual pole OptoMOS relays provide a more compact design solution than discrete single pole relays in a variety of applications. The dual pole relays save board space by incorporating both relays in a single 8-pin package. Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * Certified to: * EN 60950 * EN 41003 * IEC950 * AS/NZS 3260
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information
Part # LBA126L LBA126PL LBA126PLTR LBA126LS LBA126LSTR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (50/Reel)
Pin Configuration
LBA126L Pinout
AC/DC Configuration + Control - Normally Closed - Control - Normally Closed + Control - Normally Open - Control - Normally Open 1 2 3 4 8 7 6 5 Normally Open Pole Normally Closed Pole
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL
Switching Characteristics of Normally Closed (Form B) Devices
10ms CONTROL
+ 90% LOAD 10% + TON 10%+ TOFF
90% + +10% TOFF
+
90% TON
DS-LBA126L-R1.0
www.clare.com
1
LBA126L
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Blocking Voltage DC or AC peak Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units 1501 50 1 250 5 8002 +85 +125 +260 +220 mW mA A V V mW VRMS C C C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current *(Continuous) AC/DC Configuration Peak Load Current On-Resistance AC/DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Load Current Limiting Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance CI/O 3 pF
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.
Conditions
Symbol
Min
Typ
Max
Units
10ms IL=150mA VL=250V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz
ION ILPK RON ILEAK TON TOFF COUT ICL 170 5 0.4 0.9 50 235 0.7 1.2 -
150 400 20 1 5 5 280 50 1.4 5 10
mA mA A ms ms pF mA mA mA V V A
IL=150mA IF=5mA VR=5V
IF VF VR IR
2
www.clare.com
Rev. 1.0
LBA126L
MECHANICAL DIMENSIONS
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
8 Pin Flatpack ("P" Suffix)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005) 1.193 (.047) .787 (.031)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .30 (.630 .012 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 1.0
www.clare.com
3
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice. Specification: DS-LBA126L-R1.0 (c)Copyright 2002, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 6/5/02


▲Up To Search▲   

 
Price & Availability of LBA126PLTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X