Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download L200-0IW-40D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTR
B
REVISION
DATE
12-06-05
APPD
RM
CHIP MATERIAL
InGaN
LENS COLOR
WATER CLEAR
EMISSION COLOR
INCAND. WHITE
Notes:
1. 2. 3. 4. 5. 6. ALL DIMS ARE IN MILLIMETERS (INCHES). TOLERANCE IS 0.25mm (.010") UNLESS OTHERWISE SPECIFIED. PROTRUDED RESIN UNDER FLANGE IS 1.0mm (.04") MAX. LEAD SPACING IS MEASURED WHERE LEADS EMERGE FROM THE PACKAGE. LEADS TO BE SOLDERABLE AND CAPABLE OF MEETING THE SOLDERABILITY REQUIREMENTS OF MIL-STD-202, METHOD 208. MANUFACTURE DATE SHALL NOT BE OLDER THAN 26 WEEKS (6 MONTHS). -PROPRIETARYR
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING-
ELECTROSTATIC SENSITIVE DEVICES
This document contains Proprietary information of LEDTRONICS, INC. It may not be copied, used or disclosed for any purpose without the prior express written consent of LEDTRONICS, INC.
TM TM
TITLE DWG NO DSDC316 CODE IDENT NO. 8Z410 DWG BY RM
L200-0IW-40D
SCALE 2:1 CHK BY PL 12-13-05 QA GZ 12-13-05 SHEET 1 OF 3 MNFG DATE 09-29-03 CUSTOMER
TM
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)
LTR
B
REVISION
DATE
12-06-05
APPD
RM
Absolute Maximum Ratings at Ta 25 25C
Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width Continuous Forward Current Derating Linear From 50C 50 C Reverse Voltage Electrostatic Discharge (ESD) Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [4mm (.157 ) From Body] (.157" MAX. 80 100 20 0.4 5 Unit mW mA mA mA/C mA/ C V
150 V -20C +80 C -20 C to +80C -30C +100 C -30 C to +100C 260C 260 C for 5 Seconds
Electrical Optical Characteristics at
Parameter
Luminous Intensity
Ta=25 =25C
Typ. 2400 40 3.5 --------Max. ----4.0 100 ------Unit mcd d Deg V uA ----uW/sr Test Condition If =20mA (Note 1) (Note 2) If=20mA VR=5V -------
Symbol Iv 2
1/2
Min. ---------------
Viewing Angle Forward Voltage Reverse Current SCP Lumens Radiant Intensity
Vf IR -------
Color Rank LTWW
Lower Left x y 0.405 0.365
Bin Limi ts (CIE1931 x, y coordinates) Lower Right Upper Right x x y y 0.460 0.435 0.375 0.436
Upper Left x y 0.425 0.427
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. 1/2 is the off-axis at which the luminous inensity is half the axial luminous intensity.
-PROPRIETARYR
This document contains Proprietary TM information of LEDTRONICS, INC. It may not be copied, used or disclosed for any purpose without the prior express TM written consent of LEDTRONICS, INC.
TM
TITLE DWG NO DSDC316-A CODE IDENT NO. 8Z410 DWG BY RM
L200-0IW-40D
SCALE NTS CHK BY QA SHEET 2 OF 3 MNFG DATE 12-06-05 CUSTOMER
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' 0 ,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)
LTR
B
REVISION
DATE
12-06-05
APPD
RM
Typical Electrical / Optical Characteristics Curves (25C Ambient Temperature Unless Otherwise Noted)
CIE 1931 Chromaticity Diagram
0.45
BIN 4 BIN 3 BIN 2 BIN 1 0.8 10
Spectral Radiance
0.43 0.41
Normalized Response
0.6
Y
0.39 0.37 0.35 0.35 0.37 0.39 0.41 0.43 0.45 0.47 0.49
0.4
0.2
0.0 380 420 460 500 540 580 620 660 700 740 780
X
Wavelength (nm)
Forward Current vs Forward Voltage
3
30 25 20 15 10 5 0 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9
Relative Luminous Intensity vs Forward Current
Forward Current If (mA)
Relative Intensity (LOP@20mA=1)
2.5 2 1.5 1 0. 5 0 0 5 10 15 20 25 30 35
Forward Voltage Vf (V)
Forward Current If (mA)
Beam Pattern
0C -30C 30C
Forward Current vs Derating Curve
60 50
Forward Current If (mA)
40 30 20 10
-60C
60C
-90C
1.0
08
0.6
0.4
0.2
0.2
0.4
0.6
0.8
90C 1. 0
0 0 10 20 30 40 50 60 70 80 90
Relative Intensity (LO P@M AX=1)
Derating Curve Ta (C)
-PROPRIETARYR
This document contains Proprietary TM LEDTRONICS, INC. information of It may not be copied, used or disclosed for any purpose without the prior express TM LEDTRONICS, INC. written consent of
TM
TITLE DWG NO DSDC316-B CODE DWG BY IDENT NO. RM 8Z410
L200-0IW-40D
SCALE NTS CHK BY QA SHEET 3 OF 3 MNFG DATE 12-06-05 CUSTOMER
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)


▲Up To Search▲   

 
Price & Availability of L200-0IW-40D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X