Part Number Hot Search : 
KBU1510 003900 45DCB EEVBE23 EETBE N5227 6248NM 29LV8
Product Description
Full Text Search
 

To Download IC1HA-68RD-127SHA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC Card Socket Connector Complies with PC card Standard
IC1 Series sFeatures
1. Compliant with PC Card Standards
Polarized entry prevents wrong insertion into a corresponding connector. And sequential contact engagement prevents electorostatic discharge,avoiding possible damage to sensitive board circuits.
2. Suited to Automatic Mounting
Packaged for a board placement with aoutmated equipment.
3. Lead Offset
Available with several board termination levels,to allow use of different height board components. In relation to the center line of connector,0.2mm,+0.3mm,+0.55mm,+0.9mm and terminations on board center are available.
-55c to +85c (Note 1) 95% R.H. max. (No condensation) Specification 1000M ohms min. No flashover or insulation breakdown. 40 m ohms max. (initial value) (Note 3) No electrical discontinuity of 100ns or more 500 V DC 500 V AC / 1 minute 1 mA Frequency: 10 to 2000 Hz, single amplitude of 1.52 mm or acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% -55c, 30 min /15 to 30c, within 5 min/85c, 30 min /15 to 35c, within 5 min, for 5 cycles 10000 cycles at 400 to 600 cycles per hour Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds Storage temperature Storage humidity Conditions -40c to +70c (Note 2) 40% to 70% (Note 2)
sProduct Specifications
Current rating 0.5 A Ratings Voltage rating 125 V AC Item 1. Insulation resistance 2. Withstanding voltage 3. Contact resistance 4. Vibration Operating temperature Operating humidity
5. Humidity (Steady state) Insulation resistance: 100 M ohms min. 6. Temperature cycle 7. Durability (Insertion/withdrawal) 8. Resistance to soldering heat No damage, cracks, or parts looseness. Change of contact resistance from the start should be 20 m ohms max. No deformation of components affecting performance.
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
sMaterials
Part Insulator Contact Material PPS IC1K,IC1HA:Phosphor bronze Others:Beryllium copper Finish Color : Black Contact Area : gold plating Lead Area : solder plating Remarks UL94V-0 -----------------
A52
sOrdering Information
IC1 F - * R D - 1.27 SH
1 1 2 2 3 4 5 6 7 Series name : IC1 BB: Compliant with PC Card Standards F: Compliant with PC Card Standards Lead offset type K: 3 4 5 6 7 Compliant with PC Card Standards Connector thickness: 2.7mm Suited to automatic mounting Contacts: 40, 68 R: Card Connector D: 2-row arrangement Contact pitch: 1.27mm Mounting method SH: Two sided board terminations SHA: Two sided board terminations SF: Single surface mount type. SFA: Single surface mount type. SFB: Single surface mount type. HA: Compliant with PC Card Standards Connector thickness: 2.8mm Connector thickness: 2.7mm Connector thickness: 2.7mm
s68 Contacts Card Connectors
qConnector thickness : 2.7mm qLead offset type qSuited to automatic mounting qSingle surface mount type
IC1K-68RD-1.27SFA CL640-0047-2
BPCB mounting pattern
Unit:mm Part Number IC1K-68RD-1.27SF IC1K-68RD-1.27SFA IC1K-68RD-1.27SFB CL No. 640-0046-0 640-0047-2 640-0048-5 A 2 2 3 B 0.3 0.9 ------C 5 5 6
A53
s68 Contacts Connector
qConnector thickness:2.7mm qSingle surface mount type
Compliant with PC Card Standard
IC1F-68RD-1.27SF CL640-0035-3
Unit:mm Part Number IC1F-68RD-1.27SF IC1F-68RD-1.27SFA CL No. A 640-0035-3 0.3 640-0040-3 0.854
s68 Contacts Connector
qConnector thickness:2.7mm qTwo sided board termination on the center line
Compliant with PC Card Standard
IC1F-68RD-1.27SH CL640-0013-0
* Recommended board thickness : 0.4 to 0.5mm
A54
s68 Contacts Connector
qConnector thickness:2.8mm qTwo sided board termination on the center line
Compliant with PC Card Standard
IC1BB-68RD-1.27SH CL640-0036-6
* Recommended board thickness : 0.4 to 0.5mm
s68 Contacts Connector
qConnector thickness:2.7mm qTwo sided board terminations qTwo Mounting levels of board terminations
Compliant with PC Card Standard
IC1HA-68RD-1.27SH CL640-0044-4
* Recommended board thickness : 0.4 to 0.5mm
1 For 0.45mm board thickness
Part Number IC1HA-68RD-1.27SH
CL No. 640-0044-4
IC1HA-68RD-1.27SHA 640-0045-7
A55


▲Up To Search▲   

 
Price & Availability of IC1HA-68RD-127SHA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X