Part Number Hot Search : 
180N75 C2412A DTC014EM MFC8021A MFC8021A MFC8021A 29LV0 28C01
Product Description
Full Text Search
 

To Download FDR842P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDR842P
December 2001
FDR842P
P-Channel 1.8V Specified PowerTrench MOSFET
General Description
This P-Channel -1.8V specified MOSFET uses Fairchild's advanced low voltage PowerTrench process. It has been optimized for battery power management applications.
Features
* -11 A, -12 V RDS(ON) = 9 m @ VGS = -4.5 V RDS(ON) = 12 m @ VGS = -2.5 V RDS(ON) = 16 m @ VGS = -1.8 V * Fast switching speed * High performance trench technology for extremely low RDS(ON) * High power and current handling capability
Applications
* Power management * Load switch * Battery protection
D S
D
S
5 6 4 3 2 1
SuperSOT -8
TM
D
D
D
G
7 8
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
-12 8
(Note 1a)
Units
V V A W
-11 -50 1.8 1.0 0.9 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
TJ, TSTG
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1)
70 20
C/W C/W
Package Marking and Ordering Information
Device Marking FDR842P Device FDR842P Reel Size 13'' Tape width 12mm Quantity 2500 units
2001 Fairchild Semiconductor Corporation
FDR842P Rev D (W)
FDR842P
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR VGS(th) VGS(th) TJ RDS(on)
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
ID = -250 A VGS = 0 V, ID = -250 A, Referenced to 25C VDS = -10 V, VGS = 8 V, VGS = -8 V, VGS = 0 V VDS = 0 V VDS = 0 V ID = -250 A
Min
-12
Typ
Max Units
V
Off Characteristics
-4.4 -1 100 -100 -0.4 -0.5 2.7 7 9 12 9 -50 56 5350 2135 1386 17 20 201 161 VDS = -6 V, VGS = -4.5 V ID = -11 A, 57 7 16 -1.5
(Note 2)
mV/C A nA nA V mV/C 9 12 16 12 m
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
VDS = VGS,
-1.5
ID = -250 A, Referenced to 25C VGS = -4.5 V, ID = -11 A VGS = -2.5 V, ID = -9.5 A VGS = -1.8 V, ID = -7.5 A VGS= - 4.5 V, ID = -11 A, TJ=125C VGS = -4.5 V, VDS = -5 V VDS = -5 V, ID = -11 A
ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD
On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
A S pF pF pF 30 35 322 258 80 ns ns ns ns nC nC nC A V
Dynamic Characteristics
VDS = -6 V, f = 1.0 MHz V GS = 0 V,
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -6 V, VGS = -4.5 V,
ID = -1 A, RGEN = 6
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = -1.5 A Voltage -0.6 -1.2
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) 70/W when mounted on a 1in2 pad of 2 oz copper
b) 125/W when 2 mounted on a .04 in pad of 2 oz copper
c) 135/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDR842P Rev D (W)
FDR842P
Typical Characteristics
60 VGS= -4.5V -2.5V 1.8 -1.8V -ID, DRAIN CURRENT (A) 45 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE -2.0V VGS = -1.8V 1.6 -2.0V 1.4 -2.5V 1.2 -3.0V -3.5V 1 -4.5V
30 -1.5V 15
0 0 0.5 1 1.5 2 -VDS, DRAIN TO SOURCE VOLTAGE (V)
0.8 0 15 30 -ID, DIRAIN CURRENT (A) 45 60
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.024 RDS(ON), ON-RESISTANCE (OHM) ID = -5.5A 0.019
1.3 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
ID = -11A VGS = -4.5V
1.2
1.1
0.014 TA = 25 C 0.009
o
1
TA = 125 oC
0.9
0.8 -50 -25 0 25 50 75 100
o
0.004
125
150
1
2
3
4
5
TJ, JUNCTION TEMPERATURE ( C)
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
70 -IS, REVERSE DRAIN CURRENT (A) VDS = -5V -ID, DRAIN CURRENT (A) 56 TA = -55 oC 25oC 125oC
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 VGS = 0V 10 1 0.1 0.01 0.001 0.0001 TA = 125oC 25 oC -55oC
42
28
14
0 0.6 1 1.4 1.8 2.2 -VGS, GATE TO SOURCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDR842P Rev D (W)
FDR842P
Typical Characteristics
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -11A 4 VDS = -4V 7500 -6V -8V 6000 CAPACITANCE (pF) CISS f = 1 MHz VGS = 0 V
3
4500 COSS 3000 CRSS 1500
2
1
0 0 20 40 Qg, GATE CHARGE (nC) 60 80
0 0 3 6 9 12 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 P(pk), PEAK TRANSIENT POWER (W) RDS(ON) LIMIT -ID, DRAIN CURRENT (A) 10 1s 1 VGS = -4.5V SINGLE PULSE RJA = 135 oC/W TA = 25oC 0.01 0.01 DC 100s 1ms 10ms 100ms 50
Figure 8. Capacitance Characteristics.
40
SINGLE PULSE RJA = 135C/W TA = 25C
30
20
0.1
10
0.1
1
10
100
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
RJA(t) = r(t) * RJA RJA = 135 C/W P(pk) t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
o
0.1
0.1 0.05 0.02 0.01
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
FDR842P Rev D (W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of FDR842P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X