Part Number Hot Search : 
D214ERU N1N961AU 280FM C2506 E000722 LT18T M54566DP KF200
Product Description
Full Text Search
 

To Download DFLU1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: DFLU1200
DFLU1200
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER PowerDI a123 Features
* * * * * * * * * * * * * *
Glass Passivated Die Construction Super-Fast Recovery Time for High Efficiency Low Forward Voltage Drop and High Current Capability Lead Free Finish, RoHS Compliant (Note 2) Green Molding Compound (No Br, Sb) Qualified to AEC-Q101 Standards for High Reliability
A
NEW PRODUCT
PowerDIa123 Dim
D H
Min 3.50 2.60 1.63 0.93 0.85 0.15 0.45 -- -- -- 0.90
Max 3.90 3.00 1.93 1.00 1.25 0.25 0.85 -- -- -- 1.30
Typ 3.70 2.80 1.78 0.98 1.00 0.20 0.65 1.35 1.10 0.20 1.05
A B C D E
Mechanical Data
Case: PowerDIa123 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Band Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 e3 Marking & Type Code Information: See Last Page Ordering Information: See Last Page Weight: 0.01 grams (approximate)
E L4 A L2 L3 C B E
H L L1 L2 L3 L4
L
L1
L
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Drop (Note 5) Peak Reverse Current at Rated DC Blocking Voltage (Note 5) Reverse Recovery Time (Note 4) Typical Total Capacitance (f = 1MHz, VR = 4VDC) Operating and Storage Temperature Range @ IF = 0.6A @ IF = 1.0A @ TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT Tj, TSTG
TA = 25C unless otherwise specified
DFLU1200 200 140 1.0 30 0.90 0.98 5.0 200 25 27 -65 to +150
Unit V V A A V mA ns pF C
Thermal Characteristics
Characteristic Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol PD RqJA RqJS Typ 3/4 116 3/4 Max 1.0 3/4 6 Unit W C/W C/W
Thermal Resistance Junction to Ambient (Note 1) Thermal Resistance Junction to Soldering (Note 3)
Notes: 1. 2. 3. 4. 5.
Device mounted on 1" x 1", Polymide PCB; 2 oz. Cu pad layout as shown on Diodes Inc. suggested pad layout document AP02001.pdf. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. Theoretical RqJS calculated from the top center of the die straight down to the PCB cathode tab solder junction. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. Short duration pulse test to minimize self-heating effect.
DS30601 Rev. 2 - 2
PowerDI is a trademark of Diodes Incorporated.
1 of 3 www.diodes.com
DFLU1200
a Diodes Incorporated
10
100
Tj = 150 C
IF, INSTANTANEOUS FORWARD CURRENT (A)
NEW PRODUCT
1
Tj = 75 C
10
Tj = 150 C
1
0.1
Tj = 125 C Tj = 25 C
Tj = 125 C
0.1
Tj = 75 C
0.01
0.01
Tj = -65 C
Tj = 25 C
.001
0.001
.0001
Tj = -65 C
0.0001
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
40
80
120
160
200
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
trr +0.5A
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 3 Reverse Recovery Time Characteristic and Test Circuit
DS30601 Rev. 2 - 2
PowerDI is a trademark of Diodes Incorporated.
2 of 3 www.diodes.com
DFLU1200
NEW PRODUCT
Ordering Information
Device DFLU1200-7
Notes:
(Note 6) Marking Code F15 Packaging PowerDIa123 Shipping 3000/Tape & Reel
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F15 = Product Type Marking Code (See Table Above) YM = Date Code Marking Y = Year (ex: S = 2005) M = Month (ex: 9 = September)
F15
Date Code Key Year Code Month Code Jan 1 2005 S Feb 2 March 3
2006 T Apr 4 May 5
YM
2007 U Jun 6 Jul 7 Aug 8
2008 V Sep 9 Oct O
2009 W Nov N Dec D
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30601 Rev. 2 - 2
PowerDI is a trademark of Diodes Incorporated.
3 of 3 www.diodes.com
DFLU1200


▲Up To Search▲   

 
Price & Availability of DFLU1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X