Part Number Hot Search : 
C4927 CX168 R42321 DS240 T1637 IPD60 C3102 DB3TG
Product Description
Full Text Search
 

To Download DFLS1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: DFLS1100
DFLS1100
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI a123
NEW PRODUCT
Features
* * * * * * * * * * * * * *
Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability Lead Free Finish, RoHS Compliant (Note 4) "Green" Molding Compound (No Br, Sb) Qualified to AEC-Q101 Standards for High Reliability
A D H
PowerDIa123 Dim A B C
B
Min 3.50 2.60 1.63 0.93 0.85 0.15 0.45 -- -- -- 0.90
Max 3.90 3.00 1.93 1.00 1.25 0.25 0.85 -- -- -- 1.30
Typ 3.70 2.80 1.78 0.98 1.00 0.20 0.65 1.35 1.10 0.20 1.05
Mechanical Data
Case: PowerDIa123 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Band Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 e3 Marking & Type Code Information: See Last Page Ordering Information: See Last Page Weight: 0.01 grams (approx.) @ TA = 25C unless otherwise specified
L4 L C
D E
E
H L L1 L2 L3 L4
L1
L
E
L2 L3 A
All Dimensions in mm
Maximum Ratings
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Operating Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IF(AV) IFSM Tj TSTG Value 100 71 1.0 40 -55 to +175 -55 to +175 Unit V V A A C C
Thermal Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol RqJA RqJS Typ 125 3/4 Max 3/4 7 Unit C/W C/W
Thermal Resistance Junction to Ambient (Note 1) Thermal Resistance Junction to Soldering (Note 2)
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage Leakage Current (Note 3) Total Capacitance
Notes:
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 100 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 36 Max 3/4 0.77 0.86 1 3/4 Unit V V mA pF Test Condition IR = 1mA IF = 1.0A IF = 2.0A VR = 100V, TA = 25C VR = 5VDC, f = 1MHz
1. Part mounted on FR-4 board with 2 oz., minimum recommended copper pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Theoretical RqJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction. 3. Short duration pulse test to minimize self-heating effect. 4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS30497 Rev. 4 - 2
PowerDI is a trademark of Diodes Incorporated.
1 of 3 www.diodes.com
DFLS1100
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
1,000
TA = 175C
NEW PRODUCT
1
TA = 175C
100
TA = 150C
0.1
10
TA = 150C TA = 125C
TA = 125C
1
TA = 75C
0.01
0.1
0.001
TA = 75C
0.01
TA = 25C
0.0001
TA = 25C
0.001
TA = -55C
TA = -55C
0.00001 0
0.0001
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
10
20
30
40
50
60
70
80
90 100
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1, Typical Forward Characteristics
100
f = 1MHz
VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
1.2
IF, DC FORWARD CURRENT (A)
CT, TOTAL CAPACITANCE (pF)
80
1.0
Note 1
0.8 0.6
60
40
0.4
20
0.2
0 0 5 10 15 20 25 30
25
50
75
100 125 150 175 200
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Total Capacitance
TA, AMBIENT TEMPERATURE ( C) Fig. 4 DC Forward Current Derating
DS30497 Rev. 4 - 2
PowerDI is a trademark of Diodes Incorporated.
2 of 3 www.diodes.com
DFLS1100
2
NEW PRODUCT
1.8
PF(AV), AVERAGE FORWARD POWER DISSIPATION (W)
IPK = 1 (DC) IAV
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 0.5 1 1.5 2 2.5 3 3.5 IF(AV), AVERAGE FORWARD CURRENT (A) Fig. 5 Forward Power Dissipation
Ordering Information
Device DFLS1100-7
Notes:
(Note 5) Packaging PowerDIa123 Shipping 3000/Tape & Reel
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F09
Date Code Key Year Code Month Code Jan 1 Feb 2 2004 R March 3 2005 S Apr 4
F09 = Product Type Marking Code YM = Date Code Marking Y = Year (ex: R = 2004) M = Month (ex: 9 = September)
YM
2006 T May 5 Jun 6
2007 U Jul 7 Aug 8
2008 V Sep 9 Oct O
2009 W Nov N Dec D
DS30497 Rev. 4 - 2
PowerDI is a trademark of Diodes Incorporated.
3 of 3 www.diodes.com
DFLS1100


▲Up To Search▲   

 
Price & Availability of DFLS1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X