Part Number Hot Search : 
72012 TFB4014 MSC1209 MMAD1107 NM60FD 1N5993 NCP16 EDS25
Product Description
Full Text Search
 

To Download CZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZT751 SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZT751 type is a PNP Silicon Transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high current applications. MARKING CODE: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VCBO VCEO VEBO IC PD TJ,Tstg JA 80 60 5.0 2.0 2.0 -65 to +150 62.5 UNITS V V V A W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(ON) TEST CONDITIONS VCB=80V VEB=4.0V IC=100A IC=10mA IE=10A IC=1.0A, IB=100mA IC=2.0A, IB=200mA IC=1.0A, IB=100mA VCE=2.0V, IC=1.0A MIN MAX 100 100 80 60 5.0 0.3 0.5 1.2 1.0 UNITS nA nA V V V V V V V
R3 (17-June 2004)
Central
SYMBOL hFE hFE hFE hFE fT TEST CONDITIONS
TM
CZT751 SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS: Continued MIN 75 75 75 40 75 MHz MAX UNITS
VCE=2.0V, IC=50mA VCE=2.0V, IC=500mA VCE=2.0V, VCE=2.0V, IC=1.0A IC=2.0A
VCE=5.0V, IC=50mA, f=100MHz
SOT-223 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) COLLECTOR 3) EMITTER 4) COLLECTOR MARKING CODE: FULL PART NUMBER
SYMBOL A B C D E F G H I J K L M
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0 10 0 10 0.059 0.071 1.50 1.80 0.018 --0.45 --0.000 0.004 0.00 0.10 15 15 0.009 0.014 0.23 0.35 0.248 0.264 6.30 6.70 0.114 0.122 2.90 3.10 0.130 0.146 3.30 3.70 0.264 0.287 6.70 7.30 0.024 0.033 0.60 0.85 0.091 2.30 0.181 4.60 SOT-223 (REV: R3)
R3 (17-June 2004)


▲Up To Search▲   

 
Price & Availability of CZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X