Part Number Hot Search : 
KA3021D 07A045 OP28204 2SD11 0232025 ELT3082 STK7404 ON2398
Product Description
Full Text Search
 

To Download CXTA44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXTA44 SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CXTA44 type is a surface mount epoxy molded silicon planar epitaxial transistors designed for extremely high voltage applications. MARKING CODE: FULL PART NUMBER
SOT-89 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA 450 400 6.0 300 1.2 -65 to +150 104 UNITS V V V mA W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICBO ICES IEBO BVCBO BVCES BVCEO BVEBO VCE(SAT) VCE(SAT) VCE(SAT) VBE(SAT) TEST CONDITIONS VCB=400V VCE=400V VBE=4.0V IC=100A IC=100A IC=1.0mA IE=10A IC=1.0mA, IB=0.1mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA MIN MAX 100 500 100 UNITS nA nA nA V V V V V V V V
450 450 400 6.0 0.40 0.50 0.75 0.75
R4 (20-May 2004)
Central
SYMBOL hFE hFE hFE hFE fT Cob Cib
TM
CXTA44 SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
MIN 40 50 45 20 20 7.0 130 MHz pF pF MAX 200 UNITS
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS: Continued TEST CONDITIONS VCE=10V, IC=1.0mA VCE=10V, IC=10mA VCE=10V, IC=50mA VCE=10V, IC=100mA VCE=10V, IC=10mA, f=10MHz VCB=20V, IE=0, f=1.0MHz VEB=0.5V, IC=0, f=1.0MHz
SOT-89 CASE - MECHANICAL OUTLINE
BOTTOM VIEW
DIMENSIONS INCHES MILLIMETERS MAX MIN MAX SYMBOL MIN A 0.055 0.067 1.40 1.70 B 4 4 C 0.014 0.018 0.35 0.46 D 0.173 0.185 4.40 4.70 E 0.064 0.074 1.62 1.87 F 0.146 0.177 3.70 4.50 G 0.090 0.106 2.29 2.70 H 0.028 0.051 0.70 1.30 J 0.014 0.019 0.36 0.48 K 0.017 0.023 0.44 0.58 L 0.059 1.50 M 0.118 3.00 SOT-89 (REV: R4)
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE MARKING CODE: FULL PART NUMBER
R4 (20-May 2004)


▲Up To Search▲   

 
Price & Availability of CXTA44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X